Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS14C239WM Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS14C239WM
Description  Dual Supply TIA/EIA-232 3 x 5 Driver/Receiver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS14C239WM Datasheet(HTML) 5 Page - National Semiconductor (TI)

  DS14C239WM Datasheet HTML 1Page - National Semiconductor (TI) DS14C239WM Datasheet HTML 2Page - National Semiconductor (TI) DS14C239WM Datasheet HTML 3Page - National Semiconductor (TI) DS14C239WM Datasheet HTML 4Page - National Semiconductor (TI) DS14C239WM Datasheet HTML 5Page - National Semiconductor (TI) DS14C239WM Datasheet HTML 6Page - National Semiconductor (TI) DS14C239WM Datasheet HTML 7Page - National Semiconductor (TI) DS14C239WM Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Parameter Measurement Information (Continued)
TLF11283 – 8
FIGURE 5 Receiver Disable Load Circuit
TLF11283 – 9
FIGURE 6 Receiver TRI-STATE Timing (tPHZ tPZH)
TLF11283 – 10
FIGURE 7 Receiver TRI-STATE Timing (tPLZ tPZL)
Pin Descriptions
VCC (pin 4) Power supply pin for the device a5V
(g10%)
V
a
(pin 5)
Positive supply for TIAEIA-232-E drivers
Specified at 75V minimum and 132V maximum
V
b
(pin 8)
Negative supply for TIAEIA-232-E drivers
Recommended external capacitor C2 e 10 mF (16V) This
supply is not intended to be loaded externally
C1
a
C1
b (pins 6 7)
External capacitor connection pins
Recommended capacitor10 mF (16V)
EN (pin 14)
Controls the Receiver output TRI-STATE Cir-
cuit A High level on this pin will disable the Receiver Out-
put
DIN 1–3 (pins 24 23 16) Driver input pins are TTLCMOS
compatible Inputs of unused drivers may be left open an
internal pull-up resistor (500 kX minimum typically 5 MX)
pulls input to VCC Output will be LOW for open inputs
DOUT 1–3 (pins 19 20 13) Driver output pins conform to
TIAEIA-232-E levels
RIN 1–5 (pins 2 21 18 12 9) Receiver input pins accept
TIAEIA-232-E input voltages (g15V) Receivers feature a
noise filter and guaranteed hysteresis of 100 mV Unused
receiver input pins may be left open Internal input resistor
(5 kX) pulls input LOW providing a failsafe HIGH output
ROUT 1–5 (pins 1 22 17 11 10) Receiver output pins
are TTLCMOS compatible Receiver output HIGH voltage
is specified for both CMOS and TTL load conditions
GND (pin 3)
Ground pin
http
www nationalcom
5


Similar Part No. - DS14C239WM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS14C232 NSC-DS14C232 Datasheet
232Kb / 12P
   Low Power 5V Powered TIA/EIA-232 Dual
logo
Texas Instruments
DS14C232 TI1-DS14C232 Datasheet
917Kb / 18P
[Old version datasheet]   DS14C232 Low Power 5V Powered TIA/EIA-232 Dual Driver/Receiver
DS14C232 TI1-DS14C232 Datasheet
938Kb / 18P
[Old version datasheet]   Low Power 5V Powered TIA/EIA-232 Dual Driver/Receiver
logo
Rochester Electronics
DS14C232B ROCHESTER-DS14C232B Datasheet
630Kb / 1P
   LOW POWER LINE TRANSCEIVER ideal for battery conscious applications
logo
National Semiconductor ...
DS14C232CM NSC-DS14C232CM Datasheet
232Kb / 12P
   Low Power 5V Powered TIA/EIA-232 Dual
More results

Similar Description - DS14C239WM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS14C535 NSC-DS14C535 Datasheet
122Kb / 8P
   5V Supply EIA/TIA-232 3 x 5 Driver/Receiver
logo
Texas Instruments
DS14C335 TI1-DS14C335_15 Datasheet
897Kb / 16P
[Old version datasheet]   3.3V Supply TIA/EIA-232 3 x 5 Driver/Receiver
logo
National Semiconductor ...
DSV14196 NSC-DSV14196 Datasheet
153Kb / 9P
   3.3V Supply EIA/TIA-232 5 Driver x 3 Receiver
DS14C335 NSC-DS14C335 Datasheet
179Kb / 9P
   3.3V Supply TIA/EIA-232 3 x 5 Driver/Receiver
logo
Texas Instruments
DS14C535 TI1-DS14C535_15 Datasheet
794Kb / 14P
[Old version datasheet]   5V Supply EIA/TIA-232 3 x 5 Driver/Receiver
logo
National Semiconductor ...
DS14185 NSC-DS14185 Datasheet
173Kb / 8P
   EIA/TIA-232 3 Driver x 5 Receiver
DS14196 NSC-DS14196 Datasheet
131Kb / 7P
   EIA/TIA-232 5 Driver x 3 Receiver
logo
Texas Instruments
DS14C335MSAX TI-DS14C335MSAX Datasheet
877Kb / 16P
[Old version datasheet]   DS14C335 3.3V Supply TIA/EIA-232 3 x 5 Driver/Receiver
DS14185WMX TI1-DS14185WMX Datasheet
900Kb / 15P
[Old version datasheet]   DS14185 EIA/TIA-232 3 Driver x 5 Receiver
logo
National Semiconductor ...
DS14C241 NSC-DS14C241 Datasheet
158Kb / 8P
   Single Supply TIA/EIA-232 4 x 5 Driver/Receiver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com