Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX11014 Datasheet(PDF) 47 Page - Maxim Integrated Products

Part # MAX11014
Description  Automatic RF MESFET Amplifier Drain-Current Controllers
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11014 Datasheet(HTML) 47 Page - Maxim Integrated Products

Back Button MAX11014 Datasheet HTML 43Page - Maxim Integrated Products MAX11014 Datasheet HTML 44Page - Maxim Integrated Products MAX11014 Datasheet HTML 45Page - Maxim Integrated Products MAX11014 Datasheet HTML 46Page - Maxim Integrated Products MAX11014 Datasheet HTML 47Page - Maxim Integrated Products MAX11014 Datasheet HTML 48Page - Maxim Integrated Products MAX11014 Datasheet HTML 49Page - Maxim Integrated Products MAX11014 Datasheet HTML 50Page - Maxim Integrated Products MAX11014 Datasheet HTML 51Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 69 page
background image
Automatic RF MESFET Amplifier
Drain-Current Controllers
______________________________________________________________________________________
47
Table 20. SHUT (Write)
Table 21. LDAC (Write)
BIT NAME
DATA BIT
RESET STATE
FUNCTION
X
D15–D12
X
Don’t care.
FULLPD
D11
1
Set to 1 to power down all internal blocks. FULLPD takes precedence
over any of the other power-down control bits. All commands in progress
are suspended and the DACs and ADC are disabled. The serial
interface remains functional. FULLPD is set to 1 on power-up. Set the
FULLPD bit to 0 after power-up and before writing any other commands
to activate all internal blocks.
FBGON
D10
0
Set to 1 to force the internal bandgap voltage block to power up, remain
powered up between conversions, and avoid the 50µs reference power-
up delay time. Forcing the internal reference to remain on increases the
power dissipation. Set FBGON to its default state of 0 to power the
bandgap voltage as required by the ADC.
WDGPD
D9
0
Set to 1 to turn off the watchdog oscillator. The watchdog oscillator
monitors the internal ALU and resets the logic state to the startup
condition after 80ms. This reduces power consumption but prevents the
self-monitoring function of the watchdog timer.
OSCPD
D8
0
Set to 1 to power down the internal oscillator. OSCPD is automatically
reset to 0 after receiving the next interface command.
PD2-3
D7
1
Set to 1 to power down the channel 2 current-sense amplifier.
PD2-2
D6
1
Set to 1 to power down the channel 2 gate-drive amplifier.
PD2-1
D5
1
Set to 1 to power down the channel 2 DAC summing node
(MAX11014)/DAC buffer (MAX11015). The summing node acts as a
buffer in the MAX11015.
PD2-0
D4
1
Set to 1 to power down the channel 2 DAC.
PD1-3
D3
1
Set to 1 to power down the channel 1 current-sense amplifier.
PD1-2
D2
1
Set to 1 to power down the channel 1 gate-drive amplifier.
PD1-1
D1
1
Set to 1 to power down the channel 1 DAC summing node
(MAX11014)/DAC buffer (MAX11015). The summing node acts as a
buffer in the MAX11015.
PD1-0
D0
1
Set to 1 to power down the channel 1 DAC.
BIT NAME
DATA BIT
RESET STATE
FUNCTION
X
D15–D2
X
Don’t care.
DACCH2
D1
N/A
Set to 1 to load the channel 2 DAC output register with the value stored
in the channel 2 DAC input register.
DACCH1
D0
N/A
Set to 1 to load the channel 1 DAC output register with the value stored
in the channel 1 DAC input register.


Similar Part No. - MAX11014

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11014 MAXIM-MAX11014 Datasheet
657Kb / 70P
   Automatic RF MESFET Amplifier Drain-Current Controllers
Rev 3; 11/08
MAX11014BGTM++ MAXIM-MAX11014BGTM+ Datasheet
657Kb / 70P
   Automatic RF MESFET Amplifier Drain-Current Controllers
Rev 3; 11/08
MAX11014 MAXIM-MAX11014_08 Datasheet
657Kb / 70P
   Automatic RF MESFET Amplifier Drain-Current Controllers
Rev 3; 11/08
More results

Similar Description - MAX11014

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11014 MAXIM-MAX11014_08 Datasheet
657Kb / 70P
   Automatic RF MESFET Amplifier Drain-Current Controllers
Rev 3; 11/08
logo
Filtronic Compound Semi...
LMA116 FILTRONIC-LMA116 Datasheet
160Kb / 4P
   2-10GHz MESFET Amplifier
LMA110B FILTRONIC-LMA110B Datasheet
106Kb / 4P
   .5-8GHz MESFET Amplifier
LMA184 FILTRONIC-LMA184 Datasheet
67Kb / 3P
   2-18 GHz MESFET Amplifier
LMA110A FILTRONIC-LMA110A Datasheet
80Kb / 3P
   .5-6 GHz MESFET Amplifier
LMA183 FILTRONIC-LMA183 Datasheet
64Kb / 3P
   2-18 GHz MESFET Amplifier
logo
Cree, Inc
CRF24010 CREE-CRF24010 Datasheet
745Kb / 10P
   10 W, SiC RF Power MESFET
CRF24060 CREE-CRF24060 Datasheet
637Kb / 10P
   60 W, SiC RF Power MESFET
CRF24010D CREE-CRF24010D Datasheet
843Kb / 8P
   10 W SiC RF Power MESFET Die
CRF24060D CREE-CRF24060D Datasheet
737Kb / 8P
   60 W SiC RF Power MESFET Die
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com