Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAX11014 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part No. MAX11014
Description  Automatic RF MESFET Amplifier Drain-Current Controllers
Download  69 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

MAX11014 Datasheet(HTML) 2 Page - Maxim Integrated Products

 
Zoom Inzoom in Zoom Outzoom out
 2 / 69 page
background image
Automatic RF MESFET Amplifier
Drain-Current Controllers
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
ELECTRICAL CHARACTERISTICS
(VGATEVSS = VAVSS = -5.5V to -4.75V, VAVDD = +4.75V to +5.25V, VDVDD = +2.7V to VAVDD, external VREFADC = +2.5V, external
VREFDAC = +2.5V, CREFADC = CREFDAC = 0.1µF, VOPSAFE1 = VOPSAFE2 = 0, VRCS1+ = VRCS2+ = +5V, CFILT1 = CFILT3 = 1nF, CFILT2 =
CFILT4 = 1nF, VAGND = VDGND = 0, VADCIN0 = VADCIN1 = 0, VACLAMP1 = VACLAMP2 = -5V, TJ = TMIN to TMAX, unless otherwise noted.
All typical values are at TJ = +25°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
CURRENT-SENSE AMPLIFIER (Note 1)
MAX11014
0.5
11.0
Common-Mode Input Voltage
Range
VRCS+
MAX11015
5
32
V
0.5V < VRCS_+ < 11V for the MAX11014
90
Common-Mode Rejection Ratio
CMRR
5V < VRCS_+ < 32V for the MAX11015
90
dB
IRCS+
200
Input-Bias Current
IRCS-
VSENSE < 100mV over the common-mode
range
±2
µA
Full-Scale Sense Voltage
VSENSE
VSENSE = VRCS+ - VRCS-
625
mV
To within ±0.5% accuracy
75
625
To within ±2% accuracy
20
625
Sense Voltage Range
To within ±20% accuracy
2
625
mV
Total Current Set Error
VSENSE = 75mV
±0.1
±0.5
%
Current-Sense Settling Time
tHSCS
Settles to within ±0.5% of final value
< 25
µs
Saturation Recovery Time
Settles to within ±0.5% accuracy, from
VSENSE = 1.875V
< 45
µs
CLASS AB INPUT CHANNEL
Untrimmed Offset
19
Bits
Offset Temperature Coefficient
0
Bits/
oC
Gain
4
Gain Error
0.1
%
AVDD to AGND .........................................................-0.3V to +6V
DVDD to DGND.........................................................-0.3V to +6V
AGND to DGND.....................................................-0.3V to +0.3V
AVSS to AGND ...........................................................-0.3V to -6V
RCS1+, RCS1-, RCS2+, RCS2- to GATEVSS
(MAX11014) ........................................................-0.3V to +13V
RCS1+, RCS1-, RCS2+, RCS2- to AGND
(MAX11015) ........................................................-0.3V to +34V
RCS1- to RCS1+.......................................................-6V to +0.3V
RCS2- to RCS2+.......................................................-6V to +0.3V
GATEVSS to AGND...................................................+0.3V to -6V
GATE1, GATE2 to AGND .....(GATEVSS - 0.3V) to (AVDD + 0.3V)
DVDD to AVDD..........................................-0.3V to (AVDD + 0.3V)
All Other Analog Inputs to AGND ............-0.3V to (AVDD + 0.3V)
PGAOUT1, PGAOUT2 to AGND ..............-0.3V to (AVDD + 0.3V)
SCLK/SCL, DIN/SDA, CS/A0, N.C./A2, CNVST, OPSAFE1,
OPSAFE2 to DGND.............................-0.3V to (DVDD + 0.3V)
DOUT/A1, SPI/I2C, ALARM, BUSY
to DGND ..............................................-0.3V to (DVDD + 0.3V)
Maximum Current into Any Pin............................................50mA
Continuous Power Dissipation (TA = +70°C)
48-Pin Thin QFN (derate 27.0mW/°C
above +70°C)..........................................................2162.2mW
Operating Temperature Range .........................-40°C to +105°C
Storage Temperature Range ...............................-60°C to 150°C
Junction Temperature ......................................................+150°C
Lead Temperature (soldering, 10s) .................................+300°C


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn