Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX11014 Datasheet(PDF) 65 Page - Maxim Integrated Products

Part # MAX11014
Description  Automatic RF MESFET Amplifier Drain-Current Controllers
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11014 Datasheet(HTML) 65 Page - Maxim Integrated Products

Back Button MAX11014 Datasheet HTML 61Page - Maxim Integrated Products MAX11014 Datasheet HTML 62Page - Maxim Integrated Products MAX11014 Datasheet HTML 63Page - Maxim Integrated Products MAX11014 Datasheet HTML 64Page - Maxim Integrated Products MAX11014 Datasheet HTML 65Page - Maxim Integrated Products MAX11014 Datasheet HTML 66Page - Maxim Integrated Products MAX11014 Datasheet HTML 67Page - Maxim Integrated Products MAX11014 Datasheet HTML 68Page - Maxim Integrated Products MAX11014 Datasheet HTML 69Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 65 / 69 page
background image
Automatic RF MESFET Amplifier
Drain-Current Controllers
______________________________________________________________________________________
65
Changing Clock Modes During ADC
Conversions
If the hardware configuration register’s CKSEL1 or
CKSEL0 bits are changed while the ADC is performing
a conversion (or series of conversions), the
MAX11014/MAX11015 reacts in one of three ways:
CKSEL1/CKSEL0 = 00 and is then changed to
another value:
The ADC completes the already triggered series of
conversions and then goes idle. The BUSY output
remains high until the conversions are completed.
The MAX11014/MAX11015 then responds according
to commands with the new clock mode.
CKSEL1/CKSEL0 = 01 and is then changed to
another value:
If waiting for the initial external trigger, the
MAX11014/MAX11015 immediately exit clock
mode 01, power down the ADC, and go idle.
If a conversion sequence is in progress, that conver-
sion is completed and then the ADC goes idle. The
BUSY output remains high until the conversions are
completed. The MAX11014/MAX11015 then respond
according to commands with the new clock mode.
CKSEL1/CKSEL0 = 11 and is then changed to
another value:
If waiting for an external trigger, the MAX11014/
MAX11015 immediately exit clock mode 11, power
down the ADC, and go idle. The BUSY output
stays low and waits for the external trigger.
If a conversion sequence is in progress, that con-
version is completed and then the ADC goes idle.
Applications Information
Layout Considerations
For the external temperature sensor to perform to spec-
ifications, care must be taken to place the
MAX11014/MAX11015 as close as is practical to the
remote diode. Traces of DXP_ and DXN_ should not be
routed across noisy lines and buses. DXP_ and DXN_
routes should be guarded by ground traces on either
sides and should be routed over a quiet ground plane.
Traces should be wide enough (> 10mm) to lower
inductance, which tends to pick up radiated noise.
BUSY
CNVST
WRITE TO THE ADC
CONVERSION REGISTER TO
SET UP THE SCAN
CH6 (EXTERNAL
TEMPERATURE) RESULT
LOADED INTO THE FIFO
CLOCK MODE TIMING EXAMPLE 2: COMMANDS A SCAN OF CHANNELS 5, 6, AND 10 WITH AN INTERNAL REFERENCE.
INTERNALLY*
INT REFERENCE POWERS UP IN 45
μs
TEMPERATURE CONVERSION IN
30
μs
IDLE, BUT REFERENCE
STAYS POWERED UP
IDLE, BUT REFERENCE
AND TEMPERATURE
SENSOR STAY
POWERED UP
END OF SCAN,
REFERENCE AND
TEMPERATURE SENSOR
POWER DOWN
AUTOMATICALLY
CH5 LOADED
INTO THE FIFO
CH10 LOADED
INTO THE FIFO
tPUINT
tACQ11
tCNV11
*ALL TIMING SPECIFICATIONS ARE TYPICAL.
Figure 32. Clock Mode 11 Timing Example 2


Similar Part No. - MAX11014

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11014 MAXIM-MAX11014 Datasheet
657Kb / 70P
   Automatic RF MESFET Amplifier Drain-Current Controllers
Rev 3; 11/08
MAX11014BGTM++ MAXIM-MAX11014BGTM+ Datasheet
657Kb / 70P
   Automatic RF MESFET Amplifier Drain-Current Controllers
Rev 3; 11/08
MAX11014 MAXIM-MAX11014_08 Datasheet
657Kb / 70P
   Automatic RF MESFET Amplifier Drain-Current Controllers
Rev 3; 11/08
More results

Similar Description - MAX11014

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11014 MAXIM-MAX11014_08 Datasheet
657Kb / 70P
   Automatic RF MESFET Amplifier Drain-Current Controllers
Rev 3; 11/08
logo
Filtronic Compound Semi...
LMA116 FILTRONIC-LMA116 Datasheet
160Kb / 4P
   2-10GHz MESFET Amplifier
LMA110B FILTRONIC-LMA110B Datasheet
106Kb / 4P
   .5-8GHz MESFET Amplifier
LMA184 FILTRONIC-LMA184 Datasheet
67Kb / 3P
   2-18 GHz MESFET Amplifier
LMA110A FILTRONIC-LMA110A Datasheet
80Kb / 3P
   .5-6 GHz MESFET Amplifier
LMA183 FILTRONIC-LMA183 Datasheet
64Kb / 3P
   2-18 GHz MESFET Amplifier
logo
Cree, Inc
CRF24010 CREE-CRF24010 Datasheet
745Kb / 10P
   10 W, SiC RF Power MESFET
CRF24060 CREE-CRF24060 Datasheet
637Kb / 10P
   60 W, SiC RF Power MESFET
CRF24010D CREE-CRF24010D Datasheet
843Kb / 8P
   10 W SiC RF Power MESFET Die
CRF24060D CREE-CRF24060D Datasheet
737Kb / 8P
   60 W SiC RF Power MESFET Die
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com