Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1756-L71 Datasheet(PDF) 1 Page - NHP Electrical Engineering Products

Part # 1756-L71
Description  CONTROLLOGIX 5571 PROCESSOR 2MB
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NHP [NHP Electrical Engineering Products]
Direct Link  https://www.nhp.com.au/
Logo NHP - NHP Electrical Engineering Products

1756-L71 Datasheet(HTML) 1 Page - NHP Electrical Engineering Products

  1756-L71 Datasheet HTML 1Page - NHP Electrical Engineering Products 1756-L71 Datasheet HTML 2Page - NHP Electrical Engineering Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Automation Systems > Modular Programmable Controllers > Large PLC Systems > Allen-Bradley ControlLogix® >
ControlLogix® and GuardLogix® Controllers > ControlLogix® L7x Controllers
CONTROLLOGIX 5571 PROCESSOR 2MB
1756-L71
Catalogue No:
·
Offer flexible user memory options
·
Communicates via EtherNet/IP™, ControlNet™,
DeviceNet™, Data Highway Plus™, Remote I/O,
SynchLink, and third-party process and device
networks
·
Includes conformal coating on products that include a
"K" in the catalogue number, to help protect in harsh
environments
Representative Photo Only
(actual product may vary based on configuration selections)
ControlLogix 5571 Processor 2MB
SPECIFICATIONS
Product Series
Component Type PLC & I/O
Memory, Controller
Memory Card Type
Memory Card, Installed
Memory Card Option
Communications Ports (On Board)
Communications Protocols
Maximum Digital I/O
Maximum Analogue I/O
Maximum Total I/O
Safety Controller
Software, Configuration
Weight
Power Dissipation, Max
Operating Temperature, Max
Operating Temperature, Min
Storage Temperature, Max
Storage Temperature, Min
Relative Humidity, Max
Humidity Type
Shock Rating
Vibration Acceleration (Max.)
Vibration Frequency, Operational (Max.)
ControlLogix (Bul. 1756 / 1757)
Controller
2 MB memory
SD
1 GB
SD Card
USB (programming only)
ControlNet
DeviceNet
EtherNet/IP
EtherNet/OCPP
Remote IO
DH+
SynchLink
128000
4000
128000
No
RSLogix5000 / Studio 5000 (Logix Designer)
0.25 kg
2.5 W
60 °C max
0 °C min
85 °C max
-40 °C min
95 %RH
Non-condensing
IEC 60068-2-27
2 m/s²
500 Hz
Page 1 of 2
21 June 2023,
1300 NHP NHP | nhp.com.au
|
0800 NHP NHP | nhp-nz.com
1756L71 Datasheet
NHP Electrical Engineering Products


Similar Part No. - 1756-L71

ManufacturerPart #DatasheetDescription
logo
NHP Electrical Engineer...
1756-L71S NHP-1756-L71S Datasheet
629Kb / 2P
   GUARDLOGIX 5571S PROCESSOR 2MB STD 1M SAFETY
21 June 2023,
More results

Similar Description - 1756-L71

ManufacturerPart #DatasheetDescription
logo
NHP Electrical Engineer...
1756-L72 NHP-1756-L72 Datasheet
606Kb / 2P
   CONTROLLOGIX 5572 PROCESSOR 4MB
21 June 2023,
5069-L320ER NHP-5069-L320ER Datasheet
749Kb / 2P
   COMPACTLOGIX 5380 PROCESSOR 2MB 40 NODES
8 June 2023,
1756-L71S NHP-1756-L71S Datasheet
629Kb / 2P
   GUARDLOGIX 5571S PROCESSOR 2MB STD 1M SAFETY
21 June 2023,
5069-L340ERS2 NHP-5069-L340ERS2 Datasheet
768Kb / 2P
   COMPACT GUARDLOGIX 5380 SIL2 PROCESSOR 42MB 90 NODES
8 June 2023,
5069-L320ERM NHP-5069-L320ERM Datasheet
750Kb / 2P
   COMPACTLOGIX 5380 PROCESSOR 2MB 40 NODES 8 AXIS M
8 June 2023,
1756-JMPR NHP-1756-JMPR Datasheet
425Kb / 1P
   CONTROLLOGIX JUMPER BARS
8 June 2023,
1756-A7 NHP-1756-A7 Datasheet
669Kb / 2P
   CONTROLLOGIX CHASSIS 7 SLOTS
8 June 2023,
1756-CN2 NHP-1756-CN2 Datasheet
475Kb / 2P
   CONTROLLOGIX CNET INTERFACE MODULE
8 June 2023,
1756-IF16H NHP-1756-IF16H Datasheet
631Kb / 2P
   CONTROLLOGIX 16AI HART MODULE
8 June 2023,
1756-A13 NHP-1756-A13 Datasheet
557Kb / 2P
   CONTROLLOGIX CHASSIS 13 SLOTS
8 June 2023,
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com