Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BLV99 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # BLV99
Description  UHF power transistor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLV99 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button BLV99 Datasheet HTML 2Page - NXP Semiconductors BLV99 Datasheet HTML 3Page - NXP Semiconductors BLV99 Datasheet HTML 4Page - NXP Semiconductors BLV99 Datasheet HTML 5Page - NXP Semiconductors BLV99 Datasheet HTML 6Page - NXP Semiconductors BLV99 Datasheet HTML 7Page - NXP Semiconductors BLV99 Datasheet HTML 8Page - NXP Semiconductors BLV99 Datasheet HTML 9Page - NXP Semiconductors BLV99 Datasheet HTML 10Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
September 1991
6
Philips Semiconductors
Product specification
UHF power transistor
BLV99/SL
List of components (see test circuit)
Notes
1. American Technical Ceramics type 100A or capacitor of the same quality.
2. The striplines are on a double copper-clad printed circuit board, with PTFE fibre-glass dielectric (
ε
r = 2.2),
thickness 1
32 inch.
COMPONENT
DESCRIPTION
VALUE
DIMENSIONS
CATALOGUE NO.
C1, C3, C8, C9
film dielectric trimmer
1.4 to 5.5 pF
2222 809 09001
C2
multilayer ceramic chip capacitor
(note 1)
4.7 pF
C4, C6, C10
multilayer ceramic chip capacitor
220 pF
C5
63 V electrolytic capacitor
1
µF
C7
multilayer ceramic chip capacitor
(note 1)
2.2 pF
L1
stripline (note 2)
50
48 mm
× 2.4 mm
L2
7 turns enamelled 0.4 mm copper
wire
50 nH
int. dia. 2 mm;
leads 2
× 5 mm
L3, L7
grade 3B Ferroxcube wideband HF
choke
4312 020 36642
L4, L5
stripline (note 2)
35
14 mm
× 4 mm;
L6
6 turns enamelled 1 mm copper wire 120 nH
int. dia. 6 mm;
length 10 mm;
leads 2
× 5 mm
L8
stripline (note 2)
50
31 mm
× 2.4 mm
L9
stripline (note 2)
50
29 mm
× 2.4 mm
R1, R2
0.4 W metal film resistor
10
Ω, 5%
Fig.7 Class-B test circuit at f = 900 MHz.
handbook, full pagewidth
MDA559
T.U.T.
L1
L8
L9
L4
L2
L6
R1
L3
L5
C6
C5
C4
C2
C10
50
+VCC
C7
L7
R2
,,,,,,
,,,,,,
,,,,,,,
,,,,,,,
C1
50
C3
C9
C8


Similar Part No. - BLV99

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
BLV99 ASI-BLV99 Datasheet
27Kb / 1P
   NPN SILICON RF POWER TRANSISTOR
logo
New Jersey Semi-Conduct...
BLV99 NJSEMI-BLV99 Datasheet
133Kb / 2P
   UHF power transistor
logo
eleflow technologies co...
BLV99 ELEFLOW-BLV99 Datasheet
43Kb / 1P
   UHF power transistor
logo
New Jersey Semi-Conduct...
BLV99SL NJSEMI-BLV99SL Datasheet
133Kb / 2P
   UHF power transistor
More results

Similar Description - BLV99

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BLU60-12 PHILIPS-BLU60-12 Datasheet
59Kb / 10P
   UHF power transistor
March 1986
logo
Motorola, Inc
MRA0510-50H MOTOROLA-MRA0510-50H Datasheet
60Kb / 4P
   UHF POWER TRANSISTOR
logo
NXP Semiconductors
BFG21W PHILIPS-BFG21W Datasheet
116Kb / 12P
   UHF power transistor
1998 Jul 06
BLT61 PHILIPS-BLT61 Datasheet
55Kb / 8P
   UHF power transistor
1998 Jan 28
BLV193 PHILIPS-BLV193 Datasheet
108Kb / 14P
   UHF power transistor
March 1993
BLV920 PHILIPS-BLV920 Datasheet
109Kb / 12P
   UHF power transistor
1997 Nov 17
BLV934 PHILIPS-BLV934 Datasheet
75Kb / 12P
   UHF power transistor
1995 Apr 11
BLV98CE PHILIPS-BLV98CE Datasheet
62Kb / 11P
   UHF power transistor
March 1993
BLW90 PHILIPS-BLW90 Datasheet
58Kb / 11P
   UHF power transistor
August 1986
logo
Motorola, Inc
TP3021 MOTOROLA-TP3021 Datasheet
88Kb / 4P
   UHF Power Transistor
logo
New Jersey Semi-Conduct...
BLT53 NJSEMI-BLT53 Datasheet
123Kb / 4P
   UHF power transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com