Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ZX5T869Z Datasheet(PDF) 4 Page - Zetex Semiconductors

Part No. ZX5T869Z
Description  25V NPN LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZX5T869Z Datasheet(HTML) 4 Page - Zetex Semiconductors

  ZX5T869Z Datasheet HTML 1Page - Zetex Semiconductors ZX5T869Z Datasheet HTML 2Page - Zetex Semiconductors ZX5T869Z Datasheet HTML 3Page - Zetex Semiconductors ZX5T869Z Datasheet HTML 4Page - Zetex Semiconductors ZX5T869Z Datasheet HTML 5Page - Zetex Semiconductors ZX5T869Z Datasheet HTML 6Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
ZX5T869Z
SEMICO NDUC TORS
ISSUE 2 - JUNE 2005
4
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT CONDITIONS
Collector-base breakdown voltage
BVCBO
60
120
V
IC =100 A
Collector-emitter breakdown voltage
BVCER
60
120
V
IC =1 A, RB
1k
Collector-emitter breakdown voltage
BVCEO
25
35
V
IC =10mA*
Emitter base breakdown voltage
BVEBO
7.0
8.1
V
IE =100 A
Collector cut-off current
ICBO
20
0.5
nA
A
VCB = 50V
VCB = 50V, Tamb=100 C
Collector cut-off current
ICER
R
1k
20
0.5
nA
A
VCB = 50V
VCB = 50V, Tamb=100 C
Emitter cut-off current
IEBO
10
nA
VEB =6V
Collector-emitter saturation voltage
VCE(SAT)
25
30
45
105
160
35
45
70
130
200
mV
mV
mV
mV
mV
IC =500mA,IB = 10mA*
IC =1A, IB = 100mA*
IC =1A, IB = 10mA*
IC =2A, IB = 10mA*
IC =6.5A, IB =150mA*
Base-emitter saturation voltage
VBE(SAT)
950
1050
mV
IC =6.5A, IB =150mA*
Base-emitter turn on voltage
VBE(ON)
860
960
mV
IC =6.5A, VCE =1V*
Static forward current transfer ratio
hFE
300
300
200
40
400
450
275
55
IC =10mA, VCE =1V*
IC =1A, VCE =1V*
IC =7A, VCE =1V*
IC =20A,VCE =1V*
Transition frequency
fT
150
IC =100mA,VCE = 10V
f=50MHz
Output capacitance
COBO
48
pF
VCB = 10V, f= 1MHz*
Switching times
tON
tOFF
33
464
ns
IC =1A, VCC = 10V,
IB1 =-IB2 = 100mA
ELECTRICAL CHARACTERISTICS (at Tamb = 25°C unless otherwise stated)
* Measured under pulsed conditions. Pulse width
300 s; duty cycle
2%.


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
ZXTDCM832 MPPS Miniature Package Power Solutions DUAL 50V NPN SILICON LOW SATURATION SWITCHING TRANSISTOR 1  2  3  4  5  More Zetex Semiconductors
WS628128 VERY LOW POWER / VOLTAGE COMS SRAM 128K X 8 BIT 1  2  3  4  5  More Wing Shing Computer Components
FAN4113 1.2V 36MHz Low Power Rail-to-Rail Amplifier 1  2  3  4  5  More Fairchild Semiconductor
PI1748DG-41H HIGH POWER DROP-IN ISOLATOR 1  PREMIER DEVICES, INC.
FTR-P3 COMPACT POWER RELAY 1 POLE-25 A FOR AUTOMOTIVE APPLICATIONS 1  2  3  4  5  More Fujitsu Component Limited.
PI1843DG-22H HIGH POWER DROP-IN ISOLATOR 1  PREMIER DEVICES, INC.
IRFP150VPBF HEXFET Power MOSFET 1  2  3  4  5  More International Rectifier
TPS3808G125 Low Quiescent Current Programmable-Delay Supervisory Circuit 1  2  3  4  5  More Texas Instruments
PI1843DG-41H HIGH POWER DROP-IN ISOLATOR 1  PREMIER DEVICES, INC.
NTTD4401F FETKY Power MOSFET and Schottky Diode 1  2  3  4  5  More ON Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn