Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZTLV431 Datasheet(PDF) 1 Page - Zetex Semiconductors

Part # ZTLV431
Description  1.24V Cost effective shunt regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZTLV431 Datasheet(HTML) 1 Page - Zetex Semiconductors

  ZTLV431 Datasheet HTML 1Page - Zetex Semiconductors ZTLV431 Datasheet HTML 2Page - Zetex Semiconductors ZTLV431 Datasheet HTML 3Page - Zetex Semiconductors ZTLV431 Datasheet HTML 4Page - Zetex Semiconductors ZTLV431 Datasheet HTML 5Page - Zetex Semiconductors ZTLV431 Datasheet HTML 6Page - Zetex Semiconductors ZTLV431 Datasheet HTML 7Page - Zetex Semiconductors ZTLV431 Datasheet HTML 8Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Issue 2 - June 2006
1
www.zetex.com
© Zetex Semiconductors plc 2006
ZTLV431
1.24V Cost effective shunt regulator
Description
The ZTLV431 is a three terminal adjustable shunt regulator offering
excellent temperature stability and output current handling capability up to
20mA. The output voltage may be set to any chosen voltage between 1.24
volts and 10 volts by selection of two external divider resistors.
The ZTLV431 can be used as a replacement for zener diodes in many
applications requiring an improvement in zener performance.
The ZTLV431 is available as standard as an A grade which has an initial
tolerance of 1%; a B grade is planned with an initial tolerance of 0.5%,
and all cover the -40°C to 125°C temperature range as standard.
Features
Low voltage operation VREF = 1.24V
Temperature range -40 to 125°C
Reference voltage tolerance at 25°C
0.5% ZTLV431B
1% ZTLV431A
Typical temperature drift
4 mV (0°C to 70°C)
6 mV (-40°C to 85°C)
11mV (-40°C to 125°C)
•100 A minimum cathode current
•0.25
typical output impedance
Adjustable output voltage 1.24V to 10V
Applications
Opto-coupler linearization
Linear regulators
Improved Zener
Variable reference
Ordering information
Tol.
Order code
Package Part mark Status (*)
NOTES:
(*) For availability of preview status devices contact your local Zetex sales representative
Reel size
Tape width
(mm)
Quantity
per reel
1%
ZTLV431AE5TA
SOT23-5
S1A
Preview
7” (180mm)
8
3,000
ZTLV431AFTA
SOT23
S1A
Active
7” (180mm)
8
3,000
ZTLV431AFFTA
SOT23F
S1A
Preview
7” (180mm)
8
3,000
0.5%
ZTLV431BE5TA
SOT23-5
S1B
Preview
7” (180mm)
8
3,000
ZTLV431BFTA
SOT23
S1B
Preview
7” (180mm)
8
3,000
ZTLV431BFFTA
SOT23F
S1B
Preview
7” (180mm)
8
3,000
1
Ref
ZTLV431_F (SOT23)
(top view)
Pin connections
Cathode 2
3 Anode
1
Ref
ZTLV431_FF (SOT23F)
(top view)
Cathode 2
3 Anode
Preview
ZTLV431_E5 (SOT23-5)
(top view)
N/C
N/C
Cathode
Anode
Ref
1
2
3
5
4
Preview


Similar Part No. - ZTLV431

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZTLV431 ZETEX-ZTLV431 Datasheet
224Kb / 8P
   1.24V Cost effective shunt regulator
logo
Diodes Incorporated
ZTLV431 DIODES-ZTLV431 Datasheet
296Kb / 8P
   1.24V Cost effective shunt regulator
ZTLV431 DIODES-ZTLV431 Datasheet
254Kb / 12P
   PWM high-efficiency LED driver control IC.
logo
Zetex Semiconductors
ZTLV431AE5TA ZETEX-ZTLV431AE5TA Datasheet
224Kb / 8P
   1.24V Cost effective shunt regulator
ZTLV431AFFTA ZETEX-ZTLV431AFFTA Datasheet
224Kb / 8P
   1.24V Cost effective shunt regulator
More results

Similar Description - ZTLV431

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
TLV431 ZETEX-TLV431_08 Datasheet
813Kb / 16P
   1.24V Cost effective shunt regulator
logo
Diodes Incorporated
ZTLV431 DIODES-ZTLV431 Datasheet
296Kb / 8P
   1.24V Cost effective shunt regulator
TLV431 DIODES-TLV431 Datasheet
895Kb / 14P
   1.24V COST EFFECTIVE SHUNT REGULATOR
logo
Zetex Semiconductors
ZTLV431 ZETEX-ZTLV431_07 Datasheet
224Kb / 8P
   1.24V Cost effective shunt regulator
logo
Diodes Incorporated
ZTL431 DIODES-ZTL431_17 Datasheet
445Kb / 12P
   COST EFFECTIVE ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Zetex Semiconductors
ZTL431 ZETEX-ZTL431 Datasheet
422Kb / 12P
   Cost effective adjustable precision shunt regulator
ZTL431 ZETEX-ZTL431_08 Datasheet
433Kb / 12P
   Cost effective adjustable precision shunt regulator
logo
Diodes Incorporated
ZTL431 DIODES-ZTL431 Datasheet
170Kb / 9P
   COST EFFECTIVE ADJUSTABLE PRECISION SHUNT REGULATOR
logo
List of Unclassifed Man...
B431L ETC1-B431L Datasheet
292Kb / 8P
   1.24V Adjustable Shunt Regulator
logo
Diodes Incorporated
TLV431Q DIODES-TLV431Q_18 Datasheet
1Mb / 14P
   AUTOMOTIVE-COMPLIANT 1.24V SHUNT REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com