Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMD1812P125TFA Datasheet(PDF) 1 Page - Littelfuse

Part # SMD1812P125TFA
Description  SMD Type, 6 V - 60 V
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SMD1812P125TFA Datasheet(HTML) 1 Page - Littelfuse

  SMD1812P125TFA Datasheet HTML 1Page - Littelfuse SMD1812P125TFA Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
040614
WebSite
Europe Tel: +49 2302 662-107
Americas Tel: +1 404 699-7820
Asia Tel: +852 26 14-1108
China Tel: +86 21 6432-5146
www.wickmanngroup.com E-mail: sales@wickmann.com
E-mail: service@wickmannusa.com E-mail: sales@wickmann.com.hk E-mail: sales@wickmann.cn
3.45
1.78
1.78
3.15
Dimensions (mm)
Solder pad Layout (mm)
Dimensions (mm)
SMD1812P010TS/TF
0.10
0.30
30
10
1.50 @ 0.50
0.8
1.600
7.000
15.000
SMD1812P014TS/TF
0.14
0.34
60
10
0.15 @ 1.50
0.8
1.500
4.000
6.000
SMD1812P020TS/TF
0.20
0.40
30
10
0.02 @ 8.00
0.8
0.800
2.900
5.000
SMD1812P050TS/TF
0.50
1.00
15
40
0.15 @ 8.00
0.8
0.150
0.600
1.000
SMD1812P075TS/TF
0.75
1.50
13.2
40
0.20 @ 8.00
0.8
0.110
0.260
0.450
SMD1812P075TS/TF/24
0.75
1.50
24
40
0.20 @ 8.00
0.8
0.110
0.200
0.290
SMD1812P110TS/TF
1.10
2.20
6
40
0.30 @ 8.00
0.8
0.040
0.120
0.210
SMD1812P110TS/TF/15*
1.10
1.95
15
40
0.50 @ 8.00
0.8
0.060
0.120
0.180
SMD1812P110TS/TF/16
1.10
1.95
16
40
0.50 @ 8.00
0.8
0.060
0.120
0.180
SMD1812P125TS/TF
1.25
2.50
15
40
0.40 @ 8.00
0.8
0.070
0.160
0.250
SMD1812P150TS/TF
1.50
3.00
6
40
0.50 @ 8.00
0.8
0.040
0.070
0.110
SMD1812P160TS/TF
1.60
2.80
6
40
1.00 @ 8.00
0.8
0.030
0.066
0.100
SMD1812P160TS/TF/8
1.60
2.80
8
40
1.00 @ 8.00
0.8
0.030
0.066
0.100
SMD1812P200TS/TF
2.00
3.50
8
40
2.00 @ 8.00
0.8
0.020
0.040
0.060
SMD1812P260TS/TF
2.60
5.20
6
40
2.50 @ 8.00
0.8
0.015
0.030
0.047
Permissible continuous operating current is ≤ 100 % at ambient temperature of 20 ºC (68 ºF).
NOTE:
I
hold =
Hold current: maximum current device will pass without tripping in 20 °C still air.
I
trip =
Trip current: minimum current at which the device will trip in 20 °C still air.
V
max =
Maximum voltage device can withstand without damage at rated current (I
max)
I
max =
Maximum fault current device can withstand without damage at rated voltage (V
max)
P
d =
Power dissipated from device when in the tripped state at 20 °C still air.
R
min=
Minimum resistance of device in initial (un-soldered) state.
R
1max=
Maximum resistance of device at 20 °C measured one hour after tripping for 20 s.
Caution: Operation beyond the specified rating may result in damage and possible arcing and flame.
Specifications are subject to change without notice
* obsolete
Model
I
hold
I
Trip
V
max. dc
I
max.
max. time to trip
P
d max.
Resistance
Approvals
(A)
(A)
(A)
(V)
(A)
(s @ A)
(W)
R
min.() R typ.()
R
I max.()
Order
Qty.
Order-
Model
Packaging
Information
Number
Model
A
B
C
D
E
packaging quantity
Min Max
Min Max
Min Max
Min
Min Max
tape
SMD1812P010TS/TF
4.37 4.73
3.07
3.41
0.75
1.25
0.30
0.25
0.65
SMD1812P014TS/TF
4.37 4.73
3.07
3.41
0.75
1.95
0.30
0.25
0.65
SMD1812P020TS/TF
4.37 4.73
3.07
3.41
0.55
1.00
0.30
0.25
0.65
SMD1812P050TS/TF
4.37 4.73
3.07
3.41
0.50
0.75
0.30
0.25
0.50
SMD1812P075TS/TF
4.37 4.73
3.07
3.41
0.50
0.75
0.30
0.25
0.50
SMD1812P075TS/TF/24
4.374.73
3.07
3.41
0.75
1.55
0.30
0.25
0.65
SMD1812P110TS/TF
4.37 4.73
3.07
3.41
0.50
0.75
0.30
0.25
0.50
SMD1812P110TS/TF/15
4.374.73
3.07
3.41
0.75
1.25
0.30
0.25
0.65
SMD1812P110TS/TF/16
4.374.73
3.07
3.41
0.75
1.25
0.30
0.25
0.65
SMD1812P125TS/TF
4.37 4.73
3.07
3.41
0.75
1.25
0.30
0.25
0.50
SMD1812P150TS/TF
4.37 4.73
3.07
3.41
0.75
1.25
0.30
0.25
0.50
SMD1812P160TS/TF
4.37 4.73
3.07
3.41
0.75
1.25
0.30
0.25
0.65
SMD1812P160TS/TF/8
4.37 4.73
3.07
3.41
0.75
1.25
0.30
0.25
0.65
SMD1812P200TS/TF
4.37 4.73
3.07
3.41
0.75
1.55
0.30
0.25
0.50
SMD1812P260TS/TF
4.37 4.73
3.07
3.41
1.00
1.60
0.30
0.25
0.50
1,500
1,500
2,000
2,000
2,000
1,500
2,000
1,500
1,500
1,500
1,500
1,500
1,500
1,500
1,000
POLYFUSE® RESETTABLE FUSES
Specifications
Packaging
A
Blistertape and reel Ø 178 mm
Materials
Terminals:
Solder-plated copper
TS: Solder Material: 63/37 SnPb
TF: Lead free plating on request
Max. Device Surface Temperature in Tripped State
125 °C
Operating / Storage Temperature
-40 ºC to +85 ºC (consider derating)
Humidity Ageing
+85 °C, 85 % R.H., 1000 hours, ± 5 % typical
resistance change
Vibration
MIL-STD-883C, Method 2007.1, Condition A,
no change
Thermal Shock
MIL-STD-202F, Method 107G
+85 °C to -40 °C 20 times, -30 % typical resistance
change
Solderability
Meets EIA Specification RS186-9E,
ANSI/J-STD-002, Category 3
Reflow only
Solvent Resistance
MIL-STD-202, Method 215, no change
Marking
“P”, Part Code
SMD Type, 6 V - 60 V
Standard
UL 1434 1st Edition
CSA C22.2 No. 0 CSA TIL No. CA-3A
Approvals
cULus Recognition
TÜV
Features
This product line is also designed for surface-
mount applications. The products with 1812-mil
footprint range in hold currents from 0.1 A to
2.6 A and voltage from 6 V to 60 V. These devices
are suited for PC mother board, computer periph-
eral products and general electronics applications.
Suitable for reflow soldering.
WebLinks
Further info see:
www.wickmanngroup.com
Further application info see fuseology:
www.wickmanngroup.com/download/fuseology.pdf
SMD1812
formerly No. 729
Please choose TS for SnPb and TF for Sn plating


Similar Part No. - SMD1812P125TFA

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
SMD1812P125TF LEIDITECH-SMD1812P125TF Datasheet
3Mb / 8P
   Positive Thermal Coefficent Diodes
SMD1812P125TF-16 LEIDITECH-SMD1812P125TF-16 Datasheet
3Mb / 8P
   Positive Thermal Coefficent Diodes
More results

Similar Description - SMD1812P125TFA

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SMD2920 LITTELFUSE-SMD2920 Datasheet
93Kb / 2P
   POLYFUSE RESETTABLE FUSES SMD Type, 6 V - 60 V
SMD1206 LITTELFUSE-SMD1206 Datasheet
86Kb / 2P
   SMD Type, 6 V - 30 V
logo
List of Unclassifed Man...
SMD0805 ETC1-SMD0805 Datasheet
80Kb / 2P
   SMD Type, 6 V / 9 V / 15V
logo
Texas Instruments
TPS1663 TI1-TPS1663 Datasheet
2Mb / 30P
[Old version datasheet]   60-V, 6-A Power Limiting eFuse
logo
Vishay Siliconix
SIC462 VISHAY-SIC462 Datasheet
1Mb / 23P
   4.5 V to 60 V Input, 6 A Synchronous Buck Regulator
Rev. D, 13-Mar-17
logo
EUROQUARTZ limited
EMV62GT EUROQUARTZ-EMV62GT Datasheet
154Kb / 1P
   HCMOS 6 pad SMD, V Group
EMV64GT EUROQUARTZ-EMV64GT Datasheet
156Kb / 1P
   HCMOS 6 pad SMD, V Group
EMV62T EUROQUARTZ-EMV62T Datasheet
148Kb / 1P
   HCMOS 6 pad SMD, V Group
EMV64T EUROQUARTZ-EMV64T Datasheet
150Kb / 1P
   HCMOS 6 pad SMD, V Group
logo
STMicroelectronics
STA516B STMICROELECTRONICS-STA516B Datasheet
179Kb / 13P
   60 V 6 A quad power half bridge
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com