Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMD1206P150TFA Datasheet(PDF) 2 Page - Littelfuse

Part # SMD1206P150TFA
Description  SMD Type, 6 V - 30 V
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SMD1206P150TFA Datasheet(HTML) 2 Page - Littelfuse

  SMD1206P150TFA Datasheet HTML 1Page - Littelfuse SMD1206P150TFA Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
040617
WebSite
Europe Tel: +49 2302 662-107
Americas Tel: +1 404 699-7820
Asia Tel: +852 26 14-1108
China Tel: +86 21 6432-5146
www.wickmanngroup.com E-mail: sales@wickmann.com
E-mail: service@wickmannusa.com E-mail: sales@wickmann.com.hk E-mail: sales@wickmann.cn
0.10
1.00
10.00
Fault Current (A)
0.01
0.10
1.00
10.00
100.00
AC
D
B
A: SMD1206P012TS/TF
B: SMD1206P016TS/TF
C: SMD1206P020TS/TF
D: SMD1206P025TS/TF
Thermal Derating Chart
Model
Ambient Operation Temperature - I
hold (A)
-40 °C
-20 °C
0 °C
23 °C
40 °C
50 °C
60 °C
70 °C
85 °C
SMD1206P012TS/TF
0.18
0.16
0.14
0.125
0.10
0.09
0.08
0.07
0.05
SMD1206P016TS/TF
0.22
0.20
0.18
0.16
0.14
0.12
0.10
0.09
0.08
SMD1206P020TS/TF
0.28
0.25
0.23
0.20
0.17
0.15
0.14
0.12
0.09
SMD1206P025TS/TF
0.37
0.33
0.29
0.25
0.22
0.20
0.17
0.15
0.12
SMD1206P035TS/TF
0.50
0.45
0.40
0.35
0.30
0.27
0.24
0.21
0.15
SMD1206P035TS/TF/15
0.50
0.65
0.40
0.35
0.30
0.27
0.24
0.21
0.15
SMD1206P050TS/TF
0.71
0.64
0.57
0.50
0.42
0.39
0.35
0.31
0.25
SMD1206P075TS/TF
1.14
1.01
0.88
0.75
0.65
0.59
0.54
0.49
0.41
SMD1206P100TS/TF
1.45
1.31
1.15
1.00
0.84
0.77
0.69
0.61
0.48
SMD1206P150TS/TF
2.18
1.94
1.72
1.50
1.28
1.17
1.06
0.96
0.77
0.10
1.00
10.00
Fault Current (A)
0.01
0.10
1.00
10.00
100.00
A
B
C
D
E
A:SMD1206P035TS/TF
B:SMD1206P050TS/TF
C: SMD1206P075TS/TF
D:SMD1206P100TS/TF
E:SMD1206P150TS/TF
POLYFUSE® RESETTABLE FUSES
SMD1206


Similar Part No. - SMD1206P150TFA

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
SMD1206P150TF SUNMATE-SMD1206P150TF Datasheet
1Mb / 6P
   POSITIVE THERMAL COEFFICIENT(PTC)
logo
Shanghai Leiditech Elec...
SMD1206P150TF LEIDITECH-SMD1206P150TF Datasheet
2Mb / 7P
   Positive Thermal Coefficent Diodes
More results

Similar Description - SMD1206P150TFA

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SMD1812 LITTELFUSE-SMD1812 Datasheet
85Kb / 2P
   SMD Type, 6 V - 60 V
logo
List of Unclassifed Man...
SMD0805 ETC1-SMD0805 Datasheet
80Kb / 2P
   SMD Type, 6 V / 9 V / 15V
logo
Littelfuse
SMD2920 LITTELFUSE-SMD2920 Datasheet
93Kb / 2P
   POLYFUSE RESETTABLE FUSES SMD Type, 6 V - 60 V
logo
EUROQUARTZ limited
EMV62GT EUROQUARTZ-EMV62GT Datasheet
154Kb / 1P
   HCMOS 6 pad SMD, V Group
EMV64GT EUROQUARTZ-EMV64GT Datasheet
156Kb / 1P
   HCMOS 6 pad SMD, V Group
EMV62T EUROQUARTZ-EMV62T Datasheet
148Kb / 1P
   HCMOS 6 pad SMD, V Group
EMV64T EUROQUARTZ-EMV64T Datasheet
150Kb / 1P
   HCMOS 6 pad SMD, V Group
logo
PHOENIX CONTACT
1771130 PHOENIX-1771130 Datasheet
140Kb / 5P
   PTSM 0,5/ 6-2,5-V SMD R44
logo
NXP Semiconductors
PMT29EN NXP-PMT29EN Datasheet
190Kb / 15P
   30 V, 6 A N-channel Trench MOSFET
Rev. 1-31 August 2011
logo
Nexperia B.V. All right...
PMT29EN NEXPERIA-PMT29EN Datasheet
462Kb / 16P
   30 V, 6 A N-channel Trench MOSFET
Rev. 1 - 31 August 2011
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com