Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

121-F-111 Datasheet(PDF) 1 Page - WECO ELECTRICAL CONNECTORS INC.

Part # 121-F-111
Description  Plug connector Spring clamp connection
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WECO [WECO ELECTRICAL CONNECTORS INC.]
Direct Link  https://wecoconnectors.com/en/
Logo WECO - WECO ELECTRICAL CONNECTORS INC.

121-F-111 Datasheet(HTML) 1 Page - WECO ELECTRICAL CONNECTORS INC.

  121-F-111 Datasheet HTML 1Page - WECO ELECTRICAL CONNECTORS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TECHNICAL DATA SHEET
121-F-111
Plug connector
Spring clamp connection
07.19
MATERIAL
Moulding
PA, grey, V-0
Comparative Tracking Index
CTI ≥ 600
Insulating Group
I
Temperature Range
-40°C up to 100°C
Pressure clamp
Copper alloy, tin plated
Tension spring
Stainless strip steel
Spring
Copper alloy, tin plated
OPTIONS / ACCESSORIES
• Consecutive numbering
• Special marking according to drawing
• Self-adhesive marking strip BST-5,08
• Coding elements 120-K
• Connectors equipped with coding elements on request
• Strain relief
• Terminal pliers 120-F
CONFIGURATIONS
Poles Part number
Article number
Length (L)
Packaging
PU
2 121-F-111/02
12.808.901
10,00 mm
Box
200
3 121-F-111/03
13.808.952
15,24 mm
Box
200
4 121-F-111/04
14.808.952
20,32 mm
Box
100
5 121-F-111/05
15.808.952
25,40 mm
Box
100
6 121-F-111/06
16.808.952
30,48 mm
Box
100
GENERAL INFORMATION
Pitch
5,08 mm
No. of poles
2 - 12
Usable with
all pin strips of series 121
TECHNICAL DATA
Clamping Range
solid / stranded / AWG
0,2 - 4 mm² / 0,2 - 2,5 mm² / 24 - 12 AWG
Rated Cross Section
2,5 mm²
Wire Stripping Length
8,5 mm ± 0,5 mm
Overvoltage Category
II
Pollution Severity Level
2
Rated Voltage
320 V
Rated Impulse Voltage
2,5 kV
Rated Insulation Voltage
130 V acc. to EN 60998-1
Rated Current
12 A
WECO Electrical Connectors Inc., 18050 Trans-Canada Highway,
Kirkland, Québec, Canada, H9J 4A1
Phone: 800.724.2928 | Phone: 514.694.9136 | Fax: 514.694.0956
weco@wecoconnectors.com
© Copyright by WECO
All rights reserved.WECO® is a brand of the WECO Group.
Information provided in this document may be changed without prior notice.
Please refer to our website for the full disclaimer.


Similar Part No. - 121-F-111

ManufacturerPart #DatasheetDescription
logo
WECO ELECTRICAL CONNECT...
121-F-211 WECO-121-F-211 Datasheet
86Kb / 1P
   Plug connector Spring clamp connection, with pusher
07.19
121-F-211/02 WECO-121-F-211/02 Datasheet
86Kb / 1P
   Plug connector Spring clamp connection, with pusher
07.19
121-F-211/03 WECO-121-F-211/03 Datasheet
86Kb / 1P
   Plug connector Spring clamp connection, with pusher
07.19
121-F-211/04 WECO-121-F-211/04 Datasheet
86Kb / 1P
   Plug connector Spring clamp connection, with pusher
07.19
121-F-211/05 WECO-121-F-211/05 Datasheet
86Kb / 1P
   Plug connector Spring clamp connection, with pusher
07.19
More results

Similar Description - 121-F-111

ManufacturerPart #DatasheetDescription
logo
WECO ELECTRICAL CONNECT...
120-F-111 WECO-120-F-111 Datasheet
73Kb / 1P
   Plug connector Spring clamp connection
07.19
122-F-111 WECO-122-F-111 Datasheet
64Kb / 1P
   Plug connector Spring clamp connection
07.19
122-F-211 WECO-122-F-211 Datasheet
69Kb / 1P
   Plug connector Spring clamp connection, with pusher
07.19
121-F-211 WECO-121-F-211 Datasheet
86Kb / 1P
   Plug connector Spring clamp connection, with pusher
07.19
120-F-211 WECO-120-F-211 Datasheet
86Kb / 1P
   Plug connector Spring clamp connection, with pusher
07.19
logo
Weidmuller
1826200000 WEIDMULLER-1826200000 Datasheet
240Kb / 4P
   Spring connection with tension clamp Technology
17.04.2020
logo
PHOENIX CONTACT
1848710 PHOENIX-1848710 Datasheet
871Kb / 12P
   Plug component, Push-in spring connection
1864121 PHOENIX-1864121 Datasheet
1Mb / 9P
   Plug component, Push-in spring connection
1848642 PHOENIX-1848642 Datasheet
398Kb / 12P
   Plug component, Push-in spring connection
1848749 PHOENIX-1848749 Datasheet
1,019Kb / 12P
   Plug component, Push-in spring connection
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com