Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SFR9220 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part No. SFR9220
Description  Advanced Power MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

SFR9220 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  SFR9220 Datasheet HTML 1Page - Fairchild Semiconductor SFR9220 Datasheet HTML 2Page - Fairchild Semiconductor SFR9220 Datasheet HTML 3Page - Fairchild Semiconductor SFR9220 Datasheet HTML 4Page - Fairchild Semiconductor SFR9220 Datasheet HTML 5Page - Fairchild Semiconductor SFR9220 Datasheet HTML 6Page - Fairchild Semiconductor SFR9220 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
P-CHANNEL
POWER MOSFET
Electrical Characteristics (T
C=25
oC unless otherwise specified)
Drain-Source Breakdown Voltage
Breakdown Voltage Temp. Coeff.
Gate Threshold Voltage
Gate-Source Leakage , Forward
Gate-Source Leakage , Reverse
Characteristic
Symbol
Max. Units
Typ.
Min.
Test Condition
Static Drain-Source
On-State Resistance
Forward Transconductance
Input Capacitance
Output Capacitance
Reverse Transfer Capacitance
Turn-On Delay Time
Rise Time
Turn-Off Delay Time
Fall Time
Total Gate Charge
Gate-Source Charge
Gate-Drain( “ Miller “ ) Charge
g
fs
C
iss
C
oss
C
rss
t
d(on)
t
r
t
d(off)
t
f
Q
g
Q
gs
Q
gd
BV
DSS
∆BV/∆T
J
V
GS(th)
R
DS(on)
I
GSS
I
DSS
V
V/
oC
V
nA
µA
pF
ns
nC
--
--
--
--
--
--
--
--
--
--
--
--
--
V
GS=0V,ID=-250µA
I
D=-250µA
See Fig 7
V
DS=-5V,ID=-250µA
V
GS=-30V
V
GS=30V
V
DS=-200V
V
DS=-160V,TC=125
oC
V
GS=-10V,ID=-1.6A
V
DS=-40V,ID=-1.6A
V
DD=-100V,ID=-3.5A,
R
G=18Ω
See Fig 13
V
DS=-160V,VGS=-10V,
I
D=-3.5A
See Fig 6 & Fig 12
Drain-to-Source Leakage Current
V
GS=0V,VDS=-25V,f =1MHz
See Fig 5
Source-Drain Diode Ratings and Characteristics
Continuous Source Current
Pulsed-Source Current
Diode Forward Voltage
Reverse Recovery Time
Reverse Recovery Charge
I
S
I
SM
V
SD
t
rr
Q
rr
Characteristic
Symbol
Max. Units
Typ.
Min.
Test Condition
--
--
--
--
--
A
V
ns
µC
Integral reverse pn-diode
in the MOSFET
T
J=25
oC,I
S=-3.1A,VGS=0V
T
J=25
oC,I
F=-3.5A
di
F/dt=100A/µs
O
4
O
4
O
5
O
4
O
4
O
5
O
4
O
1
O
4
SFR/U9220
-200
--
-2.0
--
--
--
--
--
-0.18
--
--
--
--
--
70
26
12
22
33
15
15
3.3
7.5
--
--
-4.0
-100
100
-10
-100
1.5
--
540
105
40
35
55
75
40
19
--
--
2.2
415
--
--
--
125
0.59
-3.1
-12
-5.0
--
--
Notes ;
Repetitive Rating : Pulse Width Limited by Maximum Junction Temperature
L=40mH, I
AS=-3.1A, VDD=-50V, RG=27Ω*, Starting T J =25
oC
I
SD
-3.5A, di/dt
300A/
µs, V
DD
BV
DSS , Starting T J =25
oC
Pulse Test : Pulse Width = 250
µs, Duty Cycle 2%
Essentially Independent of Operating Temperature
O
1
O
2
O
3
O
4
O
5
<
_
<
_
<
_
<
_


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
IRF3704ZCSPBFHEXFET Power MOSFET 1 2 3 4 5 MoreInternational Rectifier
IRHM57Z60RADIATION HARDENED POWER MOSFET THRU-HOLE TO-254AA 1 2 3 4 5 MoreInternational Rectifier
IRFP150VPBFHEXFET Power MOSFET 1 2 3 4 5 MoreInternational Rectifier
NTTD4401FFETKY Power MOSFET and Schottky Diode 1 2 3 4 5 MoreON Semiconductor
IRL1004SPBFHEXFET Power MOSFET 1 2 3 4 5 MoreInternational Rectifier
NTGS4111PPower MOSFET -30 V -4.7 A Single P-Channel TSOP-6 1 2 3 4 5 ON Semiconductor
IRLZ4SHEXFET POWER MOSFET 1 2 3 4 5 MoreInternational Rectifier
PI1843DG-22HHIGH POWER DROP-IN ISOLATOR 1 PREMIER DEVICES, INC.
IRFB4019PBFDIGITAL AUDIO MOSFET 1 2 3 4 5 MoreInternational Rectifier
PI1843DG-41HHIGH POWER DROP-IN ISOLATOR 1 PREMIER DEVICES, INC.

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn