Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SFR9220 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part No. SFR9220
Description  Advanced Power MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

SFR9220 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  SFR9220 Datasheet HTML 1Page - Fairchild Semiconductor SFR9220 Datasheet HTML 2Page - Fairchild Semiconductor SFR9220 Datasheet HTML 3Page - Fairchild Semiconductor SFR9220 Datasheet HTML 4Page - Fairchild Semiconductor SFR9220 Datasheet HTML 5Page - Fairchild Semiconductor SFR9220 Datasheet HTML 6Page - Fairchild Semiconductor SFR9220 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Avalanche Rugged Technology
Rugged Gate Oxide Technology
Lower Input Capacitance
Improved Gate Charge
Extended Safe Operating Area
Lower Leakage Current : 10
µA (Max.) @ V
DS = -200V
Lower R
DS(ON) : 1.111 Ω (Typ.)
Advanced Power MOSFET
Thermal Resistance
Junction-to-Case
Junction-to-Ambient
Junction-to-Ambient
RθJC
RθJA
RθJA
oC/W
Characteristic
Max.
Units
Symbol
Typ.
FEATURES
*
* When mounted on the minimum pad size recommended (PCB Mount).
Absolute Maximum Ratings
Drain-to-Source Voltage
Continuous Drain Current (T
C=25
oC)
Continuous Drain Current (T
C=100
oC)
Drain Current-Pulsed
Gate-to-Source Voltage
Single Pulsed Avalanche Energy
Avalanche Current
Repetitive Avalanche Energy
Peak Diode Recovery dv/dt
Total Power Dissipation (T
A=25
oC)
Total Power Dissipation (T
C=25
oC)
Linear Derating Factor
Operating Junction and
Storage Temperature Range
Maximum Lead Temp. for Soldering
Purposes, 1/8“ from case for 5-seconds
Characteristic
Value
Units
Symbol
I
DM
V
GS
E
AS
I
AR
E
AR
dv/dt
P
D
I
D
T
J , TSTG
T
L
A
V
mJ
A
mJ
V/ns
W
W
W/
oC
A
oC
V
DSS
V
*
D-PAK
1. Gate 2. Drain 3. Source
1
2
3
I-PAK
1
3
2
O
1
O
2
O
3
O
1
O
1
SFR/U9220
BV
DSS = -200 V
R
DS(on) = 1.5 Ω
I
D = -3.1 A
-200
-3.1
-1.96
-12
256
-3.1
3.0
-5.0
2.5
30
0.24
- 55 to +150
300
4.17
50
110
--
--
--
30
+
_
©1999 Fairchild Semiconductor Corporation
Rev. B


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
IRF3704ZCSPBFHEXFET Power MOSFET 1 2 3 4 5 MoreInternational Rectifier
IRHM57Z60RADIATION HARDENED POWER MOSFET THRU-HOLE TO-254AA 1 2 3 4 5 MoreInternational Rectifier
IRFP150VPBFHEXFET Power MOSFET 1 2 3 4 5 MoreInternational Rectifier
NTTD4401FFETKY Power MOSFET and Schottky Diode 1 2 3 4 5 MoreON Semiconductor
IRL1004SPBFHEXFET Power MOSFET 1 2 3 4 5 MoreInternational Rectifier
NTGS4111PPower MOSFET -30 V -4.7 A Single P-Channel TSOP-6 1 2 3 4 5 ON Semiconductor
IRLZ4SHEXFET POWER MOSFET 1 2 3 4 5 MoreInternational Rectifier
PI1843DG-22HHIGH POWER DROP-IN ISOLATOR 1 PREMIER DEVICES, INC.
IRFB4019PBFDIGITAL AUDIO MOSFET 1 2 3 4 5 MoreInternational Rectifier
PI1843DG-41HHIGH POWER DROP-IN ISOLATOR 1 PREMIER DEVICES, INC.

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn