Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SFR9220 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part No. SFR9220
Description  Advanced Power MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

SFR9220 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  SFR9220 Datasheet HTML 1Page - Fairchild Semiconductor SFR9220 Datasheet HTML 2Page - Fairchild Semiconductor SFR9220 Datasheet HTML 3Page - Fairchild Semiconductor SFR9220 Datasheet HTML 4Page - Fairchild Semiconductor SFR9220 Datasheet HTML 5Page - Fairchild Semiconductor SFR9220 Datasheet HTML 6Page - Fairchild Semiconductor SFR9220 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
P-CHANNEL
POWER MOSFET
Fig 7. Breakdown Voltage vs. Temperature
Fig 8. On-Resistance vs. Temperature
Fig 11. Thermal Response
Fig 10. Max. Drain Current vs. Case Temperature
Fig 9. Max. Safe Operating Area
P
DM
.
t
1.
t
2.
SFR/U9220
-75
-50
-25
0
25
50
75
100
125
150
175
0.0
0.5
1.0
1.5
2.0
2.5
3.0
@ Notes :
1. V
GS
= -10 V
2. I
D
= -1.8 A
T
J
, Junction Temperature [
oC]
10
0
10
1
10
2
10
-1
10
0
10
1
10 ms
DC
1 ms
0.1 ms
@ Notes :
1. T
C
= 25
oC
2. T
J
= 150
oC
3. Single Pulse
Operation in This Area
is Limited by R
DS(on)
-V
DS
, Drain-Source Voltage [V]
-75
-50
-25
0
25
50
75
100
125
150
175
0.8
0.9
1.0
1.1
1.2
@ Notes :
1. V
GS
= 0 V
2. I
D
= -250
µA
T
J
, Junction Temperature [
oC]
25
50
75
100
125
150
0
1
2
3
T
c , Case Temperature
[
oC]
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
10
1
10
-1
10
0
single pulse
0.2
0.1
0.01
0.02
0.05
D=0.5
@ Notes :
1. ZθJC(t)=4.17
o C/W Max.
2. Duty Factor, D=t
1
/t
2
3. T
JM
-T
C
=P
DM
*ZθJC(t)
t
1
, Square Wave Pulse Duration
[sec]


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
IRF3704ZCSPBFHEXFET Power MOSFET 1 2 3 4 5 MoreInternational Rectifier
IRHM57Z60RADIATION HARDENED POWER MOSFET THRU-HOLE TO-254AA 1 2 3 4 5 MoreInternational Rectifier
IRFP150VPBFHEXFET Power MOSFET 1 2 3 4 5 MoreInternational Rectifier
NTTD4401FFETKY Power MOSFET and Schottky Diode 1 2 3 4 5 MoreON Semiconductor
IRL1004SPBFHEXFET Power MOSFET 1 2 3 4 5 MoreInternational Rectifier
NTGS4111PPower MOSFET -30 V -4.7 A Single P-Channel TSOP-6 1 2 3 4 5 ON Semiconductor
IRLZ4SHEXFET POWER MOSFET 1 2 3 4 5 MoreInternational Rectifier
PI1843DG-22HHIGH POWER DROP-IN ISOLATOR 1 PREMIER DEVICES, INC.
IRFB4019PBFDIGITAL AUDIO MOSFET 1 2 3 4 5 MoreInternational Rectifier
PI1843DG-41HHIGH POWER DROP-IN ISOLATOR 1 PREMIER DEVICES, INC.

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn