Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SFR9220 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part No. SFR9220
Description  Advanced Power MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

SFR9220 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  SFR9220 Datasheet HTML 1Page - Fairchild Semiconductor SFR9220 Datasheet HTML 2Page - Fairchild Semiconductor SFR9220 Datasheet HTML 3Page - Fairchild Semiconductor SFR9220 Datasheet HTML 4Page - Fairchild Semiconductor SFR9220 Datasheet HTML 5Page - Fairchild Semiconductor SFR9220 Datasheet HTML 6Page - Fairchild Semiconductor SFR9220 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
P-CHANNEL
POWER MOSFET
Fig 1. Output Characteristics
Fig 2. Transfer Characteristics
Fig 6. Gate Charge vs. Gate-Source Voltage
Fig 5. Capacitance vs. Drain-Source Voltage
Fig 4. Source-Drain Diode Forward Voltage
Fig 3. On-Resistance vs. Drain Current
SFR/U9220
10
-1
10
0
10
1
10
-1
10
0
10
1
@ Notes :
1. 250
µs Pulse Test
2. T
C
= 25
oC
V
GS
Top :
-15V
- 10V
- 8.0 V
- 7.0 V
- 6.0 V
- 5.5 V
- 5.0 V
Bottom : - 4.5 V
-V
DS
, Drain-Source Voltage [V]
2
4
6
8
10
10
-1
10
0
10
1
25
oC
150
oC
- 55
oC
@ Notes :
1. V
GS
= 0 V
2. V
DS
= -40 V
3. 250
µs Pulse Test
-V
GS
, Gate-Source Voltage [V]
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
10
-1
10
0
10
1
150
oC
25
oC
@ Notes :
1. V
GS
= 0 V
2. 250
µs Pulse Test
-V
SD
, Source-Drain Voltage [V]
0
3
6
9
12
15
0
5
10
V
DS
= -160 V
V
DS
= -100 V
V
DS
= -40 V
@ Notes : I
D
=-3.5 A
Q
G
, Total Gate Charge [nC]
10
0
10
1
0
200
400
600
800
C
iss
= C
gs
+ C
gd
( C
ds
= shorted )
C
oss
= C
ds
+ C
gd
C
rss
= C
gd
@ Notes :
1. V
GS
= 0 V
2. f = 1 MHz
C
rss
C
oss
C
iss
-V
DS
, Drain-Source Voltage [V]
0
2
4
6
8
10
12
14
0
1
2
3
4
5
@ Note : T
J
= 25
oC
V
GS
= -20 V
V
GS
= -10 V
-I
D
, Drain Current [A]


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
IRF3704ZCSPBF HEXFET Power MOSFET 1  2  3  4  5  More International Rectifier
IRHM57Z60 RADIATION HARDENED POWER MOSFET THRU-HOLE TO-254AA 1  2  3  4  5  More International Rectifier
IRFP150VPBF HEXFET Power MOSFET 1  2  3  4  5  More International Rectifier
NTTD4401F FETKY Power MOSFET and Schottky Diode 1  2  3  4  5  More ON Semiconductor
IRL1004SPBF HEXFET Power MOSFET 1  2  3  4  5  More International Rectifier
NTGS4111P Power MOSFET -30 V -4.7 A Single P-Channel TSOP-6 1  2  3  4  5  ON Semiconductor
IRLZ4S HEXFET POWER MOSFET 1  2  3  4  5  More International Rectifier
PI1843DG-22H HIGH POWER DROP-IN ISOLATOR 1  PREMIER DEVICES, INC.
IRFB4019PBF DIGITAL AUDIO MOSFET 1  2  3  4  5  More International Rectifier
PI1843DG-41H HIGH POWER DROP-IN ISOLATOR 1  PREMIER DEVICES, INC.

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn