Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NX25F041B-5J Datasheet(PDF) 27 Page - List of Unclassifed Manufacturers

Part # NX25F041B-5J
Description  1M-BIT, 2M-BIT, AND 4M-BIT SERIAL FLASH MEMORIES WITH 4-PIN SPI INTERFACE
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

NX25F041B-5J Datasheet(HTML) 27 Page - List of Unclassifed Manufacturers

Back Button NX25F041B-5J Datasheet HTML 23Page - List of Unclassifed Manufacturers NX25F041B-5J Datasheet HTML 24Page - List of Unclassifed Manufacturers NX25F041B-5J Datasheet HTML 25Page - List of Unclassifed Manufacturers NX25F041B-5J Datasheet HTML 26Page - List of Unclassifed Manufacturers NX25F041B-5J Datasheet HTML 27Page - List of Unclassifed Manufacturers NX25F041B-5J Datasheet HTML 28Page - List of Unclassifed Manufacturers NX25F041B-5J Datasheet HTML 29Page - List of Unclassifed Manufacturers NX25F041B-5J Datasheet HTML 30Page - List of Unclassifed Manufacturers NX25F041B-5J Datasheet HTML 31Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 37 page
background image
NX25F011B
NX25F021B
NX25F041B
NexFlash Technologies, Inc.
27
PRELIMINARY NXSF016F-1201
12/12/01 ©
1
2
3
4
5
6
7
8
9
10
11
12
Read Configuration
Register
Command
16 Clocks
16 Clocks
16 Clocks
SI
SO
8BH
0000H
0000H
0000H
RB[15:0]
CF{15:0}*
Read/Busy
Status
Read Configuration Bits
*The CF Register only uses bits [7:0]
Read Configuration Register (8BH)
The
Read Configuration Register command provides
access to the configuration register, which stores the
current configuration of the
HOLD-R/B pin, read clock
edge, write protect range, and alternate oscillator
frequency (Figure 7). The command sequence is similar
to the
Read from Sector command except that the sector
address field S[15:0] and the byte-address field B[15:0]
are replaced with all 0 bits. After 16 control clocks and
after the Ready/Busy status field has been clocked
through, a 16-bit Configuration Data field CF[15:0]
provides the contents of the Configuration Register.
Although the field is 16-bits long, only bits CF[7:0] are
used. All other upper bits are reserved for future
features.
Read Status Register (83H)
The
Read Status Register command provides access to
the status register and its status flags for Ready/Busy
(R/
B), SRAM and program buffer transfer operations (TX),
Write Enable/Disable (
WE), and Compare Not Equal (CNE)
(Figure 8). The command sequence is similar to the
Read
From Sector command except that the sector address
field S[15:0] and the byte-address field B[15:0] are replaced
by all 0 bits. After 16 clocks and the Ready/Busy status field
RB[15:0] has been read, an 8-bit Status field ST[7:0]
provides the contents of the Status Register.
Read Status
Register
Command
16 Clocks
16 Clocks
16 Clocks
SI
SO
83H
0000H
0000H
0000H
RB[15:0]
ST[7:0]
Read/Busy
Status
Read Status
Register Bits


Similar Part No. - NX25F041B-5J

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
NX251 PERICOM-NX251 Datasheet
630Kb / 2P
   2.5V/3.3V CMOS XO
NX2511A PERICOM-NX2511A Datasheet
630Kb / 2P
   2.5V/3.3V CMOS XO
NX2511B PERICOM-NX2511B Datasheet
630Kb / 2P
   2.5V/3.3V CMOS XO
NX2511C PERICOM-NX2511C Datasheet
630Kb / 2P
   2.5V/3.3V CMOS XO
NX2511D PERICOM-NX2511D Datasheet
630Kb / 2P
   2.5V/3.3V CMOS XO
More results

Similar Description - NX25F041B-5J

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NX25P40 ETC-NX25P40 Datasheet
533Kb / 28P
   1M BIT 2M BIT AND 4M BIT SERIAL FLASH MEMORY WITH 10MHZ SPI
logo
Winbond
W25P10 WINBOND-W25P10 Datasheet
1Mb / 35P
   1M-BIT, 2M-BIT AND 4M-BIT SERIAL FLASH MEMORY WITH 40MHZ SPI
logo
List of Unclassifed Man...
NX26F011A ETC1-NX26F011A Datasheet
243Kb / 14P
   1M-BIT AND 4M-BIT SERIAL FLASH MEMORY WITH 2-PIN NXS INTERFACE
logo
Winbond
W25X10 WINBOND-W25X10_08 Datasheet
1Mb / 48P
   1M-BIT, 2M-BIT, 4M-BIT AND 8M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL OUTPUT SPI
W25X10 WINBOND-W25X10 Datasheet
1Mb / 45P
   1M-BIT, 2M-BIT, 4M-BIT AND 8M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL OUTPUT SPI
W25X10A WINBOND-W25X10A Datasheet
1Mb / 45P
   1M-BIT, 2M-BIT, 4M-BIT AND 8M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL OUTPUT SPI
W25X10 WINBOND-W25X10_07 Datasheet
1Mb / 48P
   1M-BIT, 2M-BIT, 4M-BIT AND 8M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL OUTPUT SPI
W25X10A WINBOND-W25X10A_09 Datasheet
1Mb / 45P
   1M-BIT, 2M-BIT, 4M-BIT AND 8M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL OUTPUT SPI
W25X10BV WINBOND-W25X10BV Datasheet
1Mb / 51P
   1M-BIT, 2M-BIT AND 4M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL I/O SPI
W25X10AL WINBOND-W25X10AL Datasheet
1Mb / 45P
   1M-BIT, 2M-BIT, 4M-BIT AND 8M-BIT 2.5V SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL OUTPUT SPI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com