Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP302 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # LP302
Description  25/30 WATT Low Profile
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

LP302 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  LP302 Datasheet HTML 1Page - List of Unclassifed Manufacturers LP302 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
GENERAL SPECIFICATIONS
OUTPUT SPECIFICATIONS
INPUT SPECIFICATIONS
41
ELECTRICAL SPECIFICATIONS
All specifications typical at nominal line, full load and 25°C
DIMENSIONS AND CONNECTIONS
Voltage Accuracy
Single Output . . . . . . . . . . . . .±1% max.
Dual Output . . . . . . . . . . . . . .±1% max.
Triple 5V . . . . . . . . . . . . . . . .±2% max.
12V/15V . . . . . . . . . . . . . . . .±1% max.
Voltage Balance, Dual Output at
Full Load . . . . . . . . . . . . . . . .±1% max.
Transient Response:
Single, 25% Step Load Change . . . . . . . . . . . .<500µ sec.
Dual, FL-1/2L±1% Error Band . . . . . . . . . . . . . .<500µ sec.
External Trim Adj. Range . . . . . . . . . . . . . . . . . . . . . . . .±5%
Ripple & Noise, 20MHz BW . . . . . . . . . . . .10mV RMS, max.
1% P-P max
Temperature Coefficient . . . . . . . . . . . . . . . .±0.02%/°C max.
Short Circuit Protection . . . . . . . . . . . . . . . . . . . . . .Indefinite
Overvoltage Protection, 5V . . . . . . . . . . . . . . . . . . . . . .6.8V
12V . . . . . . . . . . . . . . . . . . . . . .15V
15V . . . . . . . . . . . . . . . . . . . . . .18V
Line Regulation
1:
Single Output . . . . . . . . . . .±0.5% max.
Dual/Triple Output . . . . . . . . .±1% max.
Load Regulation
2:
Single/Dual Output . . . . . . . . .±1% max.
Triple Output . . . . . . . . . . . . .±2% max.
Input Voltage Range . . . . . . . . . . . . . . . . . . . . . . . .See Table
Input Filter . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
π Type
Reverse Voltage Protection
3
. . . . . . . . . .Internal Shunt Diode
Use External Fuse
Efficiency . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .See Table
Isolation Voltage . . . . . . . . . . . . . . . . . . . . . . . .500VDC min.
Isolation Resistance . . . . . . . . . . . . . . . . . . . . .10
9 ohms min.
Switching Frequency . . . . . . . . . . . . . . . . . . . . . . . . .100kHz
Case Grounding . . . . . . . . . . . . . . .Capacity Coupled to Input
Operating Temperature Range . . . . . . . . . . . .-25°C to +71°C
Storage Temperature Range . . . . . . . . . . . . .-55°C to +125°C
EM/RFI . . . . . . . . . . . . . . . . . . . .Six-sided Continuous Shield
Dimensions . . . . . . . . . . . . . . . . . . . .2.56 x 3.0 x 0.40 inches
(65 x 76.2 x 10.2 mm)
Case Material . . . . . . . . . . . . . . . . .Black Coated Copper with
Non-Conductive Base
NOTE:
1. Measured from High Line to Low Line.
2. Measured from Full Load to 1/4 Full Load.
3. Determine the correct fuse size by calculating the
maximum DC current drain at low line input,
maximum load and then adding 20 to 25% to get
the desired fuse size.
4. A 10% minimum load is required on dual and triple
output models for rated performance.
Dimensions in inches (mm)
Specifications subject to change.
SINGLE
DUAL
TRIPLE
PIN
OUTPUT
OUTPUT
OUTPUT
1
REMOTE ON/OFF
REMOTE ON/OFF REMOTE ON/OFF
2
+ INPUT
+ INPUT
+ INPUT
3
- INPUT
- INPUT
- INPUT
4
NO PIN
NO PIN
NO PIN
5
NO PIN
+ OUTPUT
+ OUTPUT
6
OUTPUT TRIM
COMMON
COMMON
7
NO PIN
- OUTPUT
- OUTPUT
8
+ OUTPUT
OUTPUT TRIM
+5V OUTPUT
9
- OUTPUT
NO PIN
NO PIN
10
NO PIN
NO PIN
OUTPUT TRIM
REMOTE ON/OFF CONTROL
Logic Compatibility . .CMOS or Open Collector TTL
Ec-ON, . . . . . . . . . . . . .>+5.5 VDC or Open Circuit
Ec-OFF, . . . . . . . . . . . . . . . . . . . . . . . . .<0.8 VDC
Shutdown Idle Current . . . . . . . . . . . . . . . . . .10mA
Input Resistance . . . .(Ein 0 VDC to 9 VDC) 100KO
Control Common . . . . . .Referenced to input Minus
EXTERNAL OUTPUT TRIMMING
OUTPUT MAY OPTIONALLY BE
EXTERNALLY TRIMMED (±5%)
WITH A FIXED RESISTOR OR AN
EXTERNAL TRIMPOT AS SHOWN.
EXTERNAL OUTPUT TRIMMING
OUTPUT MAY OPTIONALLY BE
EXTERNALLY TRIMMED (±5%)
WITH A FIXED RESISTOR OR AN
EXTERNAL TRIMPOT AS SHOWN.


Similar Part No. - LP302

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
LP30-1600 SUPERWORLD-LP30-1600 Datasheet
110Kb / 1P
   POWER TRANSFORMER
LP30-200 SUPERWORLD-LP30-200 Datasheet
109Kb / 1P
   POWER TRANSFORMER
logo
Pulse A Technitrol Comp...
LP30-200B126 PULSE-LP30-200B126 Datasheet
152Kb / 1P
   Laminated Transformers
LP30-200B126 PULSE-LP30-200B126 Datasheet
147Kb / 4P
   IGNITION TRANSFORMERS
logo
Superworld Electronics
LP30-400 SUPERWORLD-LP30-400 Datasheet
109Kb / 1P
   POWER TRANSFORMER
More results

Similar Description - LP302

ManufacturerPart #DatasheetDescription
logo
Tumbler Technologies + ...
PUP30 TRUMPOWER-PUP30 Datasheet
185Kb / 2P
   25- 30 WATT SWITCHING POWER SUPPLIES
logo
TRACO Electronic AG
TEN25 TRACOPOWER-TEN25 Datasheet
223Kb / 3P
   DC/DC Converters TEN 25 Series, 25/30 Watt
Rev. August 30, 2022
logo
List of Unclassifed Man...
UM1101 ETC1-UM1101 Datasheet
404Kb / 2P
   25 to 30 Watt DC-DC Converters
logo
Gilway Technical Lamp
76304 GILWAY-76304 Datasheet
60Kb / 2P
   25 watt, nonhalogen, low voltage
logo
List of Unclassifed Man...
LT101 ETC-LT101 Datasheet
99Kb / 2P
   LT Series: 25/30 WATT Wide Input Range
logo
Gilway Technical Lamp
76305 GILWAY-76305 Datasheet
31Kb / 2P
   30 watt, nonhalogen, low voltage
logo
TRACO Electronic AG
TEN25WI TRACOPOWER-TEN25WI Datasheet
230Kb / 4P
   DC/DC Converters TEN 25WI Series, 25/30 Watt
Rev. August 30, 2022
logo
Tumbler Technologies + ...
TD6-16S123.3 TRUMPOWER-TD6-16S123.3 Datasheet
28Kb / 1P
   DC/DC CONVERTERS 2:1 Input, 25-30 Watt
logo
STMicroelectronics
TDA7492P STMICROELECTRONICS-TDA7492P Datasheet
459Kb / 26P
   25-watt 25-watt dual BTL class-D audio amplifier
TDA7492P13TR STMICROELECTRONICS-TDA7492P13TR Datasheet
459Kb / 26P
   25-watt 25-watt dual BTL class-D audio amplifier
September 2011 Rev 5
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com