Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NX25F021B Datasheet(PDF) 18 Page - List of Unclassifed Manufacturers

Part # NX25F021B
Description  1M-BIT, 2M-BIT, AND 4M-BIT SERIAL FLASH MEMORIES WITH 4-PIN SPI INTERFACE
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

NX25F021B Datasheet(HTML) 18 Page - List of Unclassifed Manufacturers

Back Button NX25F021B Datasheet HTML 14Page - List of Unclassifed Manufacturers NX25F021B Datasheet HTML 15Page - List of Unclassifed Manufacturers NX25F021B Datasheet HTML 16Page - List of Unclassifed Manufacturers NX25F021B Datasheet HTML 17Page - List of Unclassifed Manufacturers NX25F021B Datasheet HTML 18Page - List of Unclassifed Manufacturers NX25F021B Datasheet HTML 19Page - List of Unclassifed Manufacturers NX25F021B Datasheet HTML 20Page - List of Unclassifed Manufacturers NX25F021B Datasheet HTML 21Page - List of Unclassifed Manufacturers NX25F021B Datasheet HTML 22Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 37 page
background image
18
NexFlash Technologies, Inc.
PRELIMINARY NXSF016F-1201
12/12/01 ©
NX25F011B
NX25F021B
NX25F041B
After the byte-address has been loaded, data is shifted
into the 264-byte SRAM, which serves as a temporary
storage buffer. Existing data in the SRAM will be written
over. The byte order of the data shifted into the SRAM is
least significant byte first (i.e., byte-00H, byte-01H,...).
The bit order within each byte is most significant bit first
(i.e., D7,...D0). The byte-address is automatically incre-
mented to the next higher byte address as the clock
continues. When the last byte address to be written is
reached, the command can be completed with an
additional eight control clocks (with data=0) followed by
asserting
CS high. If the clock continues to increment
past the highest byte-address (107H), the address counter
will roll over to byte 0H.
After the
CS pin is brought high, the data in the SRAM is
transferred to the specified sector in memory array. See
tWP timing specifications. During this time the array and
SRAM will be “busy” and will ignore further array-related
commands until complete. All Ready/Busy status indi-
cators will indicate a busy status. Detailed clock timing
for the
Write to Sector command is shown in Figure 11.
Write to Sector Through SRAM (F3H)
Before writing to a sector in the Flash memory array, all
hardware and software write protection must be in an
enabled state. This means that the
WP pin must be in a
high state, a
Write Enable command must have previ-
ously been issued, and the sector location that is to be
written to must be outside the write protect range set in
the configuration register. Additionally, the Ready/Busy
status should be checked to confirm that the memory
array is available to be written to.
Writing to a sector is accomplished by first bringing
CS
low and shifting in the
Write to Sector command (F3H)
followed by a 16-bit “sector-address” field. Although the
sector-address field is 16-bits, only bits S[8:0] for the
NX25F011B (0-1FFH), S[9:0] for the NX25F021B
(0-3FFH), or S[10:0] for the NX25F041B (0-7FFH) are
used. The uppermost sector address bits are not used
but must be clocked in (use 0 data). Following the sector
address, a 16-bit “byte-address” field is clocked into the
device to designate the starting location within the 264-byte
sector. Only bits B[8:0] of the byte-address field are used
and only values of 0-107H (264 bytes) are valid.
Write to
Sector
Command
8 Clocks
SI
F3H
S[15:0]
B[15:0]
First Byte - Last Byte
00H
SO
Sector
Address*
Byte
Address**
Write Sector Data
*The sector address only uses bits [8:0], [9:0] or [10:0]
**The byte address only uses bits [8:0]
Program
Time
(
tWP)


Similar Part No. - NX25F021B

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
NX251 PERICOM-NX251 Datasheet
630Kb / 2P
   2.5V/3.3V CMOS XO
NX2511A PERICOM-NX2511A Datasheet
630Kb / 2P
   2.5V/3.3V CMOS XO
NX2511B PERICOM-NX2511B Datasheet
630Kb / 2P
   2.5V/3.3V CMOS XO
NX2511C PERICOM-NX2511C Datasheet
630Kb / 2P
   2.5V/3.3V CMOS XO
NX2511D PERICOM-NX2511D Datasheet
630Kb / 2P
   2.5V/3.3V CMOS XO
More results

Similar Description - NX25F021B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NX25P40 ETC-NX25P40 Datasheet
533Kb / 28P
   1M BIT 2M BIT AND 4M BIT SERIAL FLASH MEMORY WITH 10MHZ SPI
logo
Winbond
W25P10 WINBOND-W25P10 Datasheet
1Mb / 35P
   1M-BIT, 2M-BIT AND 4M-BIT SERIAL FLASH MEMORY WITH 40MHZ SPI
logo
List of Unclassifed Man...
NX26F011A ETC1-NX26F011A Datasheet
243Kb / 14P
   1M-BIT AND 4M-BIT SERIAL FLASH MEMORY WITH 2-PIN NXS INTERFACE
logo
Winbond
W25X10 WINBOND-W25X10_08 Datasheet
1Mb / 48P
   1M-BIT, 2M-BIT, 4M-BIT AND 8M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL OUTPUT SPI
W25X10 WINBOND-W25X10 Datasheet
1Mb / 45P
   1M-BIT, 2M-BIT, 4M-BIT AND 8M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL OUTPUT SPI
W25X10A WINBOND-W25X10A Datasheet
1Mb / 45P
   1M-BIT, 2M-BIT, 4M-BIT AND 8M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL OUTPUT SPI
W25X10 WINBOND-W25X10_07 Datasheet
1Mb / 48P
   1M-BIT, 2M-BIT, 4M-BIT AND 8M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL OUTPUT SPI
W25X10A WINBOND-W25X10A_09 Datasheet
1Mb / 45P
   1M-BIT, 2M-BIT, 4M-BIT AND 8M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL OUTPUT SPI
W25X10BV WINBOND-W25X10BV Datasheet
1Mb / 51P
   1M-BIT, 2M-BIT AND 4M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL I/O SPI
W25X10AL WINBOND-W25X10AL Datasheet
1Mb / 45P
   1M-BIT, 2M-BIT, 4M-BIT AND 8M-BIT 2.5V SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL OUTPUT SPI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com