Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NX25F011B Datasheet(PDF) 30 Page - List of Unclassifed Manufacturers

Part # NX25F011B
Description  1M-BIT, 2M-BIT, AND 4M-BIT SERIAL FLASH MEMORIES WITH 4-PIN SPI INTERFACE
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

NX25F011B Datasheet(HTML) 30 Page - List of Unclassifed Manufacturers

Back Button NX25F011B Datasheet HTML 26Page - List of Unclassifed Manufacturers NX25F011B Datasheet HTML 27Page - List of Unclassifed Manufacturers NX25F011B Datasheet HTML 28Page - List of Unclassifed Manufacturers NX25F011B Datasheet HTML 29Page - List of Unclassifed Manufacturers NX25F011B Datasheet HTML 30Page - List of Unclassifed Manufacturers NX25F011B Datasheet HTML 31Page - List of Unclassifed Manufacturers NX25F011B Datasheet HTML 32Page - List of Unclassifed Manufacturers NX25F011B Datasheet HTML 33Page - List of Unclassifed Manufacturers NX25F011B Datasheet HTML 34Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 37 page
background image
30
NexFlash Technologies, Inc.
PRELIMINARY NXSF016F-1201
12/12/01 ©
NX25F011B
NX25F021B
NX25F041B
ABOSOLUTE MINIMUM RATINGS (1)
Symbol
Parameters
Conditions
Range
Unit
Vcc
Supply Voltage
0 to 7.0
V
VIN, VOUT
Voltage Applied to Any Pin
Relative to Ground
–0.5 to Vcc + 0.5
V
TSTG
Storage Temperature
–65 to +150
°C
TLEAD
Lead Temperature
Soldering 10 Seconds
+300
°C
Note:
1. This device has been designed and tested for the specified operation ranges. Proper operation outside of these levels is not
guaranteed. Exposure beyond absolute maximum ratings (listed above) may cause permanent damage.
OPERATING RANGES
Symbol
Parameter
Conditions
Min
Max
Unit
Vcc
Supply Voltage (1)
5.0V programing
4.5
5.5
V
3.0V or 3.3 V programing
2.7
3.6
V
TA
Ambient Temperature, Operating
Commercial
0
+70
°C
Extended
–20
+70
°C
Industrial
–40
+85
°C
TRVCC
Power Ramp Time
10
ms
Note:
1. Vcc voltage during Read can operate across the min and max range but should not exceed ±10% of the programming
(erase/write) voltage.
DC ELECTRICAL CHARACTERISTICS (Preliminary) (2)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIL
Input Low Voltage
–0.4
Vccx0.2
V
VIH
Input High Voltage
Vccx0.6
Vcc+0.5
V
VOL
Output Low Voltage
IOL = 2 mA
VCC = 4.5V
——
0.45
V
VOH
Output High Voltage
IOH = –400 µA
VCC = 4.5V
2.4
——
V
VOLC
Output Low Voltage CMOS
VCC = Min, IOL = 10 µA
——
0.15
V
VOHC
Output High Voltage CMOS
VCC = Min, IOH = –10 µA
VCC–0.3
——
V
IIL
Input Leakage
0 < VIN < Vcc
–10
+10
µA
IOL
I/O Leakage
0 < VIN < Vcc
–10
+10
µA
ICC
Active Power Supply Current fCLK @ 8 MHz (1/tCP)VCC = 5V
5
6
8
mA
(active)
VCC = 3V
2
2.5
4
mA
ICCLF
Active Current Low
fCLK @1 MHz (1/tCP)VCC = 5V
2
4
5
mA
(low
Frequency.Read
VCC = 3V
1
1.5
2
mA
frequency)
ICCSB
Standby Vcc Supply Current CS = VCC,
Vcc = 5V
510
µA
(standby)
VIN = Vcc or 0
Vcc = 3V
15
µA
CIN
Input Capacitance (1)
TA = 25°C, VCC = 5V or 3V
——
10
pF
Frequency = 1 MHz
COUT
Output Capacitance (1)
TA = 25°C, VCC = 5V or 3V
——
10
pF
Frequency = 1 MHz
Notes:
1. Tested on a sample basis or specified through design or characterization data.
2. See Preliminary Designation page 31


Similar Part No. - NX25F011B

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
NX251 PERICOM-NX251 Datasheet
630Kb / 2P
   2.5V/3.3V CMOS XO
NX2511A PERICOM-NX2511A Datasheet
630Kb / 2P
   2.5V/3.3V CMOS XO
NX2511B PERICOM-NX2511B Datasheet
630Kb / 2P
   2.5V/3.3V CMOS XO
NX2511C PERICOM-NX2511C Datasheet
630Kb / 2P
   2.5V/3.3V CMOS XO
NX2511D PERICOM-NX2511D Datasheet
630Kb / 2P
   2.5V/3.3V CMOS XO
More results

Similar Description - NX25F011B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NX25P40 ETC-NX25P40 Datasheet
533Kb / 28P
   1M BIT 2M BIT AND 4M BIT SERIAL FLASH MEMORY WITH 10MHZ SPI
logo
Winbond
W25P10 WINBOND-W25P10 Datasheet
1Mb / 35P
   1M-BIT, 2M-BIT AND 4M-BIT SERIAL FLASH MEMORY WITH 40MHZ SPI
logo
List of Unclassifed Man...
NX26F011A ETC1-NX26F011A Datasheet
243Kb / 14P
   1M-BIT AND 4M-BIT SERIAL FLASH MEMORY WITH 2-PIN NXS INTERFACE
logo
Winbond
W25X10 WINBOND-W25X10_08 Datasheet
1Mb / 48P
   1M-BIT, 2M-BIT, 4M-BIT AND 8M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL OUTPUT SPI
W25X10 WINBOND-W25X10 Datasheet
1Mb / 45P
   1M-BIT, 2M-BIT, 4M-BIT AND 8M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL OUTPUT SPI
W25X10A WINBOND-W25X10A Datasheet
1Mb / 45P
   1M-BIT, 2M-BIT, 4M-BIT AND 8M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL OUTPUT SPI
W25X10 WINBOND-W25X10_07 Datasheet
1Mb / 48P
   1M-BIT, 2M-BIT, 4M-BIT AND 8M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL OUTPUT SPI
W25X10A WINBOND-W25X10A_09 Datasheet
1Mb / 45P
   1M-BIT, 2M-BIT, 4M-BIT AND 8M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL OUTPUT SPI
W25X10BV WINBOND-W25X10BV Datasheet
1Mb / 51P
   1M-BIT, 2M-BIT AND 4M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL I/O SPI
W25X10AL WINBOND-W25X10AL Datasheet
1Mb / 45P
   1M-BIT, 2M-BIT, 4M-BIT AND 8M-BIT 2.5V SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL OUTPUT SPI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com