Electronic Components Datasheet Search |
|
HLMP-1790.MP4B Datasheet(PDF) 5 Page - QT Optoelectronics |
|
HLMP-1790.MP4B Datasheet(HTML) 5 Page - QT Optoelectronics |
5 / 6 page PCB MOUNT LED INDICATORS Page 5 of 6 @ DIM A PKG. PART NUMBER COLOR VF mcd mA in. (mm) FIG. MV60538.MP8 RED 1.7 2.0 20 .140 (3.56) 8 MV63538.MP8 YLW 2.1 18.0 20 .140 (3.56) 8 MV64538.MP8 GRN 2.2 26.0 20 .140 (3.56) 8 MV67538.MP8 H-E RED 2.1 14.0 20 .140 (3.56) 8 MV60539.MP8 RED 1.7 3.2 20 .195 (4.95) 8 MV63539.MP8 YLW 2.1 20.0 20 .195 (4.95) 8 MV64539.MP8 GRN 2.2 28.0 20 .195 (4.95) 8 MV67539.MP8 H-E RED 2.1 15.0 20 .195 (4.95) 8 LOW CURRENT (2mA) HLMP-47009.MP8 H-E RED 1.8 2.0 2 .195 (4.95) 8 HLMP-47199.MP8 YLW 1.9 2.0 2 .195 (4.95) 8 HLMP-47409.MP8 GRN 1.9 3.0 2 .195 (4.95) 8 ULTRA BRIGHT MV33509.MP8 YLW* 2.2 150.0 20 .195 (4.95) 8 MV34509.MP8 GRN* 2.2 150.0 20 .195 (4.95) 8 MV37509.MP8 H-E RED* 2.2 150.0 20 .195 (4.95) 8 INTEGRAL RESISTOR MR30509.MP8 RED 5.0 2.0 13 .195 (4.95) 8 MR30519.MP8 RED 12.0 2.0 13 .195 (4.95) 8 MR33509.MP8 YLW 5.0 4.0 10 .195 (4.95) 8 MR33519.MP8 YLW 12.0 4.0 13 .195 (4.95) 8 MR34509.MP8 GRN 5.0 4.0 12 .195 (4.95) 8 MR34519.MP8 GRN 12.0 4.0 13 .195 (4.95) 8 MR37509.MP8 H-E RED 5.0 4.0 10 .195 (4.95) 8 MR37519.MP8 H-E RED 12.0 4.0 13 .195 (4.95) 8 BICOLOR** MV54919.MP8 RED/GRN 2.3 6.0 20 .195 (4.95) 8 T-1 3/4 (5mm) multiple PACKAGE DIMENSIONS CATHODE** .250 TYP (6.35) .190 (4.83) .020 TYP (.51) .100 (2.54) .015 TYP .100 TYP (2.54) .250 (6.35) .145 MIN (3.68) .250 TYP (6.35) 1.01 (25.65) DIM A @ DIM A PKG. PART NUMBER COLOR VF mcd mA in. (mm) FIG. MV60538.MP8A RED 1.7 2.0 20 .140 (3.56) 8A MV63538.MP8A YLW 2.1 18.0 20 .140 (3.56) 8A MV64538.MP8A GRN 2.2 26.0 20 .140 (3.56) 8A MV67538.MP8A H-E RED 2.1 14.0 20 .140 (3.56) 8A MV60539.MP8A RED 1.7 3.2 20 .195 (4.95) 8A MV63539.MP8A YLW 2.1 20.0 20 .195 (4.95) 8A MV64539.MP8A GRN 2.2 28.0 20 .195 (4.95) 8A MV67539.MP8A H-E RED 2.1 15.0 20 .195 (4.95) 8A LOW CURRENT (2mA) HLMP-47009.MP8A H-E RED 1.8 2.0 2 .195 (4.95) 8A HLMP-47199.MP8A YLW 1.9 2.0 2 .195 (4.95) 8A HLMP-47409.MP8A GRN 1.9 3.0 2 .195 (4.95) 8A ULTRA BRIGHT MV33509.MP8A YLW* 2.2 150.0 20 .195 (4.95) 8A MV34509.MP8A GRN* 2.2 150.0 20 .195 (4.95) 8A MV37509.MP8A H-E. RED* 2.2 150.0 20 .195 (4.95) 8A INTEGRAL RESISTOR MR30509.MP8A RED 5.0 2.0 13 .195 (4.95) 8A MR30519.MP8A RED 12.0 2.0 13 .195 (4.95) 8A MR33509.MP8A YLW 5.0 4.0 10 .195 (4.95) 8A MR33519.MP8A YLW 12.0 4.0 13 .195 (4.95) 8A MR34509.MP8A GRN 5.0 4.0 12 .195 (4.95) 8A MR34519.MP8A GRN 12.0 4.0 13 .195 (4.95) 8A MR37509.MP8A H-E RED 5.0 4.0 10 .195 (4.95) 8A MR37519.MP8A H-E RED 12.0 4.0 13 .195 (4.95) 8A BICOLOR** MV54919.MP8A RED/GRN 2.3 6.0 20 .195 (4.95) 8A T-1 3/4 (5mm) multiple .250 (6.35) DIM A .190 (4.83) .195 (4.95) 1.01 (25.65) .250 TYP (6.35) .020 TYP (.51) .250 TYP (6.35) .100 TYP (2.54) .145 MIN (3.68) .250 (6.35) CATHODE** SPECIFIC NOTES: For T-1 3/4 (5mm) multiple, multiples of four is the standard configuration. Options — To obtain units in multiples of two add a “-2” suffix to the part number (i.e. MV64539.MP8-2). To obtain units in multiples of three add a “-3” suffix. FIG. - 8 FIG. - 8A GENERAL NOTES: 1. All dimensions are in inches (mm). 2. Tolerance is ± .015 (± .38) unless otherwise specified. 3. All electrical values are typical. 4. All parts have colored diffused lens except those with an asterik (*), which denotes colored clear lens. 5. A double asterik (**) denotes that the cathode, as indicated, is the red cathode for the RED/GRN bicolor LED. 6. Custom color combinations are available. |
Similar Part No. - HLMP-1790.MP4B |
|
Similar Description - HLMP-1790.MP4B |