Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DM54S257W Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DM54S257W
Description  TRI-STATE QUAD 1 OF 2 DATA SELECTORS / MULTIPLEXERS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DM54S257W Datasheet(HTML) 3 Page - National Semiconductor (TI)

  DM54S257W Datasheet HTML 1Page - National Semiconductor (TI) DM54S257W Datasheet HTML 2Page - National Semiconductor (TI) DM54S257W Datasheet HTML 3Page - National Semiconductor (TI) DM54S257W Datasheet HTML 4Page - National Semiconductor (TI) DM54S257W Datasheet HTML 5Page - National Semiconductor (TI) DM54S257W Datasheet HTML 6Page - National Semiconductor (TI) DM54S257W Datasheet HTML 7Page - National Semiconductor (TI) DM54S257W Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
’S257 Switching Characteristics
at VCC e 5V and TA e 25 C (See Section 1 for Test Waveforms and Output Load)
From (Input)
RL e 280X
Symbol
Parameter
To (Output)
CL e 15 pF
CL e 50 pF
Units
Min
Max
Min
Max
tPLH
Propagation Delay Time
Data to
75
11
ns
Low to High Level Output
Output
tPHL
Propagation Delay Time
Data to
65
10
ns
High to Low Level Output
Output
tPLH
Propagation Delay Time
Select to
15
16
ns
Low to High Level Output
Output
tPHL
Propagation Delay Time
Select to
15
16
ns
High to Low Level Output
Output
tPZH
Output Enable Time
Output
195
23
ns
to High Level Output
Control to Y
tPZL
Output Enable Time
Output
21
24
ns
to Low Level Output
Control to Y
tPHZ
Output Disable Time
Output
85
ns
to High Level Output (Note 1)
Control to Y
tPLZ
Output Disable Time
Output
14
ns
to Low Level Output (Note 1)
Control to Y
Note 1
CL e 5 pF
Recommended Operating Conditions
Symbol
Parameter
DM54S258
DM74S258
Units
Min
Nom
Max
Min
Nom
Max
VCC
Supply Voltage
45
5
55
475
5
525
V
VIH
High Level Input Voltage
2
2
V
VIL
Low Level Input Voltage
08
08
V
IOH
High Level Output Current
b
2
b
65
mA
IOL
Low Level Output Current
20
20
mA
TA
Free Air Operating Temperature
b
55
125
0
70
C
’S258 Electrical Characteristics
over recommended operating free air temperature (unless otherwise noted)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
(Note 1)
VI
Input Clamp Voltage
VCC e Min II eb18 mA
b
12
V
VOH
High Level Output
VCC e Min IOH e Max
DM54
24
34
V
Voltage
VIL e Max VIH e Min
DM74
24
32
VOL
Low Level Output
VCC e Min IOL e Max
05
V
Voltage
VIH e Min VIL e Max
II
Input Current
Max
VCC e Max VI e 55V
1mA
Input Voltage
IIH
High Level Input
VCC e Max
Select
100
m
A
Current
VI e 27V
Other
50
IIL
Low Level Input
VCC e Max
Select
b
4
mA
Current
VI e 05V
Other
b
2
3


Similar Part No. - DM54S257W

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DM54S251 NSC-DM54S251 Datasheet
121Kb / 6P
   TRI-STATE 1 of 8 Line Data Selector/Multiplexer
More results

Similar Description - DM54S257W

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54LS257A NSC-54LS257A Datasheet
163Kb / 8P
   TRI-STATE Quad 2-Data Selectors/Multiplexers
logo
Texas Instruments
54LS257 TI1-54LS257 Datasheet
413Kb / 10P
[Old version datasheet]   TRI-STATE(RM) Quad 2-Data Selectors/Multiplexers
logo
National Semiconductor ...
DM74253 NSC-DM74253 Datasheet
167Kb / 4P
   TRI-STATE 1 of 8 Line Data Selectors/Multiplexers
DM74251 NSC-DM74251 Datasheet
188Kb / 4P
   TRI-STATE 1 of 8 Line Data Selectors/Multiplexers
54LS253 NSC-54LS253 Datasheet
158Kb / 6P
   TRI-STATE Data Selectors/Multiplexers
DM54LS251 NSC-DM54LS251 Datasheet
135Kb / 6P
   TRI-STATE Data Selectors/Multiplexers
DM54S157 NSC-DM54S157 Datasheet
128Kb / 5P
   QUAD 1 OF 2 LINE DATA SELECTORS/MULTIPLEXERS
logo
Fairchild Semiconductor
DM74LS257B FAIRCHILD-DM74LS257B Datasheet
56Kb / 5P
   3-STATE Quad 2-Data Selectors/Multiplexers
logo
Texas Instruments
SN54ALS157A TI-SN54ALS157A Datasheet
556Kb / 18P
[Old version datasheet]   QUADRUPLE 1-OF-2 DATA SELECTORS/MULTIPLEXERS
logo
Tachyonics CO,. LTD
SN54ALS157A TACHYONICS-SN54ALS157A_08 Datasheet
725Kb / 20P
   QUADRUPLE 1-OF-2 DATA SELECTORS/MULTIPLEXERS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com