Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CY7C006 Datasheet(PDF) 5 Page - Cypress Semiconductor

Part No. CY7C006
Description  16K x 8/9 Dual-Port Static RAM with Sem, Int, Busy
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CYPRESS [Cypress Semiconductor]
Homepage  http://www.cypress.com
Logo 

CY7C006 Datasheet(HTML) 5 Page - Cypress Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
CY7C006
CY7C016
5
Electrical Characteristics (continued)
7C006-35
7C016-35
7C006-55
7C016-55
Parameter
Description
Test Conditions
Min.
Typ.
Max.
Min.
Typ.
Max.
Unit
VOH
Output HIGH Voltage
VCC = Min., IOH = –4.0 mA
2.4
2.4
V
VOL
Output LOW Voltage
VCC = Min., IOL = 4.0 mA
0.4
0.4
V
VIH
2.2
2.2
V
VIL
Input LOW Voltage
0.8
0.8
V
IIX
Input Leakage Current
GND
≤ V
I ≤ VCC
–10
+10
–10
+10
µA
IOZ
Output Leakage Current
Outputs Disabled, GND
≤ V
O ≤ VCC
–10
+10
–10
+10
µA
ICC
Operating Current
VCC = Max., IOUT = 0 mA
Outputs Disabled
Com’l
150
210
140
200
mA
Ind
150
250
140
240
ISB1
Standby Current
(Both Ports TTL Levels)
CEL and CER ≥ VIH,
f = fMAX
[5]
Com’l
30
50
20
40
mA
Ind
30
65
20
55
ISB2
Standby Current
(One Port TTL Level)
CEL or CER ≥ VIH,
f = fMAX
[5]
Com’l
80
120
70
100
mA
Ind
80
130
70
115
ISB3
Standby Current
(Both Ports CMOS
Levels)
Both Ports
CE and CER ≥ VCC – 0.2V,
VIN ≥ VCC – 0.2V
or VIN ≤ 0.2V, f = 0
[5]
Com’l
3
15
3
15
mA
Ind
3
15
3
15
ISB4
Standby Current
(One Port CMOS Level)
One Port
CEL or CER ≥ VCC – 0.2V,
VIN ≥ VCC – 0.2V or
VIN ≤ 0.2V, Active
Port Outputs, f = fMAX
[5]
Com’l
70
100
60
90
mA
Ind
70
110
60
95
Capacitance[6]
Parameter
Description
Test Conditions
Max.
Unit
CIN
Input Capacitance
TA = 25°C, f = 1 MHz,
VCC = 5.0V
10
pF
COUT
Output Capacitance
10
pF
AC Test Loads and Waveforms
Note:
6.
Tested initially and after any design or process changes that may affect these parameters.
3.0V
GND
90%
90%
10%
3ns
3 ns
10%
ALL INPUT PULSES
(a) Normal Load (Load 1)
5V
OUTPUT
C= 30 pF
VTH =1.4V
OUTPUT
C=30 pF
(b) Thévenin Equivalent
(Load)
(c) Three-State Delay (Load 3)
C = 30 pF
OUTPUT
Load (Load 2)
C006-5
C006-6
C006-7
C006-8
C006-9
5V
OUTPUT
C= 5 pF
R1=893
R2=347
RTH =250Ω
R1=893
R2=347


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn