Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CY7C006 Datasheet(PDF) 4 Page - Cypress Semiconductor

Part No. CY7C006
Description  16K x 8/9 Dual-Port Static RAM with Sem, Int, Busy
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CYPRESS [Cypress Semiconductor]
Homepage  http://www.cypress.com
Logo 

CY7C006 Datasheet(HTML) 4 Page - Cypress Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
CY7C006
CY7C016
4
Maximum Ratings
(Above which the useful life may be impaired. For user guide-
lines, not tested.)
Storage Temperature ................................. –65
°C to +150°C
Ambient Temperature with
Power Applied ............................................. –55
°C to +125°C
Supply Voltage to Ground Potential ............... –0.5V to +7.0V
DC Voltage Applied to Outputs
in High Z State ............................................... –0.5V to +7.0V
DC Input Voltage[4]......................................... –0.5V to +7.0V
Output Current into Outputs (LOW) ............................. 20 mA
Static Discharge Voltage .......................................... >2001V
(per MIL-STD-883, Method 3015)
Latch-Up Current .................................................... >200 mA
Notes:
4.
Pulse width < 20 ns.
5.
fMAX = 1/tRC = All inputs cycling at f = 1/tRC (except output enable). f = 0 means no address or control lines change. This applies only to inputs at CMOS level standby ISB3.
Selection Guide
7C006-15
7C016-15
7C006-25
7C016-25
7C006-35
7C016-35
7C006-55
7C016-55
Maximum Access Time (ns)
15
25
35
55
Maximum Operating
Current (mA)
260
220
210
200
Maximum Standby
Current for ISB1 (mA)
70
60
50
40
Operating Range
Range
Ambient
Temperature
VCC
Commercial
0
°C to +70°C
5V
± 10%
Industrial
–40
°C to +85°C
5V
± 10%
Electrical Characteristics Over the Operating Range
7C006-15
7C016-15
7C006-25
7C016-25
Parameter
Description
Test Conditions
Min.
Typ.
Max.
Min.
Typ.
Max.
Unit
VOH
Output HIGH Voltage
VCC = Min., IOH = –4.0 mA
2.4
2.4
V
VOL
Output LOW Voltage
VCC = Min., IOL = 4.0 mA
0.4
0.4
V
VIH
2.2
2.2
V
VIL
Input LOW Voltage
0.8
0.8
V
IIX
Input Leakage Current
GND
≤ V
I ≤ VCC
–10
+10
–10
+10
µA
IOZ
Output Leakage Current
Outputs Disabled, GND
≤ V
O ≤ VCC
–10
+10
–10
+10
µA
ICC
Operating Current
VCC = Max., IOUT = 0 mA
Outputs Disabled
Com’l
170
260
160
220
mA
Ind
160
270
ISB1
Standby Current
(Both Ports TTL Levels)
CEL and CER ≥ VIH,
f = fMAX
[5]
Com’l
50
70
40
60
mA
Ind
40
75
ISB2
Standby Current
(One Port TTL Level)
CEL or CER ≥ VIH,
f = fMAX
[5]
Com’l
110
170
90
130
mA
Ind
90
150
ISB3
Standby Current
(Both Ports CMOS
Levels)
Both Ports
CE and CER ≥ VCC – 0.2V,
VIN ≥ VCC – 0.2V
or VIN ≤ 0.2V, f = 0
[5]
Com’l
3
15
3
15
mA
Ind
3
15
ISB4
Standby Current
(One Port CMOS Level)
One Port
CEL or CER ≥ VCC – 0.2V,
VIN ≥ VCC – 0.2V or
VIN ≥ 0.2V, Active
Port Outputs, f = fMAX
[5]
Com’l
100
150
80
120
mA
Ind
80
130


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn