Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN1262 Datasheet(PDF) 40 Page - STMicroelectronics

Part # AN1262
Description  APPLICATION NOTE
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1262 Datasheet(HTML) 40 Page - STMicroelectronics

Back Button AN1262 Datasheet HTML 34Page - STMicroelectronics AN1262 Datasheet HTML 35Page - STMicroelectronics AN1262 Datasheet HTML 36Page - STMicroelectronics AN1262 Datasheet HTML 37Page - STMicroelectronics AN1262 Datasheet HTML 38Page - STMicroelectronics AN1262 Datasheet HTML 39Page - STMicroelectronics AN1262 Datasheet HTML 40Page - STMicroelectronics AN1262 Datasheet HTML 41Page - STMicroelectronics AN1262 Datasheet HTML 42Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 40 / 42 page
background image
AN1262 APPLICATION NOTE
40/42
Figure 24. Test board main waveforms under different operating conditions
Figure 25. Test board load transient response; effect of frequency change (left).
20
REFERENCES
[1] Lloyd H. Dixon, Jr. "Filter Inductor and Flyback Transformer Design for Switching Power Supplies", UNI-
TRODE Power Supply Design Seminar Manual, 1994 (SEM-1000)
[2]"Calculation of Transil Apparent Dynamic Resistence" (AN575)
[3]"Transistor Protection by Transil" (AN587)
[4]"Getting Familiar with the L6590 Family High-voltage Fully Integrated Power Supply" (AN1261)
A1: Idrain
Ch1: Vdrain
Vin = 100 V
Iout = 2 A
Vin = 100 V
Iout = 50 mA
A1: Idrain
Ch1: Vdrain
Vin = 400 V
Iout = 2 A
Vin = 400 V
Iout = 50 mA
A1: Idrain
Ch1: Vdrain
A1: Idrain
Ch1: Vdrain
Vin = 200 V
Iout = 0.2
↔ 0.4 A
Vout
Iout
Vin = 200 V
Iout = 0.1
↔ 0.3 A
Vout
Iout
transition
22
⇒ 65 kHz
transition
65
⇒ 22 kHz


Similar Part No. - AN1262

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
AN1269 MICROCHIP-AN1269 Datasheet
1Mb / 16P
   A broad portfolio of high performance, best-in-class Serial Memory Products to meet all your design requirements.
3/10
More results

Similar Description - AN1262

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AN-236 AD-AN-236 Datasheet
164Kb / 3P
   APPLICATION NOTE
AN-686 AD-AN-686 Datasheet
55Kb / 2P
   APPLICATION NOTE
REV. 0
logo
Vectron International, ...
TFS211C VECTRON-TFS211C_03 Datasheet
40Kb / 2P
   Application Note
TFS199D VECTRON-TFS199D_08 Datasheet
25Kb / 1P
   Application Note
TFS380K VECTRON-TFS380K Datasheet
28Kb / 1P
   Application Note
TFS433K VECTRON-TFS433K_01 Datasheet
25Kb / 1P
   Application Note
logo
International Rectifier
AN-1070 IRF-AN-1070 Datasheet
241Kb / 14P
   Application Note
AN-1086 IRF-AN-1086 Datasheet
181Kb / 9P
   Application Note
logo
Vectron International, ...
TFS248E_0208 VECTRON-TFS248E_0208 Datasheet
13Kb / 1P
   Application Note
TFS321_0106 VECTRON-TFS321_0106 Datasheet
43Kb / 3P
   Application Note
logo
International Rectifier
AN-1204 IRF-AN-1204 Datasheet
916Kb / 11P
   Application Note
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com