Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI49FCT2805TSC Datasheet(PDF) 4 Page - Pericom Semiconductor Corporation

Part # PI49FCT2805TSC
Description  Fast CMOS Buffer/Clock Driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI49FCT2805TSC Datasheet(HTML) 4 Page - Pericom Semiconductor Corporation

  PI49FCT2805TSC Datasheet HTML 1Page - Pericom Semiconductor Corporation PI49FCT2805TSC Datasheet HTML 2Page - Pericom Semiconductor Corporation PI49FCT2805TSC Datasheet HTML 3Page - Pericom Semiconductor Corporation PI49FCT2805TSC Datasheet HTML 4Page - Pericom Semiconductor Corporation PI49FCT2805TSC Datasheet HTML 5Page - Pericom Semiconductor Corporation PI49FCT2805TSC Datasheet HTML 6Page - Pericom Semiconductor Corporation PI49FCT2805TSC Datasheet HTML 7Page - Pericom Semiconductor Corporation PI49FCT2805TSC Datasheet HTML 8Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
PS7006C
06/27/01
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI49FCT805T
PI49FCT2805T/PI49FCT806T
Fast CMOS Buffer/Clock Driver
PowerSupplyCharacteristics
Parameters Description
TestConditions(1)
Min.
Typ(2)
Max.
Units
ICC
Quiescent Power
VCC=Max.
VIN=GNDorVCC
330
µA
Supply Current
∆ICC
Supply Current per
VCC=Max.
VIN=3.4V(3)
0.5
2.0
mA
Input@TTLHIGH
ICCD
Supply Current per
VCC=Max.,
VIN=VCC
0.15
0.25
mA/
Input per MHz(4)
Outputs Open
VIN=GND
MHz
OEA=OEB=GND
Per Output Toggling
50% Duty Cycle
IC
Total Power Supply
VCC=Max.,
VIN=VCC
7.7
14.0(5)
mA
Current(6)
Outputs Open
VIN=GND
fI = 10 MHZ
50% Duty Cycle
VIN=3.4V
8.0
15.0(5)
OEA=OEB=GND
VIN=GND
Five Outputs Toggling
VCC=Max.,
VIN=VCC
4.3
8.4(5)
Outputs Open
VIN=GND
fI=2.5MHZ
50% Duty Cycle
OEA=OEB=GND
VIN=3.4V
4.8
10.4(5)
Eleven Outputs
VIN=GND
Toggling
Notes:
1. For Max. or Min. conditions, use appropriate value specified under Electrical Characteristics for the applicable device.
2. Typical values are at Vcc = 5.0V, +25°C ambient.
3. Per TTL driven input (VIN = 3.4V); all other inputs at Vcc or GND.
4. This parameter is not directly testable, but is derived for use in Total Power Supply Calculations.
5. Values for these conditions are examples of the Icc formula. These limits are guaranteed but not tested.
6. IC =IQUIESCENT + IINPUTS + IDYNAMIC
IC = ICC + ∆ICC DHNT + ICCD (fCP/2 + fINI)
ICC = Quiescent Current
∆ICC = Power Supply Current for a TTL High Input (VIN = 3.4V)
DH = Duty Cycle for TTL Inputs High
NT = Number of TTL Inputs at DH
ICCD = Dynamic Current Caused by an Input Transition Pair (HLH or LHL)
fCP = Clock Frequency for Register Devices (Zero for Non-Register Devices)
fI = Input Frequency
NI = Number of Inputs at fI
All currents are in milliamps and all frequencies are in megahertz.


Similar Part No. - PI49FCT2805TSC

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI49FCT2807T PERICOM-PI49FCT2807T Datasheet
316Kb / 6P
   Fast CMOS Clock Driver
PI49FCT2807TH PERICOM-PI49FCT2807TH Datasheet
316Kb / 6P
   Fast CMOS Clock Driver
PI49FCT2807TQ PERICOM-PI49FCT2807TQ Datasheet
316Kb / 6P
   Fast CMOS Clock Driver
PI49FCT2807TS PERICOM-PI49FCT2807TS Datasheet
316Kb / 6P
   Fast CMOS Clock Driver
More results

Similar Description - PI49FCT2805TSC

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT49FCT805 IDT-IDT49FCT805_09 Datasheet
72Kb / 7P
   FAST CMOS BUFFER/CLOCK DRIVER
IDT49FCT3805AQGI IDT-IDT49FCT3805AQGI Datasheet
72Kb / 7P
   FAST CMOS BUFFER/CLOCK DRIVER
logo
Renesas Technology Corp
IDT49FCT805BT RENESAS-IDT49FCT805BT Datasheet
243Kb / 8P
   FAST CMOS BUFFER/CLOCK DRIVER
MAY 2010
IDT49FCT806 RENESAS-IDT49FCT806 Datasheet
230Kb / 8P
   FAST CMOS BUFFER/CLOCK DRIVER
MAY 2010
logo
Integrated Device Techn...
IDT74FCT810BT IDT-IDT74FCT810BT Datasheet
107Kb / 6P
   FAST CMOS BUFFER/CLOCK DRIVER
IDT49FCT805 IDT-IDT49FCT805 Datasheet
126Kb / 7P
   FAST CMOS BUFFER/CLOCK DRIVER
IDT49FCT806 IDT-IDT49FCT806_09 Datasheet
74Kb / 7P
   FAST CMOS BUFFER/CLOCK DRIVER
IDT49FCT3805APY IDT-IDT49FCT3805APY Datasheet
72Kb / 7P
   FAST CMOS BUFFER/CLOCK DRIVER
logo
Renesas Technology Corp
74FCT810T RENESAS-74FCT810T Datasheet
224Kb / 7P
   FAST CMOS BUFFER/CLOCK DRIVER
MAY 2010
logo
Integrated Device Techn...
IDT49FCT805BT IDT-IDT49FCT805BT Datasheet
125Kb / 7P
   FAST CMOS BUFFER/CLOCK DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com