Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MKP479 Datasheet(PDF) 2 Page - Vishay Siliconix

Part No. MKP479
Description  AC and Pulse Polypropylene Film Capacitors MKP Radial Epoxy Lacquered Type
Download  24 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MKP479 Datasheet(HTML) 2 Page - Vishay Siliconix

  MKP479 Datasheet HTML 1Page - Vishay Siliconix MKP479 Datasheet HTML 2Page - Vishay Siliconix MKP479 Datasheet HTML 3Page - Vishay Siliconix MKP479 Datasheet HTML 4Page - Vishay Siliconix MKP479 Datasheet HTML 5Page - Vishay Siliconix MKP479 Datasheet HTML 6Page - Vishay Siliconix MKP479 Datasheet HTML 7Page - Vishay Siliconix MKP479 Datasheet HTML 8Page - Vishay Siliconix MKP479 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
Document Number: 28123
For technical questions contact: filmcaps.roeselare@vishay.com
www.vishay.com
Revision: 21-Nov-05
179
MKP 479
AC and Pulse Polypropylene
Film Capacitors MKP Radial Epoxy
Lacquered Type
Vishay BCcomponents
COMPOSITION OF CATALOG NUMBER
* Use this partnumber for those with access to the
Vishay’s SAP system and Partners website within
the Americas
2222
479
XX XX X
BFC2* 479
XX XX X
TYPE AND PITCHES
479
15.0/7.5 mm
10.0 mm
15.0 mm
22.5 mm
27.5 mm
TYPE
PACKAGING
LEAD CONFIGURATION
PREFERRED TYPES
C-TOL
160 V
250 V
400 V
630 V
250 V
400 V
monitor
type
monitor
type
479
loose in box
lead length 5.0
± 1.0 mm
± 5 %
32
42
52
62
41
51
lock lead 4.0
+ 1.0/− 0.5 mm
90
90
90
90
90
90
Taped on reel
(bent back)
H
= 16.0 mm; P
0 = 15.0 mm;
reel diameter 500 mm
36
46
56
66
49
59
dimensions relating to this code should remain in Parenthesis
ON REQUEST
479
loose in box
lead length 3.5 + 1.0/- 0.5 mm
± 5 %
34
44
54
64
43
53
taped on reel
H
= 16.0 mm; P
0 = 12.7 mm;
reel diameter 500 mm
35
45
55
65
47
57
MULTIPLIER
(nF)
0.1
2
1
3
10
4
100
5
CAPACITANCE
(numerically; but not
for lock lead)
Example:
104
= 10 x 10 = 100 nF


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MKP378AC and Pulse Metallized Polypropylene Film Capacitors MKP/MKP Radial Potted Type 1 2 3 4 5 MoreVishay Siliconix
CX0805MRX7R8BB223SURFACE-MOUNT CERAMICEMI FILTER CAPACITORS 1 2 3 4 5 MoreContinental Device India Limited
VL-FS-MDLS161615SP-02SPECIFICATION OF LCD MODULE TYPE 1 2 3 4 5 MoreVaritronix international limited
VL-PS-OLM-O095CNC-02SPECIFICATION OF LCD MODULE TYPE 1 2 3 4 5 MoreVaritronix international limited
TDPXRack and Panel Filter Connectors 1 2 3 4 5 MoreITT Industries
CFRCarbon Film Resistors Normal & Miniature Style 1 2 List of Unclassifed Manufacturers
VL-FS-MGLS12032C-01SPECIFICATION OF LCD MODULE TYPE 1 2 3 4 5 MoreVaritronix international limited
VL-PS-PDA320240D-02SPECIFICATION OF LCD MODULE TYPE 1 2 3 4 5 MoreVaritronix international limited
ISD33120SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICES 2- 2.5- 3- AND 4-MINUTE DURATIONS 1 2 3 4 5 MoreList of Unclassifed Manufacturers
MFRMetal Film Resistors Normal & Miniature Style 1 2 List of Unclassifed Manufacturers

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn