Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX6639ATE Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX6639ATE
Description  2-Channel Temperature Monitor with Dual, Automatic, PWM Fan-Speed Controller
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6639ATE Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX6639ATE Datasheet HTML 1Page - Maxim Integrated Products MAX6639ATE Datasheet HTML 2Page - Maxim Integrated Products MAX6639ATE Datasheet HTML 3Page - Maxim Integrated Products MAX6639ATE Datasheet HTML 4Page - Maxim Integrated Products MAX6639ATE Datasheet HTML 5Page - Maxim Integrated Products MAX6639ATE Datasheet HTML 6Page - Maxim Integrated Products MAX6639ATE Datasheet HTML 7Page - Maxim Integrated Products MAX6639ATE Datasheet HTML 8Page - Maxim Integrated Products MAX6639ATE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
2-Channel Temperature Monitor with Dual,
Automatic, PWM Fan-Speed Controller
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VCC = +3.0V to +5.5V, TA = 0
°C to +125°C, unless otherwise noted. Typical values are at VCC = +3.3V, TA = +85°C.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VCC to GND ..............................................................-0.3V to +6V
PWM1, PWM2, TACH1, and TACH2 to GND ......-0.3V to +13.5V
DXP1 and DXP2 to GND ..........................-0.3V to +(VCC + 0.3V)
DXN to GND ..........................................................-0.3V to +0.8V
SCL, SDA, THERM, OT, FANFAIL, ADD,
and ALERT to GND ..............................................-0.3V to +6V
SDA, OT, THERM, ALERT, FANFAIL,
PWM1, and PWM2 Current .............................-1mA to +50mA
DXN Current .......................................................................±1mA
ESD Protection (all pins, Human Body Model) ..................2000V
Continuous Power Dissipation (TA = +70°C)
16-Pin QSOP (derated 8.3mW/°C above +70°C) ....... 667mW
16-Pin TQFN 5mm x 5mm
(derated at 33.3mW/°C above +70°C)................2666.7mW
Operating Temperature Range .........................-40°C to +125°C
Junction Temperature ......................................................+150°C
Storage Temperature Range ............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Operating Supply Voltage Range
VCC
+3.0
+5.5
V
Standby Current
SMB static, sleep mode
3
10
µA
Operating Current
Interface inactive, ADC active
0.5
1
mA
VCC = +3.3V, +60
°C ≤ TA ≤ +100°C and
+60
°C ≤ TR ≤ +100°C
±1
VCC = +3.3V, +40
°C ≤ TA ≤ +100°C and
0
°C ≤ TR ≤ +145°C
±2.5
External Temperature Error
VCC = +3.3V, 0
°C ≤ TR ≤ +145°C
±3.8
°C
VCC = +3.3V, +25
°C ≤ TA ≤ +100°C±2
Internal Temperature Error
VCC = +3.3V, 0
°C ≤ TA ≤ +125°C±4
°C
Supply Sensitivity of Temperature
Measurement
±0.2
°C/V
+0.125
°C
Temperature Resolution
11
Bits
Conversion Time
125
ms
Conversion-Rate Timing Error
-10
+10
%
PWM Frequency Error
-10
+10
%
Tachometer Accuracy
VCC = 3.0V to 3.63V, TA = +60°C to +100°C
±3
%
High level
70
100
130
Remote-Diode Sourcing Current
Low level
7.0
10
13.0
µA
DXN Source Voltage
0.7
V


Similar Part No. - MAX6639ATE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6639ATE MAXIM-MAX6639ATE Datasheet
325Kb / 24P
   2-Channel Temperature Monitor with Dual, Automatic, PWM Fan-Speed Controller
Rev 1; 12/07
MAX6639ATE MAXIM-MAX6639ATE Datasheet
203Kb / 22P
   2-Channel Temperature Monitor with Dual, Automatic, PWM Fan-Speed Controller
Rev 2; 4/08
MAX6639ATE++ MAXIM-MAX6639ATE+ Datasheet
260Kb / 22P
   2-Channel Temperature Monitor with Dual, Automatic, PWM Fan-Speed Controller
2013
More results

Similar Description - MAX6639ATE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6639 MAXIM-MAX6639_V01 Datasheet
260Kb / 22P
   2-Channel Temperature Monitor with Dual, Automatic, PWM Fan-Speed Controller
2013
MAX6639 MAXIM-MAX6639_07 Datasheet
325Kb / 24P
   2-Channel Temperature Monitor with Dual, Automatic, PWM Fan-Speed Controller
Rev 1; 12/07
MAX6639 MAXIM-MAX6639_08 Datasheet
203Kb / 22P
   2-Channel Temperature Monitor with Dual, Automatic, PWM Fan-Speed Controller
Rev 2; 4/08
MAX6640 MAXIM-MAX6640 Datasheet
724Kb / 22P
   2-Channel Temperature Monitor with Dual Automatic PWM Fan-Speed Controller
Rev 0; 8/04
MAX6640 MAXIM-MAX6640_08 Datasheet
218Kb / 21P
   2-Channel Temperature Monitor with Dual Automatic PWM Fan-Speed Controller
Rev 2; 10/08
MAX6678 MAXIM-MAX6678 Datasheet
689Kb / 19P
   2-Channel Temperature Monitor with Dual Automatic PWM Fan-Speed Controller and Five GPIOs
Rev 0; 5/04
MAX6641 MAXIM-MAX6641 Datasheet
474Kb / 17P
   SMBus-Compatible Temperature Monitor with Automatic PWM Fan-Speed Controller
Rev 1; 4/06
logo
ON Semiconductor
ADM1031 ONSEMI-ADM1031 Datasheet
305Kb / 30P
   Intelligent Temperature Monitor and Dual PWM Fan Controller
May, 2010 ??Rev. 4
logo
Analog Devices
ADM1031 AD-ADM1031 Datasheet
289Kb / 32P
   Intelligent Temperature Monitor and Dual PWM Fan Controller
REV. 0
ADM1030 AD-ADM1030 Datasheet
278Kb / 28P
   Intelligent Temperature Monitor and PWM Fan Controller
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com