Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CE71JG Datasheet(PDF) 2 Page - Fujitsu Component Limited.

Part # CE71JG
Description  0.25um CMOS Technology
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

CE71JG Datasheet(HTML) 2 Page - Fujitsu Component Limited.

  CE71JG Datasheet HTML 1Page - Fujitsu Component Limited. CE71JG Datasheet HTML 2Page - Fujitsu Component Limited. CE71JG Datasheet HTML 3Page - Fujitsu Component Limited. CE71JG Datasheet HTML 4Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
L-Series with 44µm Inline Pad Pitch and Au Bump
Frame
Total Gates
Total Pads
Signals
CE71L4
356K
304
264
CE71L5
476K
352
304
CE71L6
677K
420
360
CE71L7
1,034K
520
428
CE71L8
1,469K
620
504
CE71L9
1,976K
720
504
CE71LA
2,513K
812
504
CE71LB
3,001K
888
504
CE71LC
3,506K
960
504
CE71LD
4,050K
1,032
504
CE71LE
5,043K
1,152
504
T-Series with 88µm Inline Pad Pitch and Wire Bonding
Frame
Total Gates
Total Pads
Signals
CE71T2
347K
144
128
CE71T3
524K
176
156
CE71T4
734K
208
178
CE71T5
845K
224
192
CE71T6
963K
240
206
CE71T7
1.110K
256
220
CE71T8
1.407K
288
248
CE71T9
1.559K
304
264
CE71TA
1.827K
328
264
CE71TB
2.088K
352
312
CE71TC
2.398K
376
312
CE71TD
3.040K
424
360
CE71TE
3.645K
464
360
CE71TG
5.152K
552
264
Mixed-Signal Macros
D/A Converters
• 10-bit: 1 MS/s, 1.5 MS/s,
30 MS/s, 50 MS/s,
100 MS/s, 220 MS/s
• 8-bit: 200 KS/s, 1 MS/s, 50 MS/s
A/D Converters
• 12-bit: 1 MS/s
• 10-bit: 1 MS/s, 20 MS/s, 40 MS/s
• 8-bit: 1 MS/s, 30 MS/s, 50 MS/s
• 6-bit: 100 MS/s, 500 MS/s
Multiplier Compiler
• Multiplicand (m): 4 ≤ m ≤ 32
• Multiplier (n): 4 ≤ n ≤ 32 (even number only)
Memory Macros
• SRAM Compiler: single and dual port (1 R/W, 1R), up to
72K bits per block, both BUS and Partial Write
• ROM Compiler: up to 512K bits per block
• High-density single-port RAM 288K bits
• Register file (2R/W, 2R/2W), up to 4,608 bits
Phase-Locked Loops
• Analog: up to 250 MHz (622 MHz under development)
I/Os
• 2.5V, 3.3V, and 5V tolerant
• Slew-rate controlled
• CMOS,TTL, PCML,T-LVTTL, LVDS, PCI, SSTL,
GTL+,AGP, USB
SOC IP Cores
ARM 7TDMI Hard Macro
ARC 32-bit RISC
834/836 SPARClite Hard Macros
Oak DSP Hard Macro
10/100 MAC
64/256 QAM
MPEG2 Decoder/Demultiplexer
8VSBTV Demodulator
AC-3 DolbyVoice Decoder
JPEG Encoder and Decoder
PCI–33/66 MHz, 32/64-bit cores
USB Host Controller/Device
I2C
IDE (ATA3) Host Controller
Smart Card I/F
IRDA I/R Interface
More IPs are being added
ASIC Design Kit and EDA Support
Verilog Logic Simulators from
Verilog-XL, NC-Verilog,
Cadence, Synopsys, and Mentor
VCS, Model-sim (Verilog)
VHDL/VITAL Logic
VSS, Model-sim (VHDL), V-System,
Simulators from Synopsys,
Leapfrog
Cadence, and Mentor
Synthesis, power, DFT, and
Design Compiler, Design Power, Test
STA tools from Synopsys
Compiler, PrimeTime, MOTIVE, and
Sunrise TestGen
Other EDA tools
Chrysalis Design Verifyer and
Sente Watt Watcher
CE71 Series Embedded Array
Fujitsu Microelectronics, Inc.


Similar Part No. - CE71JG

ManufacturerPart #DatasheetDescription
logo
CamdenBoss Ltd.
CE70 CAMDENBOSS-CE70 Datasheet
874Kb / 1P
   30mm wide pre-wired limit switches
CE70.0.AM CAMDENBOSS-CE70.0.AM Datasheet
874Kb / 1P
   30mm wide pre-wired limit switches
CE70.0.BLM CAMDENBOSS-CE70.0.BLM Datasheet
874Kb / 1P
   30mm wide pre-wired limit switches
CE70.0.BM CAMDENBOSS-CE70.0.BM Datasheet
874Kb / 1P
   30mm wide pre-wired limit switches
CE70.0.EM CAMDENBOSS-CE70.0.EM Datasheet
874Kb / 1P
   30mm wide pre-wired limit switches
More results

Similar Description - CE71JG

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IK2107DW IKSEMICON-IK2107DW Datasheet
297Kb / 17P
   CMOS Technology
logo
Shenzhen Titan Micro El...
TM1628 TITAN-TM1628 Datasheet
418Kb / 14P
   CMOS Technology
logo
HB Electronic Component...
5XRGB-F2-F HB-5XRGB-F2-F Datasheet
159Kb / 3P
   CMOS Technology
5XRGB-F2-S HB-5XRGB-F2-S Datasheet
160Kb / 3P
   CMOS Technology
logo
Fujitsu Component Limit...
CE66 FUJITSU-CE66 Datasheet
29Kb / 2P
   0.35um CMOS Technology
CS200 FUJITSU-CS200 Datasheet
603Kb / 2P
   65nm CMOS Technology
logo
M/A-COM Technology Solu...
MADR-009190 MA-COM-MADR-009190 Datasheet
772Kb / 10P
   High Voltage CMOS Technology
logo
Micon Design Technology...
MDT75C272 MDTIC-MDT75C272 Datasheet
47Kb / 5P
   OTP Encoder using CMOS technology.
MDT75C273 MDTIC-MDT75C273 Datasheet
47Kb / 5P
   OTP Encoder using CMOS technology.
logo
Texas Instruments
TMS320C242 TI1-TMS320C242_09 Datasheet
902Kb / 74P
[Old version datasheet]   High-Performance Static CMOS Technology
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com