Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAX6639 Datasheet(PDF) 18 Page - Maxim Integrated Products

Part # MAX6639
Description  2-Channel Temperature Monitor with Dual, Automatic, PWM Fan-Speed Controller
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6639 Datasheet(HTML) 18 Page - Maxim Integrated Products

Back Button MAX6639 Datasheet HTML 14Page - Maxim Integrated Products MAX6639 Datasheet HTML 15Page - Maxim Integrated Products MAX6639 Datasheet HTML 16Page - Maxim Integrated Products MAX6639 Datasheet HTML 17Page - Maxim Integrated Products MAX6639 Datasheet HTML 18Page - Maxim Integrated Products MAX6639 Datasheet HTML 19Page - Maxim Integrated Products MAX6639 Datasheet HTML 20Page - Maxim Integrated Products MAX6639 Datasheet HTML 21Page - Maxim Integrated Products MAX6639 Datasheet HTML 22Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
Quick-Start Guide for 8000RPM 4-Pole
(2 Pulses per Revolution) Fan in Automatic
RPM Mode Using the Circuit of Figure 7
1) Write 02h to register 11h to set the PWM output to
drive the n-channel MOSFET.
2) Write 4Bh to register 22h to set the minimum RPM
to 3200.
3) Write 5Eh to register 24h to set the pulses per revo-
lution to 2 and to set the maximum RPM speed to
8000RPM.
4) Write 19h to register 28h to set the fan-start temper-
ature to +25°C.
5) Write D2h to register 10h to start automatic
RPM mode.
Remote-Diode Considerations
Temperature accuracy depends upon having a good-
quality, diode-connected, small-signal transistor.
Accuracy has been experimentally verified for all the
devices listed in Table 12. The MAX6639 can also
directly measure the die temperature of CPUs and
other ICs with on-board temperature-sensing diodes.
The transistor must be a small-signal type with a rela-
tively high forward voltage. This ensures that the input
voltage is within the A/D input voltage range. The for-
ward voltage must be greater than 0.25V at 10µA at the
highest expected temperature. The forward voltage
must be less than 0.95V at 100µA at the lowest expect-
ed temperature. The base resistance has to be less
than 100
Ω. Tight specification of forward-current gain
(+50 to +150, for example) indicates that the manufac-
turer has good process control and that the devices
have consistent characteristics.
Effect of Ideality Factor
The accuracy of the remote temperature measurements
depends on the ideality factor (n) of the remote diode
(actually a transistor). The MAX6639 is optimized for n
= 1.008, which is the typical value for the Intel®
Pentium® III and the AMD Athlon MP model 6. If a
sense transistor with a different ideality factor is used,
the output data is different. Fortunately, the difference
is predictable.
Assume a remote-diode sensor designed for a nominal
ideality factor nNOMINAL is used to measure the tem-
perature of a diode with a different ideality factor, n1.
The measured temperature TM can be corrected using:
where temperature is measured in Kelvin.
As mentioned above, the nominal ideality factor of the
MAX6639 is 1.008. As an example, assume the
MAX6639 is configured with a CPU that has an ideality
factor of 1.002. If the diode has no series resistance,
the measured data is related to the real temperature
as follows:
For a real temperature of +85°C (358.15K), the mea-
sured temperature is +82.91°C (356.02K), which is an
error of -2.13°C.
TT
n
n
TT
ACTUAL
M
NOMINAL
MM
=
⎟ =
⎟ =
1
1 008
1 002
1 00599
.
.
(.
)
TT
n
n
M
ACTUAL
NOMINAL
=
1
2-Channel Temperature Monitor with Dual,
Automatic, PWM Fan-Speed Controller
18
______________________________________________________________________________________
FIGURE
DESCRIPTION
PULSE STRETCHING
PWM FREQUENCY
PWM POLARITY
6
High-side PWM drive
Yes
Low
Negative
7
Low-side PWM drive
Yes
Low
Positive
8
High-side PWM drive with keep-alive supply
No
Low
Negative
9
High-side linear supply
No
High
Positive
10
4-wire fan with PWM speed-control input
No
High
Positive
Table 11. Summary of Fan-Drive Options
MANUFACTURER
MODEL NO.
Central Semiconductor (USA)
CMPT3906
Rohm Semiconductor (USA)
SST3906
Samsung (Korea)
KST3906-TF
Siemens (Germany)
SMBT3906
Table 12. Remote-Sensor Transistor
Manufacturers
Intel and Pentium are registered trademarks of Intel Corp.


Similar Part No. - MAX6639

ManufacturerPart #DatasheetDescription
Maxim Integrated Products
Maxim Integrated Produc...
MAX6639 MAXIM-MAX6639 Datasheet
325Kb / 24P
   2-Channel Temperature Monitor with Dual, Automatic, PWM Fan-Speed Controller
Rev 1; 12/07
MAX6639 MAXIM-MAX6639 Datasheet
203Kb / 22P
   2-Channel Temperature Monitor with Dual, Automatic, PWM Fan-Speed Controller
Rev 2; 4/08
MAX6639 MAXIM-MAX6639 Datasheet
391Kb / 18P
   Evaluation Kit
Rev 0; 1/09
MAX6639AEE MAXIM-MAX6639AEE Datasheet
325Kb / 24P
   2-Channel Temperature Monitor with Dual, Automatic, PWM Fan-Speed Controller
Rev 1; 12/07
MAX6639AEE MAXIM-MAX6639AEE Datasheet
203Kb / 22P
   2-Channel Temperature Monitor with Dual, Automatic, PWM Fan-Speed Controller
Rev 2; 4/08
More results

Similar Description - MAX6639

ManufacturerPart #DatasheetDescription
Maxim Integrated Products
Maxim Integrated Produc...
MAX6639 MAXIM-MAX6639_V01 Datasheet
260Kb / 22P
   2-Channel Temperature Monitor with Dual, Automatic, PWM Fan-Speed Controller
2013
MAX6639 MAXIM-MAX6639_08 Datasheet
203Kb / 22P
   2-Channel Temperature Monitor with Dual, Automatic, PWM Fan-Speed Controller
Rev 2; 4/08
MAX6639 MAXIM-MAX6639_07 Datasheet
325Kb / 24P
   2-Channel Temperature Monitor with Dual, Automatic, PWM Fan-Speed Controller
Rev 1; 12/07
MAX6640 MAXIM-MAX6640_08 Datasheet
218Kb / 21P
   2-Channel Temperature Monitor with Dual Automatic PWM Fan-Speed Controller
Rev 2; 10/08
MAX6640 MAXIM-MAX6640 Datasheet
724Kb / 22P
   2-Channel Temperature Monitor with Dual Automatic PWM Fan-Speed Controller
Rev 0; 8/04
MAX6678 MAXIM-MAX6678 Datasheet
689Kb / 19P
   2-Channel Temperature Monitor with Dual Automatic PWM Fan-Speed Controller and Five GPIOs
Rev 0; 5/04
MAX6641 MAXIM-MAX6641 Datasheet
474Kb / 17P
   SMBus-Compatible Temperature Monitor with Automatic PWM Fan-Speed Controller
Rev 1; 4/06
ON Semiconductor
ON Semiconductor
ADM1031 ONSEMI-ADM1031 Datasheet
305Kb / 30P
   Intelligent Temperature Monitor and Dual PWM Fan Controller
May, 2010 ??Rev. 4
Analog Devices
Analog Devices
ADM1031 AD-ADM1031 Datasheet
289Kb / 32P
   Intelligent Temperature Monitor and Dual PWM Fan Controller
REV. 0
ADM1030 AD-ADM1030 Datasheet
278Kb / 28P
   Intelligent Temperature Monitor and PWM Fan Controller
REV. 0
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com