Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAX6639 Datasheet(PDF) 14 Page - Maxim Integrated Products

Part # MAX6639
Description  2-Channel Temperature Monitor with Dual, Automatic, PWM Fan-Speed Controller
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6639 Datasheet(HTML) 14 Page - Maxim Integrated Products

Back Button MAX6639 Datasheet HTML 10Page - Maxim Integrated Products MAX6639 Datasheet HTML 11Page - Maxim Integrated Products MAX6639 Datasheet HTML 12Page - Maxim Integrated Products MAX6639 Datasheet HTML 13Page - Maxim Integrated Products MAX6639 Datasheet HTML 14Page - Maxim Integrated Products MAX6639 Datasheet HTML 15Page - Maxim Integrated Products MAX6639 Datasheet HTML 16Page - Maxim Integrated Products MAX6639 Datasheet HTML 17Page - Maxim Integrated Products MAX6639 Datasheet HTML 18Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
Fan 1 and 2 Configuration 1 (10h and 14h)
The following registers control the modes of operation
of the MAX6639:
• D7: PWM Mode. D7 = 1 sets the fan into manual
PWM duty-cycle control mode. Write the target duty
cycle in the fan duty-cycle register. D7 = 0 puts the
fan into RPM control mode. To set RPM manually, set
both fan-control temperature channels (bits D2 and
D3) to zero and write the desired tachometer count
into the TACH count register.
• D[6:4]: Fan Duty-Cycle Rate-of-Change. D[6:4]
sets the time between increments of the duty cycle.
Each increment is 1/120 of the duty cycle. By adjust-
ing the rate-of-change, audibility of fan-speed
changes can be traded for response time. Table 5
shows the effect of D[6:4] and, for reference, the
time required for the fan speed to change from 33%
to 100% duty cycle as a function of the rate-of-
change bits.
• D[3:2]: Temperature Channel(s) for Fan Control.
Selects the temperature channel(s) that control the
PWM output when the MAX6639 is in automatic RPM
control mode (PWM mode bit is zero). If two chan-
nels are selected, the fan goes to the higher of the
two possible speeds. If neither channel is selected,
then the fan is in manual RPM mode and the speed
is forced to the value written to the target tach count
register 22h or 23h.
• D[1:0]: RPM Range. Scales the tachometer counter
by setting the maximum (full-scale) value of the RPM
range to 2000, 4000, 8000, or 16,000. (Table 3
shows the internal clock frequency as a function of
the range.)
2-Channel Temperature Monitor with Dual,
Automatic, PWM Fan-Speed Controller
14
______________________________________________________________________________________
ACTUAL RATE OF CHANGE AT SPECIFIC PWM FREQUENCIES
REGISTER 10h
OR 14h D[6:4]
NOMINAL RATE
OF CHANGE (s)
100Hz (s)
50Hz (s)
33.3Hz (s)
20Hz (s)
NOMINAL TIME FROM
33% TO 100% (s)
000
0
0000
0
001
0.0625
0.06
0.06
0.06
0.05
5
010
0.125
0.13
0.12
0.12
0.15
10
011
0.25
0.25
0.26
0.24
0.25
20
100
0.5
0.5
0.5
0.51
0.5
40
101
1
1
1
0.99
1
80
110
2
2
2
1.98
2
160
111
4
4
4
3.96
4
320
Table 5. Fan Duty-Cycle Rate-of-Change
REGISTER 10h OR 14h
FAN MAXIMUM RPM VALUE
00
2000
01
4000
10
8000
11
16,000
Table 6. Fan RPM Speed
MAXIMUM RPM VALUE
ACTUAL RPM
SELECTED NUMBER
OF PULSES PER
REVOLUTION
ACTUAL FAN PULSES
PER REVOLUTION
TACHOMETER COUNT
VALUE*
2000
1000
2
2
3Ch
4000
1000
2
2
78h
4000
3000
2
2
28h
4000
3000
2
4
14h
16,000
8000
4
4
3Ch
16,000
8000
4
2
78h
Table 7. RPM-to-Tachometer Count Relationship Examples
*Tachometer count value = ((internal clock frequency) x 60) / actual RPM) (selected number of pulses per revolution / actual fan pulses)


Similar Part No. - MAX6639

ManufacturerPart #DatasheetDescription
Maxim Integrated Products
Maxim Integrated Produc...
MAX6639 MAXIM-MAX6639 Datasheet
325Kb / 24P
   2-Channel Temperature Monitor with Dual, Automatic, PWM Fan-Speed Controller
Rev 1; 12/07
MAX6639 MAXIM-MAX6639 Datasheet
203Kb / 22P
   2-Channel Temperature Monitor with Dual, Automatic, PWM Fan-Speed Controller
Rev 2; 4/08
MAX6639 MAXIM-MAX6639 Datasheet
391Kb / 18P
   Evaluation Kit
Rev 0; 1/09
MAX6639AEE MAXIM-MAX6639AEE Datasheet
325Kb / 24P
   2-Channel Temperature Monitor with Dual, Automatic, PWM Fan-Speed Controller
Rev 1; 12/07
MAX6639AEE MAXIM-MAX6639AEE Datasheet
203Kb / 22P
   2-Channel Temperature Monitor with Dual, Automatic, PWM Fan-Speed Controller
Rev 2; 4/08
More results

Similar Description - MAX6639

ManufacturerPart #DatasheetDescription
Maxim Integrated Products
Maxim Integrated Produc...
MAX6639 MAXIM-MAX6639_V01 Datasheet
260Kb / 22P
   2-Channel Temperature Monitor with Dual, Automatic, PWM Fan-Speed Controller
2013
MAX6639 MAXIM-MAX6639_08 Datasheet
203Kb / 22P
   2-Channel Temperature Monitor with Dual, Automatic, PWM Fan-Speed Controller
Rev 2; 4/08
MAX6639 MAXIM-MAX6639_07 Datasheet
325Kb / 24P
   2-Channel Temperature Monitor with Dual, Automatic, PWM Fan-Speed Controller
Rev 1; 12/07
MAX6640 MAXIM-MAX6640_08 Datasheet
218Kb / 21P
   2-Channel Temperature Monitor with Dual Automatic PWM Fan-Speed Controller
Rev 2; 10/08
MAX6640 MAXIM-MAX6640 Datasheet
724Kb / 22P
   2-Channel Temperature Monitor with Dual Automatic PWM Fan-Speed Controller
Rev 0; 8/04
MAX6678 MAXIM-MAX6678 Datasheet
689Kb / 19P
   2-Channel Temperature Monitor with Dual Automatic PWM Fan-Speed Controller and Five GPIOs
Rev 0; 5/04
MAX6641 MAXIM-MAX6641 Datasheet
474Kb / 17P
   SMBus-Compatible Temperature Monitor with Automatic PWM Fan-Speed Controller
Rev 1; 4/06
ON Semiconductor
ON Semiconductor
ADM1031 ONSEMI-ADM1031 Datasheet
305Kb / 30P
   Intelligent Temperature Monitor and Dual PWM Fan Controller
May, 2010 ??Rev. 4
Analog Devices
Analog Devices
ADM1031 AD-ADM1031 Datasheet
289Kb / 32P
   Intelligent Temperature Monitor and Dual PWM Fan Controller
REV. 0
ADM1030 AD-ADM1030 Datasheet
278Kb / 28P
   Intelligent Temperature Monitor and PWM Fan Controller
REV. 0
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com