Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAX6639 Datasheet(PDF) 10 Page - Maxim Integrated Products

Part No. MAX6639
Description  2-Channel Temperature Monitor with Dual, Automatic, PWM Fan-Speed Controller
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6639 Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX6639 Datasheet HTML 6Page - Maxim Integrated Products MAX6639 Datasheet HTML 7Page - Maxim Integrated Products MAX6639 Datasheet HTML 8Page - Maxim Integrated Products MAX6639 Datasheet HTML 9Page - Maxim Integrated Products MAX6639 Datasheet HTML 10Page - Maxim Integrated Products MAX6639 Datasheet HTML 11Page - Maxim Integrated Products MAX6639 Datasheet HTML 12Page - Maxim Integrated Products MAX6639 Datasheet HTML 13Page - Maxim Integrated Products MAX6639 Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
counts. This limits the maximum speed of the fan by
ensuring that the fan’s tachometer count does not go
lower than the tachometer count specified by bits 5
through 0 of register 24h for fan 1 and register 25h for
fan 2. Typical values for the minimum tachometer count
are 30h to 60h. Set the value to correspond to the full-
rated RPM of the fan. See Figure 4.
Figure 5 shows how the MAX6639 calculates the target
tachometer value based on the measured temperature.
At TMIN, the fan spins at a minimum speed value corre-
sponding to the maximum tachometer count value
stored in register 22h or 23h. Bit 0 of register 11h (fan
1) and register 15h (fan 2) selects the behavior below
TMIN. If bit 0 is equal to zero, the fan is completely off
below TMIN. When the temperature is falling, it must
drop 5
°C below TMIN before the fan turns off. If bit 0 is
set to 1, the fan does not turn off below TMIN, but
instead stays at the maximum tachometer count in reg-
ister 22h or 23h.
When the measured temperature is higher than TMIN,
the MAX6639 calculates the target tachometer count
value based on two linear equations. The target
tachometer count decreases by the tach step size
value stored in bits 7 through 4 of registers 11h and
15h each time the measured temperature increases by
the temperature step size value stored in bits 2 and 3 of
registers 11h and 15h. As the measured temperature
continues to increase, a second tachometer step size
goes into effect. Bits 3 through 0 of register 12h and
16h select the number temperature/PWM steps after
which the new step size takes effect. The new step size
is selected by bits 7 to 4 of registers 12h and 16h.
Register Descriptions
Channel 1 and Channel 2 Temperature Registers
(00h and 01h)
These registers contain the results of temperature mea-
surements. The MSB has a weight of +128
°C and the
LSB +1
°C. Temperature data for remote diode 1 is in
the channel 1 temperature register. Temperature data
for remote diode 2 or the local sensor (selectable by bit
4 in the global configuration register) is in the channel 2
temperature register. Three additional temperature bits
provide resolution down to 0.125
°C and are in the
channel 1 extended temperature (05h) and channel 2
extended temperature (06h) registers. The channel 1
and channel 2 temperature registers do not update
until at least 250ms after the access of the associated
extended temperature registers. All values below 0°C
return 00h.
Status Register (02h)
A 1 indicates that an ALERT, THERM, OT, or fan fault has
occurred. Reading this register clears bits 7, 6, 1, and 0.
Reading the register also clears the ALERT and
FANFAIL outputs, but not the THERM and OT outputs. If
the fault is still present on the next temperature measure-
ment cycle, any cleared bits and outputs are set again.
A successful alert response clears the values on the out-
puts but does not clear the status register bits. The
ALERT bits assert when the measured temperature is
higher than the respective thresholds. The THERM and
OT outputs behave like comparators with 5
°C hysteresis.
Mask Register (03h)
This register masks the ALERT, OT, THERM, and
FANFAIL outputs. A 1 prevents the corresponding fail-
ures from being asserted on these outputs. The mask
bits do not affect the status register.
2-Channel Temperature Monitor with Dual,
Automatic, PWM Fan-Speed Controller
10
______________________________________________________________________________________
TACHMAX
TACH
0xFFh
TACHMIN
TEMPERATURE
TB
TMIN-5
TMIN
TACHB+1
TACHA+1
Figure 4. Tachometer Target Calculation
RPM
0
RPMMAX
RPMMIN
TEMPERATURE
TMIN-5
TMIN
TB
TACHA+1
TACHB+1
Figure 5. RPM Target Calculation


Similar Part No. - MAX6639

ManufacturerPart No.DatasheetDescription
Maxim Integrated Products
Maxim Integrated Produc...
MAX6639 MAXIM-MAX6639 Datasheet
325Kb / 24P
   2-Channel Temperature Monitor with Dual, Automatic, PWM Fan-Speed Controller
Rev 1; 12/07
MAX6639 MAXIM-MAX6639 Datasheet
203Kb / 22P
   2-Channel Temperature Monitor with Dual, Automatic, PWM Fan-Speed Controller
Rev 2; 4/08
MAX6639 MAXIM-MAX6639 Datasheet
391Kb / 18P
   Evaluation Kit
Rev 0; 1/09
MAX6639AEE MAXIM-MAX6639AEE Datasheet
325Kb / 24P
   2-Channel Temperature Monitor with Dual, Automatic, PWM Fan-Speed Controller
Rev 1; 12/07
MAX6639AEE MAXIM-MAX6639AEE Datasheet
203Kb / 22P
   2-Channel Temperature Monitor with Dual, Automatic, PWM Fan-Speed Controller
Rev 2; 4/08
More results

Similar Description - MAX6639

ManufacturerPart No.DatasheetDescription
Maxim Integrated Products
Maxim Integrated Produc...
MAX6639 MAXIM-MAX6639_V01 Datasheet
260Kb / 22P
   2-Channel Temperature Monitor with Dual, Automatic, PWM Fan-Speed Controller
2013
MAX6639 MAXIM-MAX6639_08 Datasheet
203Kb / 22P
   2-Channel Temperature Monitor with Dual, Automatic, PWM Fan-Speed Controller
Rev 2; 4/08
MAX6639 MAXIM-MAX6639_07 Datasheet
325Kb / 24P
   2-Channel Temperature Monitor with Dual, Automatic, PWM Fan-Speed Controller
Rev 1; 12/07
MAX6640 MAXIM-MAX6640_08 Datasheet
218Kb / 21P
   2-Channel Temperature Monitor with Dual Automatic PWM Fan-Speed Controller
Rev 2; 10/08
MAX6640 MAXIM-MAX6640 Datasheet
724Kb / 22P
   2-Channel Temperature Monitor with Dual Automatic PWM Fan-Speed Controller
Rev 0; 8/04
MAX6678 MAXIM-MAX6678 Datasheet
689Kb / 19P
   2-Channel Temperature Monitor with Dual Automatic PWM Fan-Speed Controller and Five GPIOs
Rev 0; 5/04
MAX6641 MAXIM-MAX6641 Datasheet
474Kb / 17P
   SMBus-Compatible Temperature Monitor with Automatic PWM Fan-Speed Controller
Rev 1; 4/06
ON Semiconductor
ON Semiconductor
ADM1031 ONSEMI-ADM1031 Datasheet
305Kb / 30P
   Intelligent Temperature Monitor and Dual PWM Fan Controller
May, 2010 ??Rev. 4
Analog Devices
Analog Devices
ADM1031 AD-ADM1031 Datasheet
289Kb / 32P
   Intelligent Temperature Monitor and Dual PWM Fan Controller
REV. 0
ADM1030 AD-ADM1030 Datasheet
278Kb / 28P
   Intelligent Temperature Monitor and PWM Fan Controller
REV. 0
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz