Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LP3855-ADJ Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part No. LP3855-ADJ
Description  1.5A Fast Response Ultra Low Dropout Linear Regulators
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3855-ADJ Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LP3855-ADJ Datasheet HTML 1Page - National Semiconductor (TI) LP3855-ADJ Datasheet HTML 2Page - National Semiconductor (TI) LP3855-ADJ Datasheet HTML 3Page - National Semiconductor (TI) LP3855-ADJ Datasheet HTML 4Page - National Semiconductor (TI) LP3855-ADJ Datasheet HTML 5Page - National Semiconductor (TI) LP3855-ADJ Datasheet HTML 6Page - National Semiconductor (TI) LP3855-ADJ Datasheet HTML 7Page - National Semiconductor (TI) LP3855-ADJ Datasheet HTML 8Page - National Semiconductor (TI) LP3855-ADJ Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Storage Temperature Range
−65˚C to +150˚C
Lead Temperature
(Soldering, 5 sec.)
260˚C
ESD Rating (Note 3)
2 kV
Power Dissipation (Note 2)
Internally Limited
Input Supply Voltage (Survival)
−0.3V to +7.5V
Shutdown Input Voltage
(Survival)
−0.3V to 7.5V
Output Voltage (Survival), (Note
6), (Note 7)
−0.3V to +6.0V
I
OUT (Survival)
Short Circuit Protected
Operating Ratings
Input Supply Voltage (Operating),
(Note 10)
2.5V to 7.0V
Shutdown Input Voltage
(Operating)
−0.3V to 7.0V
Maximum Operating Current (DC)
1.5A
Operating Junction Temp. Range
−40˚C to +125˚C
Electrical Characteristics
LP3855-ADJ
Limits in standard typeface are for T
J = 25˚C, and limits in boldface type apply over the full operating temperature range.
Unless otherwise specified: V
IN =VO(NOM) + 1V, IL = 10 mA, COUT = 10µF, VSD = 2V.
Symbol
Parameter
Conditions
Typ
(Note 4)
LP3855-ADJ (Note 5)
Units
Min
Max
V
ADJ
Adjust Pin Voltage
V
OUT +1V
≤ V
IN
≤ 7V
10 mA
≤ I
L
≤ 1.5A
1.216
1.198
1.180
1.234
1.253
V
I
ADJ
Adjust Pin Input Current
V
OUT +1V
≤ V
IN
≤ 7V
10 mA
≤ I
L
≤ 1.5A
10
100
nA
∆V
OL
Output Voltage Line
Regulation (Note 8)
V
OUT +1V
≤ V
IN
≤ 7.0V
0.02
0.06
%
∆V
O/
∆I
OUT
Output Voltage Load
Regulation
(Note 8)
10 mA
≤ I
L
≤ 1.5A
0.06
0.12
%
V
IN -VOUT
Dropout Voltage
TO-263 and TO-220
(Note 9)
I
L = 150 mA
24
35
45
mV
I
L = 1.5A
240
310
420
Dropout Voltage
SOT 223
(Note 9), (Note 11)
I
L = 150 mA
26
35
45
I
L = 1.5A
260
320
435
I
GND
Ground Pin Current In
Normal Operation Mode
I
L = 150 mA
3
9
10
mA
I
L = 1.5A
3
9
10
I
GND
Ground Pin Current In
Shutdown Mode
V
SD
≤ 0.3V
0.01
10
µA
-40˚C
≤ T
J
≤ 85˚C
50
I
O(PK)
Peak Output Current
V
O
≥ V
O(NOM) - 4%
1.8
A
Short Circuit Protection
I
SC
Short Circuit Current
3.2
A
www.national.com
5


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
OMR9807SC 200 Krad Si Ultra Low Dropout Linear Regulator Hermetic Package 1  2  3  4  5  International Rectifier
MUR30120PT Ultra Fast Recovery Diodes 1  2  3  List of Unclassifed Manufacturers
DM-3100N Low Cost 3 1/2Digit LED Display in Low Profile Case 1  2  3  4  5  More List of Unclassifed Manufacturers
FXL2TD245 Low Voltage Dual Supply 2-Bit Signal Translator with Configurable Voltage Supplies and Signal Levels 3-STATE Outputs and Independent 1  2  3  4  5  More Fairchild Semiconductor
PI5V330A Low On-Resistance Wideband/Video Quad 2-Channel Mux/DeMux 1  2  3  4  5  More Pericom Semiconductor Corporation
PI49FCT805T Fast CMOS Buffer/Clock Driver 1  2  3  4  5  More Pericom Semiconductor Corporation
PJLC1V5 LOW CAPACITANCE ESD / TRANSIENT DATA LINE PROTECTOR FOR 1.5V SYSTEMS 1  2  3  4  Pan Jit International Inc.
IRG4PC60F-PPBF INSULATED GATE BIPOLAR TRANSISTOR Fast Speed IGBT 1  2  3  4  5  More International Rectifier
LM140JAN Three Terminal Positive Regulators 1  2  3  4  5  More National Semiconductor (TI)

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn