Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CX0603MRX7R0BB0 Datasheet(PDF) 13 Page - Continental Device India Limited

Part # CX0603MRX7R0BB0
Description  SURFACE-MOUNT CERAMICEMI FILTER CAPACITORS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

CX0603MRX7R0BB0 Datasheet(HTML) 13 Page - Continental Device India Limited

Back Button CX0603MRX7R0BB0 Datasheet HTML 8Page - Continental Device India Limited CX0603MRX7R0BB0 Datasheet HTML 9Page - Continental Device India Limited CX0603MRX7R0BB0 Datasheet HTML 10Page - Continental Device India Limited CX0603MRX7R0BB0 Datasheet HTML 11Page - Continental Device India Limited CX0603MRX7R0BB0 Datasheet HTML 12Page - Continental Device India Limited CX0603MRX7R0BB0 Datasheet HTML 13Page - Continental Device India Limited CX0603MRX7R0BB0 Datasheet HTML 14Page - Continental Device India Limited CX0603MRX7R0BB0 Datasheet HTML 15Page - Continental Device India Limited CX0603MRX7R0BB0 Datasheet HTML 16Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Phycomp
Product specification
Surface-mount ceramic
EMI filter capacitors
X2Y® Series
2006 Nov.21 V.11
13
www.yageo.com
TESTS AND REQUIREMENTS
Table 5 Test procedures and requirements
TEST METHOD
IEC60384-21/22
TEST
PROCEDURE
REQUIREMENTS
4.3
mounting
The capacitors may be mounted on printed-
circuit boards or ceramic substrates
no visible damage
4.4
visual inspection
and dimension
check
any applicable method using
×10
magnification
in accordance with
specification
4.5.1
capacitance
NP0:
f = 1 MHz for C ≤ 1 nF, measuring at
voltage 1 Vrms at 20 °C;
f = 1 KHz for C > 1 nF, measuring at voltage
1 Vrms at 20 °C
X5R/X7R/Y5V:
f = 1 KHz for C ≤ 10 µF, measuring at
voltage 1 Vrms at 20 °C
within specified tolerance
4.5.2
Dissipation factor
(D.F.)
NP0:
f = 1 MHz for C ≤ 1 nF, measuring at
voltage 1 Vrms at 20 °C;
f = 1 KHz for C > 1 nF, measuring at voltage
1 Vrms at 20 °C
X5R/X7R/Y5V:
f = 1 KHz for C ≤ 10 µF, measuring at
voltage 1 Vrms at 20 °C
in accordance with
specifications
4.5.3
insulation
resistance
at Ur (DC) for 1 minute
in accordance with
specification
4.5.4.2
voltage proof
Test voltage (DC) applied for 1 minute
Ur ≤ 100 V: 2.5 × Ur applied to
NP0/X5R/X7R/Y5V series
100 V < Ur ≤ 200 V: 1.5 × Ur + 100 V
applied to NP0/X7R series
200 V < Ur ≤ 500 V: 1.3 × Ur + 100 V
applied to NP0/X7R series
Ur > 500 V: 1.3 × Ur applied to NP0/X7R
series
I: 7.5 mA
no breakdown or flashover


Similar Part No. - CX0603MRX7R0BB0

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
CX0603MRX7R0BB0 PULSE-CX0603MRX7R0BB0 Datasheet
1Mb / 14P
   Surface-mount ceramic EMI filter capacitors
More results

Similar Description - CX0603MRX7R0BB0

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
CX0603MRX7R0BB102 YAGEO-CX0603MRX7R0BB102 Datasheet
1Mb / 15P
   SURFACE-MOUNT CERAMIC EMI FILTER CAPACITORS
logo
Pulse A Technitrol Comp...
X2Y PULSE-X2Y Datasheet
1Mb / 14P
   Surface-mount ceramic EMI filter capacitors
logo
API Technologies Corp
1234-001 APITECH-1234-001 Datasheet
39Kb / 1P
   SURFACE MOUNT FILTER
logo
Bi technologies
LC0805L103M BITECH-LC0805L103M Datasheet
66Kb / 6P
   Low Pass Filter Leadless Surface Mount Chip Inductor/Capacitors
logo
MTRONPTI
A-SERIES MTRONPTI-A-SERIES Datasheet
333Kb / 2P
   Surface Mount Bandpass Filter
logo
Marki Microwave
FB-0955SM MARKIMICROWAVE-FB-0955SM Datasheet
407Kb / 2P
   SURFACE MOUNT BANDPASS FILTER
FB-1215SM MARKIMICROWAVE-FB-1215SM Datasheet
435Kb / 2P
   SURFACE MOUNT BANDPASS FILTER
logo
Abracon Corporation
ASCF45UB ABRACON-ASCF45UB Datasheet
134Kb / 2P
   SURFACE MOUNT CRYSTAL FILTER
4.10.07
logo
MTRONPTI
Y MTRONPTI-Y Datasheet
328Kb / 2P
   Surface Mount Bandpass Filter
Z-SERIES MTRONPTI-Z-SERIES Datasheet
219Kb / 2P
   Surface Mount Bandpass Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com