Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NTTD4401F Datasheet(PDF) 3 Page - ON Semiconductor

Part No. NTTD4401F
Description  FETKY Power MOSFET and Schottky Diode
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTTD4401F Datasheet(HTML) 3 Page - ON Semiconductor

  NTTD4401F Datasheet HTML 1Page - ON Semiconductor NTTD4401F Datasheet HTML 2Page - ON Semiconductor NTTD4401F Datasheet HTML 3Page - ON Semiconductor NTTD4401F Datasheet HTML 4Page - ON Semiconductor NTTD4401F Datasheet HTML 5Page - ON Semiconductor NTTD4401F Datasheet HTML 6Page - ON Semiconductor NTTD4401F Datasheet HTML 7Page - ON Semiconductor NTTD4401F Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
NTTD4401F
http://onsemi.com
3
SCHOTTKY DIODE ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise noted)
Characteristic
Symbol
Test Condition
Min
Typ
Max
Unit
Reverse Breakdown Voltage
BV
IR = 1.0 mA
20
V
Reverse Leakage Current
IR
V
20 V
TA = 25°C
0.05
mA
VR = 20 V
TA = 125°C
10
Forward Voltage
VF
I
10A
TA = 25°C
0.5
V
IF = 1.0 A
TA = 125°C
0.39
I =20A
TA = 25°C
0.6
IF = 2.0 A
TA = 125°C
0.53
Voltage Rate of Change
dV/dt
VR = 20 V
10,000
V/
ms


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SI7842DPDual N-Channel 30-V D-S MOSFET with Schottky Diode 1 2 3 4 5 Vishay Siliconix
IRLZ4SHEXFET POWER MOSFET 1 2 3 4 5 MoreInternational Rectifier
IRF3704ZCSPBFHEXFET Power MOSFET 1 2 3 4 5 MoreInternational Rectifier
IRHM57Z60RADIATION HARDENED POWER MOSFET THRU-HOLE TO-254AA 1 2 3 4 5 MoreInternational Rectifier
IRFP150VPBFHEXFET Power MOSFET 1 2 3 4 5 MoreInternational Rectifier
DSEP2X91-06AHiPerFRED Epitaxial Diode with soft recovery 1 2 IXYS Corporation
FAN41131.2V 36MHz Low Power Rail-to-Rail Amplifier 1 2 3 4 5 MoreFairchild Semiconductor
TDPXRack and Panel Filter Connectors 1 2 3 4 5 MoreITT Industries
HFA25TB60SUltrafast Soft Recovery Diode 1 2 3 4 5 MoreInternational Rectifier

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn