Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

FTR-P3 Datasheet(PDF) 3 Page - Fujitsu Component Limited.

Part No. FTR-P3
Description  COMPACT POWER RELAY 1 POLE-25 A FOR AUTOMOTIVE APPLICATIONS
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FUJITSU [Fujitsu Component Limited.]
Homepage  http://edevice.fujitsu.com/fmd/en/index.html
Logo 

FTR-P3 Datasheet(HTML) 3 Page - Fujitsu Component Limited.

   
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
FTR-P3 SERIES
n
COIL DATA CHART
FTR-P3 Series
Note:()is"Nil","-0",or"-05"
l
e
d
o
M
l
a
n
i
m
o
N
li
oi
C
g
a
tl
o
V
e
)
(
1
W
9
0
0
N
C
3
P
-
R
T
F
C
D
V
9
5
3
1
)
C
°
0
2
t
a
(
C
D
V
5
.
5
)
C
°
5
8
t
a
(
C
D
V
9
.
6
C
D
V
5
7
.
0
W
6
.
0
W
/
C
°
3
7
)
(
1
W
0
1
0
N
C
3
P
-
R
T
F
C
D
V
0
1
7
6
1
)
C
°
0
2
t
a
(
C
D
V
3
.
6
)
C
°
5
8
t
a
(
C
D
V
9
.
7
C
D
V
9
.
0
W
6
.
0
W
/
C
°
3
7
)
(
1
W
2
1
0
N
C
3
P
-
R
T
F
C
D
V
2
1
0
4
2
)
C
°
0
2
t
a
(
C
D
V
3
.
7
)
C
°
5
8
t
a
(
C
D
V
2
.
9
C
D
V
0
.
1
W
6
.
0
W
/
C
°
3
7
Coil
Resistance
(±10% at
20ºC)
Must
Release
Voltage
(at 20ºC)
Coil
Power at
Nominal
Voltage
Thermal
Resistance
(approx.)
Must Operate
Voltage


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn