Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

CE71 Datasheet(PDF) 3 Page - Fujitsu Component Limited.

Part No. CE71
Description  0.25um CMOS Technology
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FUJITSU [Fujitsu Component Limited.]
Homepage  http://edevice.fujitsu.com/fmd/en/index.html
Logo 

CE71 Datasheet(HTML) 3 Page - Fujitsu Component Limited.

   
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
PACKAGE AVAILABILITY
No. of Pins
Frame Size
Thin and Low Profile QFP Packages (0.4, 0.5 mm lead pitch)
100
K1, K2
120
K2, K3
144
K3, K4, K8, T2, T3
176
K4, K5, T3, T4
208
T4, T5, T6, T7, T8, T9
256
T8, T9, TA, TB, TC
Shrink QFP Package (0.5 mm lead pitch)
176
J1, J2, K4, K5
208
J3, J4, J5, K5, K6, K7, K8
240
J4, J5, J6, K6, K7, K8
Heatspreader QFP Package (0.4, 0.5 mm lead pitch)
208
J3, J4, J5, J6, J7, J8, J9, K5, K6, K7, K8
T4, T5, T6, T7, T8, T9
240
J4, J5, J6, J7, J8, J9, JA, K6, K7, K8, T6, T7, T8, T9, TA
256
J5, J6, J7, J8, J9, T7, T8, T9, TA, TB, TC
304
J7, J8, J9, JA, JB, JC, JD, JE, JF, JG, TB, TC, TD, TE, TG
Ball Grid Array (1.27 mm ball pitch)
256
J3, J4, T7, T8, T9, TA, TB
352
J6, J7, J8, TB, TC, TD
420
J8, J9, TD, TE
576
JA, JB
672
JC, JD
Fine-Pitch Ball Grid Array (0.75, 0.8 mm ball pitch)
144
T3
176
T3, T4
224
T5, T6, T7, T8, T9
288
T8, T9, TA, TB, TC
Tab Ball Grid Array (0.8, 1.0 mm ball pitch)
304
L4, L5
352
L5, L6, L7
480
L6, L7
560
L7, L8, LB, LC
660
L8, L9
720
L9, LA, LB, LC, LD, LE
0.25µm CMOS Technology
Fujitsu Microelectronics, Inc.


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn