Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LC78605E Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part No. LC78605E
Description  Compact Disc Player DSP with Built-in Microcontroller
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC78605E Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LC78605E Datasheet HTML 1Page - Sanyo Semicon Device LC78605E Datasheet HTML 2Page - Sanyo Semicon Device LC78605E Datasheet HTML 3Page - Sanyo Semicon Device LC78605E Datasheet HTML 4Page - Sanyo Semicon Device LC78605E Datasheet HTML 5Page - Sanyo Semicon Device LC78605E Datasheet HTML 6Page - Sanyo Semicon Device LC78605E Datasheet HTML 7Page - Sanyo Semicon Device LC78605E Datasheet HTML 8Page - Sanyo Semicon Device LC78605E Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
No.7735-2/11
LC78605E
• Uses 8
× oversampling digital filters to produce output data with improved continuity for the D/A converter.
• Built-in third-order noise shaper
∆∑ D/A converter and built-in analog low-pass filters
• Digital deemphasis function
• Zero cross muting
• Automatic discrimination and playback of CD-RW discs
<Display Block>
• Built-in LCD display driver supports 7-segment 3-digit plus symbol displays
• Monitor display for the play, program, repeat, random, and tuner functions
<Control Processing Block>
• A/D based key acquisition for play/pause, stop, forward scan, backward scan, repeat, program, and random
functions.
Features
• 64-pin QIP
• Supply voltage: 3.3V single source
Specifications
Absolute Maximum Ratings at Ta=25°C, VSS=0V
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage
VDD max
VSS – 0.3 to VSS + 4.0
V
Input voltage
VIN
VSS – 0.3 to VDD + 0.3
V
Output voltage
VOUT
VSS – 0.3 to VDD + 0.3
V
Allowable power dissipation
Pdmax
300
mW
Operating temperature
Topr
–20 to +75
°C
Storage temperature
Tstg
–40 to +125
°C
Parameter
Symbol
Pin name
Conditions
Ratings
Unit
min
typ
max
Supply voltage
VDD
DVDD, XVDD, LRVDD, AVDD
3.0
3.6
V
VIH (1)
DRF, DEFI
0.7VDD
VDD
V
HFL, TES, FMAMB, REMOTE,
Input high-level voltage
VIH (2)
PUIN, CLOSE, CDRESB,
0.8VDD
VDD
V
TUNERESB, MONI1 to 3
VIH (3)
EFMI
0.6VDD
VDD
V
VIL (1)
DRF, DEFI
0
0.3VDD
V
HFL, TES, MODE, FMAMB,
Input low-level voltage
VIL (2)
REMOTE, PUIN, CLOSE,
0
0.2VDD
V
CDRESB, TUNERESB, MONI1 to 3
VIL (3)
EFMIN
0
0.4VDD
V
VIN (1)
EFMIN
Slice level control
0.66
Vp-p
VIN (2)
XIN16M, XIN32K
Capacitor coupled
1.0
Vp-p
Input level
input
Input amplitude applied to the
* Conditions 1
VIN (3)
coupling capacitor connected to
* Conditions 2
0.05
Vrms
the TUNERIN pin
Fop
EFMIN
10
MHz
Operating frequency range
Fam
TUNERIN
FMAMB=“L”
0.5
5
MHz
Ffm
TUNERIN
FMAMB=“H”
50
120
MHz
Crystal oscillator frequency
FX16
XIN16M, XOUT16M
16.9344
MHz
Crystal oscillator frequency
FX32
XIN32K, XOUT32K
32.768
kHz
Allowable Operating Ranges at Ta=–20 to +75°C, VDD=3.0V to 3.6V, VSS=0V
* Conditions 1: The coupling capacitor must be located as close as possible to the TUNERIN pin.
* Conditions 2: Coupling capacitor: 100pF ±20 pF


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn