Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AND8002 Datasheet(PDF) 7 Page - ON Semiconductor

Part # AND8002
Description  ECLinPS, ECLinPS Lite, ECLinPS Plus ECLinPS MAX, and GigaComm Marking and Ordering Information Guide
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AND8002 Datasheet(HTML) 7 Page - ON Semiconductor

Back Button AND8002 Datasheet HTML 3Page - ON Semiconductor AND8002 Datasheet HTML 4Page - ON Semiconductor AND8002 Datasheet HTML 5Page - ON Semiconductor AND8002 Datasheet HTML 6Page - ON Semiconductor AND8002 Datasheet HTML 7Page - ON Semiconductor AND8002 Datasheet HTML 8Page - ON Semiconductor AND8002 Datasheet HTML 9Page - ON Semiconductor AND8002 Datasheet HTML 10Page - ON Semiconductor AND8002 Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
AND8002/D
http://onsemi.com
7
Package Suffix
The package suffixes are shown in the data sheet Marking Diagram. The package suffixes for all ECLinPS families and the
GigaComm family are listed in the following table.
Table 7. ECLinPS and GigaComm Package Suffixes
Suffix
Package
Pins
Case
Description
BA
FCBGA−16
16
489
Ball Grid Array
D
SO−8
8
751
Small Outline IC
D
SO−16
16
751B
Small Outline IC
DT
TSSOP−8
8
948R
Thin Shrink Small Outline Package
DT
TSSOP−16
16
948F
Thin Shrink Small Outline Package
DT
TSSOP−20
20
948E
Thin Shrink Small Outline Package
DW
SO−20
20
751D
Small Outline IC
FA
LQFP−32
32
873A
Leaded Quad Flat Pack
FA
LQFP−52
52
848−D
Leaded Quad Flat Pack
FA
LQFP−52
52
848H
Leaded Quad Flat Pack
FA
LQFP−64
64
848G
Leaded Quad Flat Pack
FN
PLCC−20
20
775
Plastic Leaded Chip Carrier
FN
PLCC−28
28
776
Plastic Leaded Chip Carrier
L
CDIP−16
16
620
Ceramic DIP
M
EIAJ SO−14
14
965
EIAJ Small Outline IC
MN
QFN−24
24
485L
Quad Flat No−Lead
L
CDIP−16
16
620
Ceramic DIP
P
PDIP−16
16
648
Plastic DIP
Shipping Specification
The “Shipping” column in the Ordering Information table specifies the shipping configuration that corresponds to the device
order number. Add R2 to the regular package suffix to order tape and reel shipping configurations. Refer to Brochure
BRD8011/D for further tape and reel information.


Similar Part No. - AND8002

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
AND8002D ONSEMI-AND8002D Datasheet
156Kb / 11P
   3.3V / 5V ECL 2-Input Differential XOR/XNOR
September, 2012 ??Rev. 6
More results

Similar Description - AND8002

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
AND8066 ONSEMI-AND8066 Datasheet
69Kb / 8P
   Interfacing with ECLinPS
May, 2002 ??Rev. 2
AND8009 ONSEMI-AND8009 Datasheet
192Kb / 67P
   ECLinPS Plus SPICE Modeling Kit
February, 2004 ??Rev. 10
AN1504 ONSEMI-AN1504 Datasheet
135Kb / 8P
   Metastability and the ECLinPS Family
November, 2004 ??Rev. 2
logo
List of Unclassifed Man...
C1D0112S-A ETC2-C1D0112S-A Datasheet
122Kb / 2P
   SPECIFICATIONS AND ORDERING INFORMATION
D2C-22 ETC2-D2C-22 Datasheet
84Kb / 2P
   SPECIFICATIONS AND ORDERING INFORMATION
logo
Xilinx, Inc
XC3S2000-5FGG456C XILINX-XC3S2000-5FGG456C Datasheet
5Mb / 272P
   Introduction and Ordering Information
XC3S5000-5FGG676C XILINX-XC3S5000-5FGG676C Datasheet
5Mb / 272P
   Introduction and Ordering Information
logo
List of Unclassifed Man...
D2-512 ETC2-D2-512 Datasheet
84Kb / 2P
   SPECIFICATIONS AND ORDERING INFORMATION
D2D-53 ETC2-D2D-53 Datasheet
88Kb / 3P
   SPECIFICATIONS AND ORDERING INFORMATION
logo
Altera Corporation
EPM ALTERA-EPM Datasheet
120Kb / 2P
   Reference and Ordering Information
August 2009, version 1.6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com