Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJU6824 Datasheet(PDF) 26 Page - New Japan Radio

Part # NJU6824
Description  128-common x (1282) RGB-Segment, in 4096-Color STN LCD DRIVER
Download  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJU6824 Datasheet(HTML) 26 Page - New Japan Radio

Back Button NJU6824 Datasheet HTML 22Page - New Japan Radio NJU6824 Datasheet HTML 23Page - New Japan Radio NJU6824 Datasheet HTML 24Page - New Japan Radio NJU6824 Datasheet HTML 25Page - New Japan Radio NJU6824 Datasheet HTML 26Page - New Japan Radio NJU6824 Datasheet HTML 27Page - New Japan Radio NJU6824 Datasheet HTML 28Page - New Japan Radio NJU6824 Datasheet HTML 29Page - New Japan Radio NJU6824 Datasheet HTML 30Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 110 page
background image
NJU6824
- 26 -
(7) Window addressing mode
Window area must be designated before RAM access.
In the window addressing mode, the address space of the DDRAM designated by the start and end point is
defined. The start point is determined by the “column address” and “row address” instructions, and the end
point is determined by the “Window end column address “and ”Window end row address” instructions. The
setting for the window addressing is listed in the following.
1. “Increment control” instruction set (HV, XD, YD)
2. Set the start point by the “column address” and “row address” instructions
3. Set the end point by the “Window end column address” and “Window end row address” instructions
4. Enable to access to the DDRAM in the window addressing mode
In addition, the read-modify-write operation is available by setting “AIM” register to ”L” in the “Increment
control” instruction.
For the window area designation, the address directions of RAM (HV, XD, YD) must be set first, and Column
address and Row of Start point must be set second, Column address and Row of Stop point must be set third,
then RAM should be accessed. Low address must be set first and High address must be set second in all of
addresses. The directions of HV, XD, YD should be check to keep the area in RAM.
And in the window addressing mode, the following start and end point must be maintained to abide a
malfunction.
column address
(X, Y)
Start point
End point
Window display area
(X, Y)
Whole DDRAM area
Fig7
(8) Reverse display ON/OFF
The “Reverse display ON/OFF” function is used to reverse the display data without changing the contents of
the DDRAM.
Table9
REV
Display
DDRAM data
→ Display data
0
0
0
Normal
1
1
0
1
1
Reverse
1
0
(9) Address directions of RAM access (Display rotation)
The bellow picture shows display image after set of HV, XD and YD for address directions. The display data
from CPU can be written into RAM with rotation to 90 degrees or 180 degrees or 270 degrees, and also
mirrored.
The address directions of RAM access is set by HV, XD and YD.
* : The segments of Icon are not rotated.


Similar Part No. - NJU6824

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU6820 NJRC-NJU6820 Datasheet
941Kb / 101P
   40-common x 128RGB-Segment, in 4096-Color 4096-Color STN LCD DRIVER
NJU6820CJ NJRC-NJU6820CJ Datasheet
941Kb / 101P
   40-common x 128RGB-Segment, in 4096-Color 4096-Color STN LCD DRIVER
More results

Similar Description - NJU6824

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S6B33A2 SAMSUNG-S6B33A2 Datasheet
383Kb / 67P
   128 RGB Segment & 129 Common Driver For 4,096 Color STN LCD
logo
New Japan Radio
NJU6820 NJRC-NJU6820 Datasheet
941Kb / 101P
   40-common x 128RGB-Segment, in 4096-Color 4096-Color STN LCD DRIVER
NJU6818 NJRC-NJU6818 Datasheet
844Kb / 102P
   80-Common X 104RGB-Segment in 4096-Color STN LCD DRIVER
logo
ELAN Microelectronics C...
EM65568 EMC-EM65568 Datasheet
1Mb / 112P
   130 COM/ 128 SEG 4096 Color STN LCD Driver
logo
Samsung semiconductor
S6B33B0A SAMSUNG-S6B33B0A Datasheet
423Kb / 76P
   144 RGB Segment & 177 Common Driver For 65,536 Color STN LCD
logo
New Japan Radio
NJU6680 NJRC-NJU6680 Datasheet
480Kb / 56P
   128-common x 128-segment 4-level Gray Scale BITMAP LCD DRIVER
logo
Samsung semiconductor
S6B33B2 SAMSUNG-S6B33B2 Datasheet
1Mb / 79P
   132 RGB Segment & 162 Common Driver For 65,536 Color STN LCD
logo
New Japan Radio
NJU6679 NJRC-NJU6679 Datasheet
598Kb / 46P
   128-common x 132-segment BIT MAP LCD DRIVER
logo
Silicon Laboratories
CP2400 SILABS-CP2400 Datasheet
768Kb / 110P
   128/64 SEGMENT LCD DRIVER
CP2400-GQ SILABS-CP2400-GQ Datasheet
768Kb / 110P
   128/64 SEGMENT LCD DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com