Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PJLC1V5 Datasheet(PDF) 4 Page - Pan Jit International Inc.

Part No. PJLC1V5
Description  LOW CAPACITANCE ESD / TRANSIENT DATA LINE PROTECTOR FOR 1.5V SYSTEMS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

PJLC1V5 Datasheet(HTML) 4 Page - Pan Jit International Inc.

  PJLC1V5 Datasheet HTML 1Page - Pan Jit International Inc. PJLC1V5 Datasheet HTML 2Page - Pan Jit International Inc. PJLC1V5 Datasheet HTML 3Page - Pan Jit International Inc. PJLC1V5 Datasheet HTML 4Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
PAGE . 4
STAD-OCT.10.2003
• Packing information
T/R - 12K per 13" plastic Reel
T/R - 3.0K per 7" plastic Reel
ORDER INFORMATION
LEGAL STATEMENT
IMPORTANT NOTICE
This information is intended to unambiguously characterize the product in order to facilitate the customer's evaluation
of the device in the application. The information will help the customer's technical experts determine that the device is
compatible and interchangeable with similar devices made by other vendors. The information in this data sheet is believed
to be reliable and accurate. The specifications and information herein are subject to change without notice. New
products and improvements in products and product characterization are constantly in process. Therefore, the factory
should be consulted for the most recent information and for any special characteristics not described or specified.
Copyright Pan Jit International Inc. 2003
All rights reserved. Reproduction in whole or in part is prohibited without the prior written consent of the copyright
owner.
The information presented in this document does not form part of any quotation or contract. The information presented is
believed to be accurate and reliable, and may change without notice in advance. No liability will be accepted by the
publisher for any consequence of use.Publication thereof does not convey nor imply any license under patent or other
industrial or intellectual property rights.


Similar Part No. - PJLC1V5

ManufacturerPart No.DatasheetDescription
Pan Jit International Inc.
Pan Jit International I...
PJLC1V5 PANJIT-PJLC1V5 Datasheet
65Kb / 4P
   SINGLE AND DUAL LOW CAPACITANCE ESD / TRANSIENT PROTECTOR FOR 1.5 V SYSTEMS
PJLC1V5D PANJIT-PJLC1V5D Datasheet
65Kb / 4P
   SINGLE AND DUAL LOW CAPACITANCE ESD / TRANSIENT PROTECTOR FOR 1.5 V SYSTEMS
PJLC1V5 PANJIT-PJLC1V5_06 Datasheet
65Kb / 4P
   SINGLE AND DUAL LOW CAPACITANCE ESD / TRANSIENT PROTECTOR FOR 1.5 V SYSTEMS
More results

Similar Description - PJLC1V5

ManufacturerPart No.DatasheetDescription
Central Semiconductor Corp
Central Semiconductor C...
CMPLC1V5 CENTRAL-CMPLC1V5 Datasheet
82Kb / 2P
   SURFACE MOUNT LOW CAPACITANCE ESD TRANSIENT DATA LINE PROTECTOR
CMPLC1V5 CENTRAL-CMPLC1V5_10 Datasheet
329Kb / 2P
   SURFACE MOUNT LOW CAPACITANCE SILICON ESD TRANSIENT DATA LINE PROTECTOR
CMPLC1V5 CENTRAL-CMPLC1V5 Datasheet
278Kb / 3P
   LOW CAPACITANCE ESD TRANSIENT DATA LINE PROTECTORS
Pan Jit International Inc.
Pan Jit International I...
PJLC1V5 PANJIT-PJLC1V5_06 Datasheet
65Kb / 4P
   SINGLE AND DUAL LOW CAPACITANCE ESD / TRANSIENT PROTECTOR FOR 1.5 V SYSTEMS
First Silicon Co., Ltd
First Silicon Co., Ltd
FTV05CAE FS-FTV05CAE Datasheet
387Kb / 4P
   Low Capacitance ESD Protector
GOOD-ARK Electronics
GOOD-ARK Electronics
SESLC3V3D323-2U GOOD-ARK-SESLC3V3D323-2U Datasheet
1Mb / 3P
   Low Capacitance ESD Protector
SES5VSC70-6U GOOD-ARK-SES5VSC70-6U Datasheet
605Kb / 6P
   Low Capacitance ESD Protector Array
ON Semiconductor
ON Semiconductor
NUP2114UCMR6 ONSEMI-NUP2114UCMR6 Datasheet
177Kb / 5P
   Transient Voltage Suppressors Low Capacitance ESD Protection for High Speed Data
January, 2010 ??Rev. 4
ESDR0524PMUTAG ONSEMI-ESDR0524PMUTAG Datasheet
105Kb / 3P
   Transient Voltage Suppressors Low Capacitance ESD Protection for High Speed Data
July, 2010 ??Rev. 1
Pan Jit International Inc.
Pan Jit International I...
PJCLAMP0502Q PANJIT-PJCLAMP0502Q Datasheet
48Kb / 3P
   DUAL ULTRA LOW CAPACITANCE ESD PROTECTOR ARRAY
More results


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz