Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC18IS600 Datasheet(PDF) 24 Page - NXP Semiconductors

Part # SC18IS600
Description  SPI to IC-bus interface
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC18IS600 Datasheet(HTML) 24 Page - NXP Semiconductors

Back Button SC18IS600 Datasheet HTML 20Page - NXP Semiconductors SC18IS600 Datasheet HTML 21Page - NXP Semiconductors SC18IS600 Datasheet HTML 22Page - NXP Semiconductors SC18IS600 Datasheet HTML 23Page - NXP Semiconductors SC18IS600 Datasheet HTML 24Page - NXP Semiconductors SC18IS600 Datasheet HTML 25Page - NXP Semiconductors SC18IS600 Datasheet HTML 26Page - NXP Semiconductors SC18IS600 Datasheet HTML 27Page - NXP Semiconductors SC18IS600 Datasheet HTML 28Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
SC18IS600_601_3
© NXP B.V. 2006. All rights reserved.
Product data sheet
Rev. 03 — 13 December 2006
24 of 28
NXP Semiconductors
SC18IS600/601
SPI to I2C-bus interface
11.4 Reflow soldering
Key characteristics in reflow soldering are:
Lead-free versus SnPb soldering; note that a lead-free reflow process usually leads to
higher minimum peak temperatures (see Figure 28) than a PbSn process, thus
reducing the process window
Solder paste printing issues including smearing, release, and adjusting the process
window for a mix of large and small components on one board
Reflow temperature profile; this profile includes preheat, reflow (in which the board is
heated to the peak temperature) and cooling down. It is imperative that the peak
temperature is high enough for the solder to make reliable solder joints (a solder paste
characteristic). In addition, the peak temperature must be low enough that the
packages and/or boards are not damaged. The peak temperature of the package
depends on package thickness and volume and is classified in accordance with
Table 15 and 16
Moisture sensitivity precautions, as indicated on the packing, must be respected at all
times.
Studies have shown that small packages reach higher temperatures during reflow
soldering, see Figure 28.
Table 15.
SnPb eutectic process (from J-STD-020C)
Package thickness (mm)
Package reflow temperature (
°C)
Volume (mm3)
< 350
≥ 350
< 2.5
235
220
≥ 2.5
220
220
Table 16.
Lead-free process (from J-STD-020C)
Package thickness (mm)
Package reflow temperature (
°C)
Volume (mm3)
< 350
350 to 2000
> 2000
< 1.6
260
260
260
1.6 to 2.5
260
250
245
> 2.5
250
245
245


Similar Part No. - SC18IS600

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SC18IS600 NXP-SC18IS600 Datasheet
173Kb / 30P
   SPI to I2C-bus interface
Rev. 05-28 July 2008
SC18IS600 NXP-SC18IS600 Datasheet
727Kb / 8P
   Smart, simple solutions for the 12 most common design concerns
August 2011
SC18IS600IBS NXP-SC18IS600IBS Datasheet
173Kb / 30P
   SPI to I2C-bus interface
Rev. 05-28 July 2008
SC18IS600IPW NXP-SC18IS600IPW Datasheet
173Kb / 30P
   SPI to I2C-bus interface
Rev. 05-28 July 2008
More results

Similar Description - SC18IS600

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SC18IS600 NXP-SC18IS600 Datasheet
173Kb / 30P
   SPI to I2C-bus interface
Rev. 05-28 July 2008
logo
Micron Technology
N25Q032A13ESE40F MICRON-N25Q032A13ESE40F Datasheet
884Kb / 82P
   SPI-compatible serial bus interface
logo
Micross Components
MYXN25Q256A13ESF MICROSS-MYXN25Q256A13ESF Datasheet
1Mb / 31P
   SPI-compatible serial bus interface
logo
Holt Integrated Circuit...
HI-3585 HOLTIC-HI-3585_15 Datasheet
129Kb / 19P
   Terminal IC with SPI Interface
logo
STMicroelectronics
M950X0-W STMICROELECTRONICS-M950X0-W Datasheet
823Kb / 46P
   Compatible with SPI bus serial interface
August 2014 Rev 13
logo
Renesas Technology Corp
HA12187FP RENESAS-HA12187FP Datasheet
249Kb / 22P
   Bus Interface Driver/Receiver IC
R2A11210SP RENESAS-R2A11210SP_15 Datasheet
211Kb / 26P
   Bus Interface Driver/Receiver IC
HA12240FP RENESAS-HA12240FP Datasheet
163Kb / 24P
   Bus Interface Driver/Receiver IC
logo
Hitachi Semiconductor
HA12187FP HITACHI-HA12187FP Datasheet
105Kb / 23P
   Bus Interface Driver/Receiver IC
logo
Renesas Technology Corp
CCA1224 RENESAS-CCA1224 Datasheet
972Kb / 13P
   Bus Interface IC (Driver, Receiver)
31-Oct-2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com