Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RC11 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # RC11
Description  General purpose chip resistors
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

RC11 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button RC11 Datasheet HTML 5Page - List of Unclassifed Manufacturers RC11 Datasheet HTML 6Page - List of Unclassifed Manufacturers RC11 Datasheet HTML 7Page - List of Unclassifed Manufacturers RC11 Datasheet HTML 8Page - List of Unclassifed Manufacturers RC11 Datasheet HTML 9Page - List of Unclassifed Manufacturers RC11 Datasheet HTML 10Page - List of Unclassifed Manufacturers RC11 Datasheet HTML 11Page - List of Unclassifed Manufacturers RC11 Datasheet HTML 12Page - List of Unclassifed Manufacturers RC11 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
2002 Apr 09 Rev.9
9
Phycomp
Product specification
General purpose chip resistors
sizes 1206, 0805, 0603 and 0402
RC01/11/21/31
5%
Fig.10 Pulse on a regular basis for type: RC21; maximum permissible peak pulse power
as a
function of pulse duration for single pulse and repetitive pulse tp/ti = 1000.
P
ˆ
max
()
handbook, full pagewidth
10 1
1
MBD591
1
10
102
10 2
10 3
10 4
10 5
10 6
10 2
Pmax
(W)
single pulse
t /t =1000
pi
10 1
t (s)
i
Fig.11 Pulse on a regular basis for type: RC21; maximum permissible peak pulse voltage
as a
function of pulse duration.
V
ˆ
max
()
handbook, full pagewidth
300
100
0
200
MBD592
10 1
1
10 2
10 3
10 4
10 5
10 6
Vmax
(V)
t (s)
i


Similar Part No. - RC11

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
RC11 PHILIPS-RC11 Datasheet
80Kb / 11P
   Standard chip resistors
1997 Feb 26
logo
CIT Relay & Switch
RC111 CIT-RC111 Datasheet
178Kb / 2P
   CIT SWITCH
logo
List of Unclassifed Man...
RC1113 ETC2-RC1113 Datasheet
402Kb / 1P
   Nylon-Insulated Fork Terminals
logo
Fairchild Semiconductor
RC1117 FAIRCHILD-RC1117 Datasheet
48Kb / 9P
   1A Adjustable/Fixed Low Dropout Linear Regulator
RC1117D25T FAIRCHILD-RC1117D25T Datasheet
48Kb / 9P
   1A Adjustable/Fixed Low Dropout Linear Regulator
More results

Similar Description - RC11

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
RC0075BR-0797R6L YAGEO-RC0075BR-0797R6L Datasheet
1,007Kb / 10P
   GENERAL PURPOSE CHIP RESISTORS
RC0402FR-07620RL YAGEO-RC0402FR-07620RL Datasheet
309Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
RC0805FR-078K2L YAGEO-RC0805FR-078K2L Datasheet
315Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
RC0603FR-076K8L YAGEO-RC0603FR-076K8L Datasheet
402Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
RC2512JK-0747KL YAGEO-RC2512JK-0747KL Datasheet
432Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
RC0603FR-0718RL YAGEO-RC0603FR-0718RL Datasheet
402Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
RC2512JK-0710RL YAGEO-RC2512JK-0710RL Datasheet
299Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
RC0402JR-0727KL YAGEO-RC0402JR-0727KL Datasheet
309Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
RC0201FR-0722KL YAGEO-RC0201FR-0722KL Datasheet
314Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
1018594 YAGEO-1018594 Datasheet
309Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com