Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

RC02 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part No. RC02
Description  Precision chip resistors
Download  15 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC1 [List of Unclassifed Manufacturers]
Homepage  
Logo 

RC02 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

 
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
2002 Apr 09 Rev.9
4
Phycomp
Product specification
Precision chip resistors
sizes 1206, 0805, 0603 and 0402
RC02/12/22/32
1%
FUNCTIONAL DESCRIPTION
Product characterization
Standard values of nominal
resistance are taken from the
E24/E96 series for resistors with a
tolerance of
–1%. The values of the
E24/96 series are in accordance with
“IEC publication 60 063”.
Limiting values
Note
1.
This is the maximum voltage that
may be continuously applied to
the resistor element, see
“IEC publication 60115-8”.
TYPE
LIMITING
VOLTAGE(1)
(V)
LIMITING
POWER
(W)
RC02
200
0.25
RC12
150
0.125
RC22
50
0.063/0.1
RC32
50
0.063
DERATING
The power that the resistor can dissipate depends on the operating
temperature; see Fig.1.
Fig.1
Maximum dissipation (Pmax) in percentage of rated power
as a function of the ambient temperature (Tamb).
CCB686
0
−55
50
70
100
155
125
Tamb (°C)
100
50
0
Pmax
(%Prated)
RC32
other
types
PULSE LOADING CAPABILITIES
Fig.2
Maximum permissible peak pulse voltage without failing to ‘open circuit’
in accordance with DIN IEC 60040 (CO) 533 for type: RC02.
handbook, full pagewidth
10
10 2
10 3
10 4
10 5
10 6
10 7
MBD641
10
4
10
10
2
10
3
V
R
(
Ω)
n
1.2/50
µs
10/700
µs
max
(V)
These pulses may not be applied on a regular basis.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
RC01General purpose chip resistors 1 2 3 4 5 MoreList of Unclassifed Manufacturers
MAX6602Five-Channel Precision Temperature Monitor 1 2 3 4 5 MoreMaxim Integrated Products
ZR285-25PRECISION 2.5 VOLT MICROPOWER VOLTAGE REFERENCE 1 2 3 4 Zetex Semiconductors
ZR4040-25PRECISION 2.5 VOLT MICROPOWER VOLTAGE REFERENCE 1 2 3 4 Zetex Semiconductors
CFRCarbon Film Resistors Normal & Miniature Style 1 2 List of Unclassifed Manufacturers
MFRMetal Film Resistors Normal & Miniature Style 1 2 List of Unclassifed Manufacturers

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn