Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PI49FCT805T Datasheet(PDF) 5 Page - Pericom Semiconductor Corporation

Part No. PI49FCT805T
Description  Fast CMOS Buffer/Clock Driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI49FCT805T Datasheet(HTML) 5 Page - Pericom Semiconductor Corporation

  PI49FCT805T Datasheet HTML 1Page - Pericom Semiconductor Corporation PI49FCT805T Datasheet HTML 2Page - Pericom Semiconductor Corporation PI49FCT805T Datasheet HTML 3Page - Pericom Semiconductor Corporation PI49FCT805T Datasheet HTML 4Page - Pericom Semiconductor Corporation PI49FCT805T Datasheet HTML 5Page - Pericom Semiconductor Corporation PI49FCT805T Datasheet HTML 6Page - Pericom Semiconductor Corporation PI49FCT805T Datasheet HTML 7Page - Pericom Semiconductor Corporation PI49FCT805T Datasheet HTML 8Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
PS7006C
06/27/01
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI49FCT805T
PI49FCT2805T/PI49FCT806T
Fast CMOS Buffer/Clock Driver
PI49FCT805/806TSwitchingCharacteristicsoverOperatingRange
Notes:
1. See test circuit and wave forms.
2. Minimum limits are guaranteed but not tested on Propagation Delays.
3. Skew measured at worse cast temperature (max. temp).
4. This parameter is guaranteed but not production tested.
TestsCircuitsForAllOutputs(1)
Pulse
Generator
D.U.T.
VIN
RT
VOUT
CL
500
500
50pF
VCC
7.0V
s
r
e
t
e
m
a
r
a
Pn
o
it
p
i
r
c
s
e
Ds
n
o
it
i
d
n
o
C
)
1
(
/
T
5
0
8
2
/
T
5
0
8
T
6
0
8
/
T
A
5
0
8
2
/
T
A
5
0
8
T
A
6
0
8
/
T
B
5
0
8
2
/
T
B
5
0
8
T
B
6
0
8
/
T
C
5
0
8
2
/
T
C
5
0
8
T
C
6
0
8
s
ti
n
U
.
m
o
Cm
o
C.
m
o
Cm
o
C
.
n
i
M.
x
a
M.
n
i
M.
x
a
M.
n
i
M.
x
a
M.
n
i
M.
x
a
M
t H
L
P
t L
H
P
y
al
e
D
n
o
it
a
g
a
p
o
r
P
N
I A o
tA
O N,
N
I B o
tB
O N
F
p
0
5
=
L
C
0
0
5
=
L
R
5
.
15
.
65
.
18
.
55
.
10
.
55
.
15
.
4
s
n
t H
Z
P
t L
Z
P
e
m
i
T
el
b
a
n
E
t
u
p
t
u
O
E
O A o
tA
O N,
E
O B o
tB
O N
5
.
10
.
85
.
10
.
85
.
15
.
85
.
12
.
6
t Z
H
P
t Z
L
P
e
m
i
T
el
b
a
si
D
t
u
p
t
u
O
)
4
(
E
O A o
tA
O N,
E
O B o
tB
O N
5
.
10
.
75
.
10
.
75
.
10
.
65
.
10
.
5
t
(
W
E
K
So) )
3
(
st
u
p
t
u
o
o
w
t
x
w
t
w
e
k
S
e
g
a
k
c
a
p
e
m
a
s
f
o
)
n
o
it
i
s
n
a
rt
e
m
a
s
(
—7
.
5
.
4
.
4
.
0
t
(
W
E
K
Sp) )
3
(
e
ti
s
o
p
p
o
x
w
t
w
e
k
S
t(
s
n
o
it
i
s
n
a
rt
L
H
P
t
- H
L
P )
t
u
p
t
u
o
e
m
a
s
f
o
—0
.
7
.
5
.
5
.
0
t
(
W
E
K
St) )
3
(
st
u
p
t
u
o
o
w
t
x
w
t
w
e
k
S
t
a
e
g
a
k
c
a
p
t
n
e
r
e
ff
i
d
f
o
e
r
u
t
a
r
e
p
m
e
t
e
m
a
s
)
n
o
it
i
s
n
a
rt
e
m
a
s
(
—5
.
0
.
0
.
0
.
1
Test
Switch
Open Drain
Disable LOW
Closed
Enable LOW
All Other Inputs
Open
Definitions:
CL = Load capacitance: includes jig and probe capacitance.
RT = Termination resistance: should be equal to ZOUT of the
Pulse Generator.
SwitchPosition


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn