Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MUR30120PT Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part No. MUR30120PT
Description  Ultra Fast Recovery Diodes
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC1 [List of Unclassifed Manufacturers]
Homepage  
Logo 

MUR30120PT Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

   
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MUR30120PT
Symbol
Test Conditions
Characteristic Values
typ.
max.
Unit
TVJ=25
oC; VR=VRRM
TVJ=25
oC; VR=0.8.VRRM
TVJ=125
oC; VR=0.8.VRRM
250
150
4
uA
uA
mA
IR
IF=15A; TVJ=150
oC
TVJ=25
oC
2.2
2.6
V
VF
RthJC
RthCK
RthJA
1.6
60
K/W
0.5
VR=540V; IF=15A; -diF/dt=100A/us; L<0.05uH; TVJ=100
oC
trr
IF=1A; -di/dt=50A/us; VR=30V; TVJ=25
oC
ns
IRM
7.2
A
50
VTO
For power-loss calculations only
1.65
V
rT
46.2
m
TVJ=TVJM
70
6.5
_
ADVANTAGES
* High reliability circuit operation
* Low voltage peaks for reduced
protection circuits
* Low noise switching
* Low losses
* Operating at lower temperature or
space saving by reduced cooling
APPLICATIONS
* Rectifiers in switch mode power
supplies (SMPS)
* Uninterruptible power supplies (UPS)
* Ultrasonic cleaners and welders
FEATURES
* International standard package
JEDEC TO-247AD
* Planar passivated chips
* Very short recovery time
* Extremely low switching losses
* Low IRM-values
* Soft recovery behaviour
Ultra Fast Recovery Diodes


Html Pages

1  2  3 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
FP125F12 500 V - 20 000 V Rectifier Stacks 2.2 A Forward Current 150 ns Recovery Time 1 2 List of Unclassifed Manufacturers
TFR7HSTROBO FLASHER APPLICATIONS FAST RECOVERY 1 2 Toshiba Semiconductor
DSEP2X91-06AHiPerFRED Epitaxial Diode with soft recovery 1 2 IXYS Corporation
HFA25TB60SUltrafast Soft Recovery Diode 1 2 3 4 5 MoreInternational Rectifier
OMR9807SC200 Krad Si Ultra Low Dropout Linear Regulator Hermetic Package 1 2 3 4 5 International Rectifier

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn