Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

OMR9807SC Datasheet(PDF) 1 Page - International Rectifier

Part No. OMR9807SC
Description  200 Krad(Si) Ultra Low Dropout Linear Regulator Hermetic Package
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

OMR9807SC Datasheet(HTML) 1 Page - International Rectifier

  OMR9807SC Datasheet HTML 1Page - International Rectifier OMR9807SC Datasheet HTML 2Page - International Rectifier OMR9807SC Datasheet HTML 3Page - International Rectifier OMR9807SC Datasheet HTML 4Page - International Rectifier OMR9807SC Datasheet HTML 5Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Absolute Maximum Ratings
Symbol
Parameter
Value
Units
Io
Output Current
3.5
A
Vin
Input Voltage
+7.0
V
PTOT
Power Dissipation TC=25 o C
19
W
RTHJC
Thermal Resistance, Junction to Case (MO-078AA)
6.5
°C/W
RTHJC
Thermal Resistance, Junction to Case (8 lead flatpack)
6.5
°C/W
TJ
Operating Junction
-55 to +125
oC
TSTG
Storage Temperature Range
-65 to +150
oC
T
L
Lead Temperature
300
oC
200 Krad(Si) Ultra Low Dropout
OMR9807SC
Linear Regulator
OMR9807SF
Hermetic Package
+5.0Vin to +2.5Vout / 3.0A
www.irf.com
1
Product Summary
Part Number
Vin
Vout
IO
Package
OMR9807SC
5.0 V
2.5V
3.0A
MO-078AA
OMR9807SF
5.0 V
2.5V
3.0A
8-Lead Flatpack
Features:
n Total dose and low dose capabilitiy to 200
Krad(Si) allows use in space applications
n Ultra low dropout voltage of 0.4 volts sig-
nificantly reduces power consumption
n Low noise, higher efficiency
n Remote shutdown permits power
sequencing to be easily implemented
n Hermetic MO-078AA (TO-258AA) and 8-
lead flat pack ensure higher reliability
n K-level screened
The OMR9807 is a radiation hardened, ultra low dropout
linear regulator designed specifically for space applica-
tions. This product has been characterized to a total ioniz-
ing dose of 200 Krad (Si) per MIL-STD-883, Method 1019,
Condition A at both high and low dose rates under biased
and unbiased conditions to account for ELDRS effects in
bipolar devices. The ultra low dropout voltage of 0.4V @
3A makes the part particularly useful for applications re-
quiring low noise and higher efficiency.
MO-078AA
PD-94490A
8/20/02


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn