Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

OMR9807SC Datasheet(PDF) 3 Page - International Rectifier

Part No. OMR9807SC
Description  200 Krad(Si) Ultra Low Dropout Linear Regulator Hermetic Package
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  IRF [International Rectifier]
Homepage  http://www.irf.com
Logo IRF - International Rectifier

OMR9807SC Datasheet(HTML) 3 Page - International Rectifier

  OMR9807SC Datasheet HTML 1Page - International Rectifier OMR9807SC Datasheet HTML 2Page - International Rectifier OMR9807SC Datasheet HTML 3Page - International Rectifier OMR9807SC Datasheet HTML 4Page - International Rectifier OMR9807SC Datasheet HTML 5Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
www.irf.com
3
OMR9807SC, OMR9807SF
OMR9807 Ripple Rejection vs. Frequency
0
20
40
60
80
100
120
100
1,000
10,000
100,000
1,000,000
Frequency (Hz)
3A
1.5A
.75A
.50A
220uF 6.3V
Tantalum
OMR9807
Vout
Vin
SHDN
GND
100uF 16V
Tantalum
1.0uF
Ceramic
X7R
Vin
Vout
Ground
In order to maintain regulation and stability speci-
fied additional input and output bulk capacitors are
recommended. Capacitors recommended above
should be low ESR tantalums with tolerances of +/
- 20% max. Internal to the product are a 4.7uF input
capacitor and a 4.7uF output capacitor in parallel
with a 0.33uF ceramic capacitor.
Shutdown: The regulator can be shutdown by apply-
ing a voltage >1.6V to pin 4. The regulator will restart
when the SHDN pin is pulled below the shutdown
threshold of 1.0V. If remote shutdown is not required,
pin 4 shold be connected to GND to insure a safe “off”
state.


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn