Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MT9LSDT872 Datasheet(PDF) 4 Page - Micron Technology

Part No. MT9LSDT872
Description  SYNCHRONOUS DRAM MODULE
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

MT9LSDT872 Datasheet(HTML) 4 Page - Micron Technology

  MT9LSDT872 Datasheet HTML 1Page - Micron Technology MT9LSDT872 Datasheet HTML 2Page - Micron Technology MT9LSDT872 Datasheet HTML 3Page - Micron Technology MT9LSDT872 Datasheet HTML 4Page - Micron Technology MT9LSDT872 Datasheet HTML 5Page - Micron Technology MT9LSDT872 Datasheet HTML 6Page - Micron Technology MT9LSDT872 Datasheet HTML 7Page - Micron Technology MT9LSDT872 Datasheet HTML 8Page - Micron Technology MT9LSDT872 Datasheet HTML 9Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
4
8, 16 Meg x 72 PC133/PC100 Registered SDRAM DIMMs
MicronTechnology,Inc.,reservestherighttochangeproductsorspecificationswithoutnotice.
ZM28_3.p65 – Rev. 4/00
©1999,MicronTechnology,Inc.
8, 16 MEG x 72
REGISTERED SDRAM DIMMs
ADVANCE
A0
SA0
SPD
SDA
A1
SA1
A2
SA2
RAS#
CAS#
CKE0
WE#
A0-A11
RRAS#: SDRAMs U0-U8
RCAS#: SDRAMs U0-U8
RCKE0: SDRAMs U0-U8
RWE#: SDRAMs U0-U8
RA0-RA11: SDRAMs U0-U8
RBA0: SDRAMs U0-U8
RBA1: SDRAMs U0-U8
RS0#, RS2#
RDQMB0-RDQMB7
BA0
BA1
S0#, S2#
DQMB0-DQMB7
PLL CLK
VDD
VSS
SDRAMs U0-U8
SDRAMs U0-U8
DQM CS#
U10
DQ0
DQ1
DQ2
DQ3
DQ4
DQ5
DQ6
DQ7
DQ56
DQ57
DQ58
DQ59
DQ60
DQ61
DQ62
DQ63
RDQMB7
DQM CS#
U11
DQ0
DQ1
DQ2
DQ3
DQ4
DQ5
DQ6
DQ7
DQ48
DQ49
DQ50
DQ51
DQ52
DQ53
DQ54
DQ55
RDQMB6
DQM CS#
U13
DQ0
DQ1
DQ2
DQ3
DQ4
DQ5
DQ6
DQ7
DQ40
DQ41
DQ42
DQ43
DQ44
DQ45
DQ46
DQ47
RDQMB5
DQM CS#
U14
DQ0
DQ1
DQ2
DQ3
DQ4
DQ5
DQ6
DQ7
DQ32
DQ33
DQ34
DQ35
DQ36
DQ37
DQ38
DQ39
RDQMB4
DQM CS#
U4
U5, U7
U6
U9
U8
DQ0
DQ1
DQ2
DQ3
DQ4
DQ5
DQ6
DQ7
DQ24
DQ25
DQ26
DQ27
DQ28
DQ29
DQ30
DQ31
RDQMB3
DQM CS#
U3
DQ0
DQ1
DQ2
DQ3
DQ4
DQ5
DQ6
DQ7
DQ16
DQ17
DQ18
DQ19
DQ20
DQ21
DQ22
DQ23
RDQMB2
DQM CS#
U2
DQ0
DQ1
DQ2
DQ3
DQ4
DQ5
DQ6
DQ7
DQ8
DQ9
DQ10
DQ11
DQ12
DQ13
DQ14
DQ15
RDQMB1
DQM CS#
U1
DQ0
DQ1
DQ2
DQ3
DQ4
DQ5
DQ6
DQ7
DQ0
DQ1
DQ2
DQ3
DQ4
DQ5
DQ6
DQ7
RDQMB0
RS2#
RS0#
DQM CS#
U12
DQ0
DQ1
DQ2
DQ3
DQ4
DQ5
DQ6
DQ7
CB0
CB1
CB2
CB3
CB4
CB5
CB6
CB7
REGE
VDD
10K
R
E
G
I
S
T
E
R
WP
PLL
SDRAM x 3
SDRAM x 3
SDRAM x 3
REGISTER x 2
CK0
12pF
12pF
CK1-CK3
SCL
47K
U0-U8 = MT48LC8M8A2TG SDRAMs for 64MB
U0-U8 = MT48LC16M8A2TG SDRAMs for 128MB
NOTE:
1. All resistor values are 10 ohms unless otherwise specified.
FUNCTIONAL BLOCK DIAGRAM
MT9LSDT872 (64MB) AND MT9LSDT1672 (128MB)


Similar Part No. - MT9LSDT872

ManufacturerPart No.DatasheetDescription
Micron Technology
Micron Technology
MT9LSDT1672A(I) MICRON-MT9LSDT1672A(I) Datasheet
677Kb / 26P
   SYNCHRONOUS DRAM MODULE
MT9LSDT1672AY MICRON-MT9LSDT1672AY Datasheet
677Kb / 26P
   SYNCHRONOUS DRAM MODULE
MT9LSDT6472A MICRON-MT9LSDT6472A Datasheet
979Kb / 29P
   Synchronous DRAM Module
More results

Similar Description - MT9LSDT872

ManufacturerPart No.DatasheetDescription
Micron Technology
Micron Technology
MT8LSDT3264AY MICRON-MT8LSDT3264AY Datasheet
525Kb / 28P
   Synchronous DRAM Module
MT18LSDT12872AG MICRON-MT18LSDT12872AG Datasheet
979Kb / 29P
   Synchronous DRAM Module
MT9LSDT1672AY MICRON-MT9LSDT1672AY Datasheet
677Kb / 26P
   SYNCHRONOUS DRAM MODULE
MT36LSDT12872G MICRON-MT36LSDT12872G Datasheet
1,002Kb / 30P
   Synchronous DRAM Module
MT8LSDT3264A MICRON-MT8LSDT3264A Datasheet
614Kb / 24P
   SYNCHRONOUS DRAM MODULE
MT36LSDT25672G MICRON-MT36LSDT25672G Datasheet
1,002Kb / 30P
   Synchronous DRAM Module
MT48LC32M4A1 MICRON-MT48LC32M4A1 Datasheet
3Mb / 51P
   SYNCHRONOUS DRAM
MT48LC64M4A2 MICRON-MT48LC64M4A2 Datasheet
1Mb / 62P
   SYNCHRONOUS DRAM
Eorex Corporation
Eorex Corporation
EM482M3244VTB EOREX-EM482M3244VTB_15 Datasheet
1Mb / 17P
   Synchronous DRAM
EM48AM1684VBE EOREX-EM48AM1684VBE_15 Datasheet
1Mb / 17P
   Synchronous DRAM
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download

Go To PDF Page


Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz