Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MT9LSDT872 Datasheet(PDF) 17 Page - Micron Technology

Part No. MT9LSDT872
Description  SYNCHRONOUS DRAM MODULE
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

MT9LSDT872 Datasheet(HTML) 17 Page - Micron Technology

Back Button MT9LSDT872 Datasheet HTML 10Page - Micron Technology MT9LSDT872 Datasheet HTML 11Page - Micron Technology MT9LSDT872 Datasheet HTML 12Page - Micron Technology MT9LSDT872 Datasheet HTML 13Page - Micron Technology MT9LSDT872 Datasheet HTML 14Page - Micron Technology MT9LSDT872 Datasheet HTML 15Page - Micron Technology MT9LSDT872 Datasheet HTML 16Page - Micron Technology MT9LSDT872 Datasheet HTML 17Page - Micron Technology MT9LSDT872 Datasheet HTML 18Page - Micron Technology  
Zoom Inzoom in Zoom Outzoom out
 17 / 18 page
background image
17
8, 16 Meg x 72 PC133/PC100 Registered SDRAM DIMMs
MicronTechnology,Inc.,reservestherighttochangeproductsorspecificationswithoutnotice.
ZM28_3.p65 – Rev. 4/00
©1999,MicronTechnology,Inc.
8, 16 MEG x 72
REGISTERED SDRAM DIMMs
ADVANCE
SERIAL PRESENCE-DETECT EEPROM
TIMING PARAMETERS
SYMBOL
MIN
MAX
UNITS
tAA
0.3
3.5
µs
tBUF
4.7
µs
tDH
300
ns
tF
300
ns
tHD:DAT
0
µs
tHD:STA
4
µs
SPD EEPROM
SCL
SDA IN
SDA OUT
tLOW
tSU:STA
tHD:STA
tF
tHIGH
tR
tBUF
tDH
tAA
tSU:STO
tSU:DAT
tHD:DAT
UNDEFINED
SYMBOL
MIN
MAX
UNITS
tHIGH
4
µs
tLOW
4.7
µs
tR1
µs
tSU:DAT
250
ns
tSU:STA
4.7
µs
tSU:STO
4.7
µs


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
VL-FS-MDLS16166D-11 SPECIFICATION OF LCD MODULE TYPE 1  2  3  4  5  More Varitronix international limited
VL-FS-MGLS128128-19C SPECIFICATION OF LCD MODULE TYPE 1  2  3  4  5  More Varitronix international limited
MMG1001NT1 Gallium Arsenide CATV Integrated Amplifier Module 1  2  3  4  5  More Freescale Semiconductor, Inc
AS4LC4M4883C 4 MEG x 4 DRAM 3.3V EDO PAGE MODE 1  2  3  4  5  More Austin Semiconductor
VL-FS-MDLS161612D-09 SPECIFICATION OF LCD MODULE TYPE 1  2  3  4  5  More Varitronix international limited
VL-FS-MGLS128128-29C SPECIFICATION OF LCD MODULE TYPE 1  2  3  4  5  More Varitronix international limited
IS61SF25616 256K x 16 256K x 18 SYNCHRONOUS FLOW-THROUGH STATIC RAM 1  2  3  4  5  More Integrated Silicon Solution, Inc
TLM-T350MPV-01 LCM Module Specification 1  Varitronix international limited
VL-FS-MDLS161615D-01 SPECIFICATION OF LCD MODULE TYPE 1  2  3  4  5  More Varitronix international limited
VL-FS-MGLS128128-35C SPECIFICATION OF LCD MODULE TYPE 1  2  3  4  5  More Varitronix international limited

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn