Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MT9LSDT872 Datasheet(PDF) 6 Page - Micron Technology

Part No. MT9LSDT872
Description  SYNCHRONOUS DRAM MODULE
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

MT9LSDT872 Datasheet(HTML) 6 Page - Micron Technology

Back Button MT9LSDT872 Datasheet HTML 2Page - Micron Technology MT9LSDT872 Datasheet HTML 3Page - Micron Technology MT9LSDT872 Datasheet HTML 4Page - Micron Technology MT9LSDT872 Datasheet HTML 5Page - Micron Technology MT9LSDT872 Datasheet HTML 6Page - Micron Technology MT9LSDT872 Datasheet HTML 7Page - Micron Technology MT9LSDT872 Datasheet HTML 8Page - Micron Technology MT9LSDT872 Datasheet HTML 9Page - Micron Technology MT9LSDT872 Datasheet HTML 10Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
6
8, 16 Meg x 72 PC133/PC100 Registered SDRAM DIMMs
MicronTechnology,Inc.,reservestherighttochangeproductsorspecificationswithoutnotice.
ZM28_3.p65 – Rev. 4/00
©1999,MicronTechnology,Inc.
8, 16 MEG x 72
REGISTERED SDRAM DIMMs
ADVANCE
PIN DESCRIPTIONS (continued)
PIN NUMBERS
SYMBOL
TYPE
DESCRIPTION
8 2
SDA
Input/
Serial Presence-Detect Data: SDA is a bidirectional pin
Output
used to transfer addresses and data into and data out of the
presence-detect portion of the module.
6, 18, 26, 40-41, 49, 59,
VDD
Supply
Power Supply: +3.3V ±0.3V.
73, 84, 90, 102, 110, 124,
133, 143, 157, 168
1, 12, 23, 32, 43, 54, 64,
VSS
Supply
Ground.
68, 78, 85, 96, 107, 116,
127, 138, 148, 152, 162
63, 114, 126, 129, 132
RFU
Reserved for Future Use: These pins are not connected on this
module but are assigned pins on other SDRAM versions.
31, 44, 48
DNU
Do Not Use: These pins are not connected on this module but
are assigned pins on the compatible DRAM version.


Similar Part No. - MT9LSDT872

ManufacturerPart No.DatasheetDescription
Micron Technology
Micron Technology
MT9LSDT1672A(I) MICRON-MT9LSDT1672A(I) Datasheet
677Kb / 26P
   SYNCHRONOUS DRAM MODULE
MT9LSDT1672AY MICRON-MT9LSDT1672AY Datasheet
677Kb / 26P
   SYNCHRONOUS DRAM MODULE
MT9LSDT6472A MICRON-MT9LSDT6472A Datasheet
979Kb / 29P
   Synchronous DRAM Module
More results

Similar Description - MT9LSDT872

ManufacturerPart No.DatasheetDescription
Micron Technology
Micron Technology
MT8LSDT3264AY MICRON-MT8LSDT3264AY Datasheet
525Kb / 28P
   Synchronous DRAM Module
MT18LSDT12872AG MICRON-MT18LSDT12872AG Datasheet
979Kb / 29P
   Synchronous DRAM Module
MT9LSDT1672AY MICRON-MT9LSDT1672AY Datasheet
677Kb / 26P
   SYNCHRONOUS DRAM MODULE
MT36LSDT12872G MICRON-MT36LSDT12872G Datasheet
1,002Kb / 30P
   Synchronous DRAM Module
MT8LSDT3264A MICRON-MT8LSDT3264A Datasheet
614Kb / 24P
   SYNCHRONOUS DRAM MODULE
MT36LSDT25672G MICRON-MT36LSDT25672G Datasheet
1,002Kb / 30P
   Synchronous DRAM Module
MT48LC32M4A1 MICRON-MT48LC32M4A1 Datasheet
3Mb / 51P
   SYNCHRONOUS DRAM
MT48LC64M4A2 MICRON-MT48LC64M4A2 Datasheet
1Mb / 62P
   SYNCHRONOUS DRAM
Eorex Corporation
Eorex Corporation
EM482M3244VTB EOREX-EM482M3244VTB_15 Datasheet
1Mb / 17P
   Synchronous DRAM
EM48AM1684VBE EOREX-EM48AM1684VBE_15 Datasheet
1Mb / 17P
   Synchronous DRAM
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download

Go To PDF Page


Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz